Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2371 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX2371
Description  LNAs with Step Attenuator and VGA
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2371 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX2371 Datasheet HTML 2Page - Maxim Integrated Products MAX2371 Datasheet HTML 3Page - Maxim Integrated Products MAX2371 Datasheet HTML 4Page - Maxim Integrated Products MAX2371 Datasheet HTML 5Page - Maxim Integrated Products MAX2371 Datasheet HTML 6Page - Maxim Integrated Products MAX2371 Datasheet HTML 7Page - Maxim Integrated Products MAX2371 Datasheet HTML 8Page - Maxim Integrated Products MAX2371 Datasheet HTML 9Page - Maxim Integrated Products MAX2371 Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
LNAs with Step Attenuator and VGA
_______________________________________________________________________________________
7
Table 2. MAX2373 S-Parameters
(VCC = 2.775V, RX_EN = high, LNA_I = high, RF_ATTN = low, PIN = -30dBm, TA = +25°C.)
LNA (S11)
LNA (S21)
LNA (S12)
LNA (S22)
FREQUENCY
(MHz)
MAGNITUDE
PHASE
MAGNITUDE
PHASE
MAGNITUDE
PHASE
MAGNITUDE
PHASE
10
0.952248
-0.8171
7.273610
-178.830
0.002162
-89.276
1.000092
-0.8184
100
0.933405
-9.1461
7.077013
163.940
0.001346
78.684
0.993482
-2.3140
200
0.884179
-16.6570
6.529802
150.770
0.002137
32.634
0.991791
-3.8136
300
0.824784
-22.6500
5.929253
139.770
0.002217
72.860
0.983762
-5.6360
400
0.767609
-27.4800
5.400078
130.020
0.001332
86.532
0.971102
-7.2455
500
0.709643
-30.9910
4.904559
121.750
0.001641
86.431
0.958562
-8.9841
600
0.656682
-34.5840
4.431492
113.750
0.002297
70.617
0.955972
-10.7250
700
0.616673
-37.2530
4.016983
107.480
0.001701
105.050
0.946259
-12.1890
800
0.586388
-39.7830
3.644182
101.820
0.002688
73.619
0.941846
-13.4650
900
0.558837
-41.8580
3.313218
97.239
0.001077
143.410
0.933168
-15.1090
1000
0.536056
-42.9140
3.059039
92.435
0.001617
102.100
0.938912
-16.8900
1100
0.524439
-44.4030
2.805078
87.484
0.001442
151.320
0.932492
-18.5160
1200
0.516220
-45.9560
2.614027
82.687
0.002973
178.790
0.926200
-20.8080
1300
0.511487
-47.1900
2.417436
78.482
0.003764
-175.540
0.919094
-23.6930
1400
0.508259
-47.9420
2.253642
74.093
0.004195
-176.470
0.919952
-25.7200
1500
0.504028
-49.1020
2.090210
70.061
0.007366
-163.150
0.917498
-27.9410
1600
0.509736
-50.1550
1.975627
66.443
0.008200
-162.620
0.919486
-29.8050
1700
0.510000
-51.3530
1.841259
63.336
0.010929
-163.870
0.923092
-32.1340
1800
0.513009
-52.9500
1.719293
59.870
0.015327
-160.350
0.924634
-33.9510
1900
0.515994
-54.6510
1.597405
56.385
0.016692
-162.560
0.933781
-36.3470
2000
0.510141
-55.6650
1.467185
53.411
0.018843
-177.660
0.933039
-38.8240
Table 3. MAX2371 Typical Noise Parameters
(VCC = 2.775V, RX_EN = high, LNA_I = high, RF_ATTN = low, PIN = -30dBm, TA = +25°C, data from design simulation.)
FREQUENCY (MHz)
NFMIN (dB)
⎜ΓOPT⎟∠ ΓOPT
RN (
Ω)
130
0.84
0.34
46.4
8.8
140
0.83
0.35
49.3
8.5
150
0.82
0.34
52.7
8.1
160
0.81
0.34
56.2
7.8
170
0.81
0.33
59.8
7.5
180
0.81
0.32
63.4
7.1


Similar Part No. - MAX2371

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2371 MAXIM-MAX2371 Datasheet
303Kb / 7P
   All Critical Peripheral Components Included
Rev 0; 2/02
MAX2371EVKIT MAXIM-MAX2371EVKIT Datasheet
303Kb / 7P
   All Critical Peripheral Components Included
Rev 0; 2/02
More results

Similar Description - MAX2371

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2674 MAXIM-MAX2674_V01 Datasheet
1Mb / 9P
   GPS/GNSS LNAs with Antenna Switch and Bias
2015
MAX2674 MAXIM-MAX2674 Datasheet
1Mb / 9P
   GPS/GNSS LNAs with Antenna Switch and Bias
Rev 0; 12/10
logo
ANADIGICS, Inc
ARA1400 ANADIGICS-ARA1400 Datasheet
284Kb / 12P
   Reverse Amplifier with Step Attenuator
ARA2004 ANADIGICS-ARA2004 Datasheet
264Kb / 20P
   Reverse Amplifier with Step Attenuator
ARA2008 ANADIGICS-ARA2008 Datasheet
115Kb / 8P
   Reverse Amplifier with Step Attenuator
ARA05050 ANADIGICS-ARA05050 Datasheet
551Kb / 16P
   Reverse Amplifier with Step Attenuator
ARA2005 ANADIGICS-ARA2005 Datasheet
227Kb / 16P
   Reverse Amplifier with Step Attenuator
logo
Skyworks Solutions Inc.
ARA05050 SKYWORKS-ARA05050 Datasheet
2Mb / 16P
   Reverse Amplifier with Step Attenuator
logo
ANADIGICS, Inc
ARA05050 ANADIGICS-ARA05050_12 Datasheet
471Kb / 14P
   Reverse Amplifier with Step Attenuator
ARA1400S12 ANADIGICS-ARA1400S12 Datasheet
393Kb / 8P
   CATV Reverse Amplifier with step Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com