Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2371ETC+ Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX2371ETC+
Description  LNAs with Step Attenuator and VGA
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2371ETC+ Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX2371ETC+ Datasheet HTML 1Page - Maxim Integrated Products MAX2371ETC+ Datasheet HTML 2Page - Maxim Integrated Products MAX2371ETC+ Datasheet HTML 3Page - Maxim Integrated Products MAX2371ETC+ Datasheet HTML 4Page - Maxim Integrated Products MAX2371ETC+ Datasheet HTML 5Page - Maxim Integrated Products MAX2371ETC+ Datasheet HTML 6Page - Maxim Integrated Products MAX2371ETC+ Datasheet HTML 7Page - Maxim Integrated Products MAX2371ETC+ Datasheet HTML 8Page - Maxim Integrated Products MAX2371ETC+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
LNAs with Step Attenuator and VGA
_______________________________________________________________________________________
3
AC ELECTRICAL CHARACTERISTICS (continued)
(MAX2371/MAX2373 EV Kits, VCC = 2.65V to 3.3V, RX_EN = high, RSET = 1.1k
Ω, TA = -40°C to +85°C. Typical values are at VCC =
2.775V; for MAX2371 fRF = 150MHz, for MAX2373 fRF = 850MHz to 940MHz; TA = +25°C, unless otherwise noted.) (Note 1)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VAGC = 1.275V
1.8
2.2
VAGC = 1.575V
5.0
7.7
VAGC = 1.875V
11
14.5
LNA_I = high, TA =
+25°C, VCC = 2.775V,
RF_ATTN = low
VAGC = 2.175V
20
SSB Noise Figure vs. AGC
LNA_I = low, TA =
+25°C, VCC = 2.775V,
RF_ATTN = low
VAGC = 1.275V
2.1
2.6
dB
LNA_I = high
-21.5
19.5
RF_ATTN = low,
VAGC < 1.8V
LNA_I = low
-24
-22
LNA_I = high
-3
0
Input 1dB Compression Point
RF_ATTN = high,
VAGC < 1.8V
LNA_I = low
-9
-6.5
dBm
LNA_I = high
-5
-1
MAX2371
-7
-4
RF_ATTN = low,
VAGC = VCC/2
LNA_I = low
MAX2373
-12
-9
dBm
Input IP3 (Notes 4, 5)
RF_ATTN = high,
VAGC = VCC/2 to 2.575V
LNA_I = high
9
13
dBm
MAX2371
-10.5
-8
Input IP3 Over AGC Range
RF_ATTN = low, LNA_I = high,
VAGC = VCC/2 to 1.80V
MAX2373
-12.5
-10.5
dBm
AGC RESPONSE
AGC Attenuation Range (Note 6)
VCC = 2.775V, RF_ATTN = low, VAGC = 1.3375V
to 2.575V, TA = +25°C
35
45
dB
RF_ATTN = low, VAGC = 1.625V
32
40
47
AGC Slope Over Control Range
RF_ATTN = high, VAGC = 1.625V
24
33
41
dB/V
RF STEP ATTENUATOR
MAX2371
16.0
17.5
19.0
Gain Step
RF_ATTN = high to low,
LNA_I = high
MAX2373
18.0
19.5
21.0
dB
Note 1: Parameters over temperature and supply voltage range are guaranteed by design and characterization, unless otherwise noted.
Note 2: Operation outside these frequency bands is possible but has not been characterized. See Typical Operating Characteristics.
Note 3: Measured with external matching network.
Note 4: fIN1 = 150MHz, fIN2 = 150.1MHz, PIN = -30dBm for both tones (MAX2371).
Note 5: fIN1 = 900MHz, fIN2 = 900.1MHz, PIN = -30dBm for both tones (MAX2373).
Note 6: Parameters are guaranteed by production test.


Similar Part No. - MAX2371ETC+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2371EVKIT MAXIM-MAX2371EVKIT Datasheet
303Kb / 7P
   All Critical Peripheral Components Included
Rev 0; 2/02
More results

Similar Description - MAX2371ETC+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2674 MAXIM-MAX2674_V01 Datasheet
1Mb / 9P
   GPS/GNSS LNAs with Antenna Switch and Bias
2015
MAX2674 MAXIM-MAX2674 Datasheet
1Mb / 9P
   GPS/GNSS LNAs with Antenna Switch and Bias
Rev 0; 12/10
logo
ANADIGICS, Inc
ARA1400 ANADIGICS-ARA1400 Datasheet
284Kb / 12P
   Reverse Amplifier with Step Attenuator
ARA2004 ANADIGICS-ARA2004 Datasheet
264Kb / 20P
   Reverse Amplifier with Step Attenuator
ARA2008 ANADIGICS-ARA2008 Datasheet
115Kb / 8P
   Reverse Amplifier with Step Attenuator
ARA05050 ANADIGICS-ARA05050 Datasheet
551Kb / 16P
   Reverse Amplifier with Step Attenuator
ARA2005 ANADIGICS-ARA2005 Datasheet
227Kb / 16P
   Reverse Amplifier with Step Attenuator
logo
Skyworks Solutions Inc.
ARA05050 SKYWORKS-ARA05050 Datasheet
2Mb / 16P
   Reverse Amplifier with Step Attenuator
logo
ANADIGICS, Inc
ARA05050 ANADIGICS-ARA05050_12 Datasheet
471Kb / 14P
   Reverse Amplifier with Step Attenuator
ARA1400S12 ANADIGICS-ARA1400S12 Datasheet
393Kb / 8P
   CATV Reverse Amplifier with step Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com