Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90F867ASPFV Datasheet(PDF) 9 Page - Fujitsu Component Limited.

Part # MB90F867ASPFV
Description  16-bit general-purpose microcontroller
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F867ASPFV Datasheet(HTML) 9 Page - Fujitsu Component Limited.

Back Button MB90F867ASPFV Datasheet HTML 5Page - Fujitsu Component Limited. MB90F867ASPFV Datasheet HTML 6Page - Fujitsu Component Limited. MB90F867ASPFV Datasheet HTML 7Page - Fujitsu Component Limited. MB90F867ASPFV Datasheet HTML 8Page - Fujitsu Component Limited. MB90F867ASPFV Datasheet HTML 9Page - Fujitsu Component Limited. MB90F867ASPFV Datasheet HTML 10Page - Fujitsu Component Limited. MB90F867ASPFV Datasheet HTML 11Page - Fujitsu Component Limited. MB90F867ASPFV Datasheet HTML 12Page - Fujitsu Component Limited. MB90F867ASPFV Datasheet HTML 13Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 62 page
background image
MB90860A Series
9
(Continued)
Pin No.
Pin name
Circuit
type
Function
LQFP100*2 QFP100*1
92
94
P15
G
General purpose I/O. The register can be set to select whether
to use a pull-up resistor. This function is enabled in single-chip
mode.
AD13
I/O pin for bit 13 of the external address/data bus.
This function is enabled when the external bus is enabled.
SIN4
Serial data input pin for UART4 (MB90V340 only)
93
95
P16
G
General purpose I/O. The register can be set to select whether
to use a pull-up resistor. This function is enabled in single-chip
mode.
AD14
I/O pin for bit 14 of the external address/data bus.
This function is enabled when the external bus is enabled.
SOT4
Serial data output pin for UART4 (MB90V340 only)
94
96
P17
G
General purpose I/O. The register can be set to select whether
to use a pull-up resistor. This function is enabled in single-chip
mode.
AD15
I/O pin for bit 15 of the external address/data bus. This function
is enabled when the external bus is enabled.
SCK4
Clock I/O pin for UART4 (MB90V340 only)
95 to 98
97 to 100
P20 to P23
G
General purpose I/O. The register can be set to select whether
to use a pull-up resistor.In external bus mode, the pin is
enabled as a general-purpose I/O port when the corresponding
bit in the external address output control register (HACR) is 1.
A16 to A19
Output pins for A16 to A19 of the external address bus. When
the corresponding bit in the external address output control
register (HACR) is 0, the pins are enabled as high address
output pins (A16 to A19).
PPG9,PPGB,
PPGD,PPGF
Output pins for PPGs
99 to 2
1 to 4
P24 to P27
G
General purpose I/O. The register can be set to select whether
to use a pull-up resistor.In external bus mode, the pin is
enabled as a general-purpose I/O port when the corresponding
bit in the external address output control register (HACR) is 1.
A20 to A23
Output pins for A20 to A23 of the external address bus. When
the corresponding bit in the external address output control
register (HACR) is 0, the pins are enabled as high address
output pins (A20 to A23).
IN0 to IN3
Data sample input pins for input captures ICU0 to ICU3
35
P30
G
General purpose I/O.The register can be set to select whether
to use a pull-up resistor.This function is enabled in single-chip
mode.
ALE
Address latch enable output pin. This function is enabled when
the external bus is enabled.
IN4
Data sample input pin for input capture ICU4


Similar Part No. - MB90F867ASPFV

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F867ASPFV FUJITSU-MB90F867ASPFV Datasheet
813Kb / 62P
   16-bit Proprietary Microcontroller CMOS
More results

Similar Description - MB90F867ASPFV

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP91CP27U TOSHIBA-TMP91CP27U Datasheet
281Kb / 2P
   16-Bit Low Cost General Purpose Microcontroller in 64-pin Package
logo
Microchip Technology
PIC24FV16KM204 MICROCHIP-PIC24FV16KM204 Datasheet
3Mb / 336P
   General Purpose, 16-Bit Flash Microcontroller with XLP Technology Data Sheet
11/29/12 2013
logo
OKI electronic componet...
ML675001 OKI-ML675001 Datasheet
196Kb / 24P
   32-bit ARM-Based General-Purpose Microcontroller
ML674000 OKI-ML674000 Datasheet
192Kb / 24P
   32-bit General-purpose, ARM-based Microcontroller
ML674001 OKI-ML674001 Datasheet
193Kb / 24P
   32-bit ARM-Based General-Purpose Microcontroller
logo
List of Unclassifed Man...
ML67Q4060 ETC2-ML67Q4060 Datasheet
545Kb / 37P
   32-bit General-Purpose ARM-Based Microcontroller
ML67Q4060 ETC2-ML67Q4060 Datasheet
545Kb / 37P
   32-bit General-Purpose ARM-Based Microcontroller
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com