Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z8E00110SSC Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # Z8E00110SSC
Description  electronics
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

Z8E00110SSC Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  Z8E00110SSC Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mèêðîêîíòðîëëåðû 8 áèò ñåðèè Z8PLUS ôèðìû Zilog
Ìèêðîñõåìû Z8PLUS ôèðìû Zilog ÿâëÿþòñÿ î÷åíü ìîùíûìè, áîãàòî
îñíàùåííûìè ïåðèôåðèåé 8-áèòíûìè ìèêðîêîíòðîëëåðàìè, íàèáîëåå
îïòèìàëüíûìè äëÿ ýíåðãîñáåðåãàþùèõ ïðèëîæåíèé ñ íèçêèì íàïðÿæåíèåì.
Èìåþò ñèñòåìó àâòîìàòè÷åñêîãî îáíóëåíèÿ ïîñëå âêëþ÷åíèÿ ïèòàíèÿ, 1 èëè 2
êîìïàðàòîðà, ðàçâèòóþ ñèñòåìó ïðåðûâàíèé, ïðîãðàììèðóåìûå òàéìåðû (1-3),
èíòåðôåéñû SPI èëè UART, ïàìÿòü OTP-EPROM oò 0,5êÁ äo 64êÁ. Âûïóñêàþòñÿ
â êîðïóñå 16..68 PIN òèïà DIP, SOIC, SSOP, PLCC è QFP.
Ïðîãðàììàòîðû äëÿ ìèêðîñõåì Z8PLUS îïèñàíû â ïîäðàçäåëå
„Ïðîãðàììàòîðû è ñòèðàòåëè” äàëåå â ýòîì æå ðàçäåëå.
Ïî èíäèâèäóàëüíîìó çàêàçó ïðåäëàãàåì òàêæå äðóãèå ìèêðîêîíòðîëëåðû
ñåðèé
ôèðìû Zilog. Áîëåå ïîäðîáíàÿ èíôîðìàöèÿ - â íàøåì
îòäåëå ïðîäàæ.
Z8 è Z8PLUS
Êîä:
Oïèñàíèå
Êîðïóñ
Z8E00010PSC
8BIT 0.5K-OTP 10MHZ
DIP18
Z8E00010SSC
8BIT 0.5K-OTP 10KHZ
SO18
Z8E00110PSC
8BIT 1K-OTP 10MHZ
DIP18
Z8E00110SSC
8BIT 1K-OTP 10MHZ
SO18
Z8PE002PZ010SC
8BIT 0.5K-OTP 10MHZ
DIP18
Z8PE002SZ010SC
8BIT 0.5K-OTP 10MHZ
SO18
Z8PE003PZ010SC
8BIT 1K-OTP 10MHZ
DIP18
Z8PE003SZ010SC
8BIT 1K-OTP 10MHZ
So18
electronics
www.i-t.su
info@i-t.su
òåë: (095) 785-48-05, 739-09-95
Ïðîãðàììà ïîñòàâîê êîìïàíèè ÒÌÅ


Similar Part No. - Z8E00110SSC

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z8E001 ZILOG-Z8E001 Datasheet
209Kb / 49P
   CMOS OTP Microcontroller
More results

Similar Description - Z8E00110SSC

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
RES-MCS OHMITE-RES-MCS Datasheet
494Kb / 2P
   Industrial electronics, power electronics
logo
NTE Electronics
02-N101-1 NTE-02-N101-1 Datasheet
408Kb / 1P
   Automotive Electronics
logo
Winchester Electronics ...
SDKC-59-226 WINCHESTER-SDKC-59-226 Datasheet
95Kb / 1P
   KINGS ELECTRONICS
logo
Festo Corporation.
8066765 FESTO-8066765 Datasheet
81Kb / 1P
   Electronics module
8/9/22
533360 FESTO-533360 Datasheet
79Kb / 1P
   Electronics module
8/9/22
533361 FESTO-533361 Datasheet
78Kb / 1P
   Electronics module
8/9/22
537987 FESTO-537987 Datasheet
77Kb / 1P
   Electronics module
8/9/22
543333 FESTO-543333 Datasheet
79Kb / 1P
   Electronics module
8/9/22
logo
List of Unclassifed Man...
SLA230ALE ETC2-SLA230ALE Datasheet
214Kb / 3P
   Diversified Electronics
logo
Festo Corporation.
537983 FESTO-537983 Datasheet
76Kb / 1P
   Electronics module
8/9/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com