Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFL27012S Datasheet(PDF) 10 Page - International Rectifier

Part # AFL27012S
Description  270V Input, Single Output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AFL27012S Datasheet(HTML) 10 Page - International Rectifier

Back Button AFL27012S Datasheet HTML 6Page - International Rectifier AFL27012S Datasheet HTML 7Page - International Rectifier AFL27012S Datasheet HTML 8Page - International Rectifier AFL27012S Datasheet HTML 9Page - International Rectifier AFL27012S Datasheet HTML 10Page - International Rectifier AFL27012S Datasheet HTML 11Page - International Rectifier AFL27012S Datasheet HTML 12Page - International Rectifier AFL27012S Datasheet HTML 13Page - International Rectifier AFL27012S Datasheet HTML 14Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
www.irf.com
AFL270XXS Series
AFL270XXS Typical Efficiency Characteristics
Presented for three values of Input Voltage.
AFL27005S
AFL27006S
AFL27009S
AFL27012S
AFL27015S
AFL27028S
50
60
70
80
90
0
20406080
100
Output Power ( Watts )
160V
270V
400V
55
65
75
85
95
0
20
40
60
80
100
120
Output Power ( Watts )
160V
270V
400V
50
60
70
80
90
0
20
40
60
80
100
120
Output Power ( Watts )
160V
270V
400V
50
60
70
80
90
0
20
406080
Output Power ( Watts )
160V
270V
400V
50
60
70
80
90
020
40
60
80
Output Power ( Watts )
160V
270V
400V
55
65
75
85
95
0
20
40
60
80
100
120
Output Power ( Watts )
160V
270V
400V


Similar Part No. - AFL27012S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AFL27012S IRF-AFL27012S Datasheet
539Kb / 16P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL27012SW-CH IRF-AFL27012SW-CH Datasheet
122Kb / 11P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
AFL27012SW-ES IRF-AFL27012SW-ES Datasheet
122Kb / 11P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
AFL27012SW-HB IRF-AFL27012SW-HB Datasheet
122Kb / 11P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
AFL27012SWES IRF-AFL27012SWES Datasheet
219Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
More results

Similar Description - AFL27012S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
Z2801R5S IRF-Z2801R5S Datasheet
78Kb / 7P
   28V Input, Single Output
HTA20 IRF-HTA20_15 Datasheet
186Kb / 14P
   200V Input, Single/Dual Output
logo
Texas Instruments
PCM2900C TI1-PCM2900C_14 Datasheet
1Mb / 33P
[Old version datasheet]   Single-Ended Analog Input/Output
logo
International Rectifier
LSO28 IRF-LSO28_15 Datasheet
516Kb / 18P
   28V Input, Single/Dual Output
LS28 IRF-LS28_15 Datasheet
249Kb / 16P
   28V Input, Single/Dual Output
M3G IRF-M3G_15 Datasheet
196Kb / 15P
   28V Input, Single/Dual Output
M3G50S IRF-M3G50S_15 Datasheet
185Kb / 13P
   50V Input, Single/Dual Output
M3L IRF-M3L_15 Datasheet
151Kb / 12P
   28V Input, Single/Dual Output
logo
Texas Instruments
PCM2900B TI1-PCM2900B_14 Datasheet
675Kb / 33P
[Old version datasheet]   SINGLE-ENDED ANALOG INPUT/OUTPUT
logo
International Rectifier
M3G70 IRF-M3G70_15 Datasheet
186Kb / 13P
   70V Input, Single/Dual Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com