Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFL27005SWHB Datasheet(PDF) 5 Page - International Rectifier

Part # AFL27005SWHB
Description  270V Input, Single Output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AFL27005SWHB Datasheet(HTML) 5 Page - International Rectifier

  AFL27005SWHB Datasheet HTML 1Page - International Rectifier AFL27005SWHB Datasheet HTML 2Page - International Rectifier AFL27005SWHB Datasheet HTML 3Page - International Rectifier AFL27005SWHB Datasheet HTML 4Page - International Rectifier AFL27005SWHB Datasheet HTML 5Page - International Rectifier AFL27005SWHB Datasheet HTML 6Page - International Rectifier AFL27005SWHB Datasheet HTML 7Page - International Rectifier AFL27005SWHB Datasheet HTML 8Page - International Rectifier AFL27005SWHB Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
www.irf.com
5
AFL270XXS Series
ERROR
AMP
& REF
OUTPUT
FILTER
INPUT
FILTER
OUTPUT RETURN
DC INPUT
INPUT RETURN
.*
CONTROL
1
2
4
3
5
6
SYNC INPUT
CURRENT
SENSE
+ SENSE
- SENSE
SENSE
AMPLIFIER
ENABLE 2
SHARE
SHARE
AMPLIFIER
7
11
10
9
12
8
+ OUTPUT
SYNC OUTPUT
ENABLE 1
CASE
PRIMARY
BIAS SUPPLY
AFL270XXS Circuit Description
Figure I. AFL Single Output Block Diagram
Connection of the + and - sense leads at a remotely locat-
led load permits compensation for resistive voltage drop
between the converter output and the load when they are
physically separated by a significant distance. This con-
nection allows regulation to the placard voltage at the point
of application. When the remote sensing features is not
Figure II. Enable Input Equivalent Circuit
Pin 4 or
Pin 12
1N4148
100K
290K
150K
2N3904
+5.6V
Disable
Pin 2 or
Pin 8
used, the sense leads should be connected to their respec-
tive output terminals at the converter. Figure III. illustrates a
typical application.
Circuit Operation and Application Information
The AFL series of converters employ a forward switched
mode converter topology. (refer to Figure I.) Operation of
the device is initiated when a DC voltage whose magnitude
is within the specified input limits is applied between pins 1
and 2. If pin 4 is enabled (at a logical 1 or open) the primary
bias supply will begin generating a regulated housekeeping
voltage bringing the circuitry on the primary side of the con-
verter to life. Two power MOSFETs used to chop the DC
input voltage into a high frequency square wave, apply this
chopped voltage to the power transformer. As this switch-
ing is initiated, a voltage is impressed on a second winding
of the power transformer which is then rectified and applied
to the primary bias supply. When this occurs, the input
voltage is shut out and the primary bias voltage becomes
exclusively internally generated.
The switched voltage impressed on the secondary output
transformer winding is rectified and filtered to provide the
converter output voltage. An error amplifier on the second-
ary side compares the output voltage to a precision refer-
ence and generates an error signal proportional to the dif-
ference. This error signal is magnetically coupled through
the feedback transformer into the controller section of the
converter varying the pulse width of the square wave sig-
nal driving the MOSFETs, narrowing the width if the output
voltage is too high and widening it if it is too low.
Remote Sensing
Inhibiting Converter Output
As an alternative to application and removal of the DC
voltage to the input, the user can control the converter
output by providing TTL compatible, positive logic signals
to either of two enable pins (pin 4 or 12). The distinction
between these two signal ports is that enable 1 (pin 4) is
referenced to the input return (pin 2) while enable 2 (pin 12)
is referenced to the output return (pin 8). Thus, the user
has access to an inhibit function on either side of the isola-
tion barrier. Each port is internally pulled “high” so that
when not used, an open connection on both enable pins
permits normal converter operation. When their use is
desired, a logical “low” on either port will shut the con-
verter down.


Similar Part No. - AFL27005SWHB

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AFL27005SWHB IRF-AFL27005SWHB Datasheet
219Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL27005SWHB IRF-AFL27005SWHB Datasheet
221Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL27005SWHB IRF-AFL27005SWHB Datasheet
210Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
More results

Similar Description - AFL27005SWHB

ManufacturerPart #DatasheetDescription
logo
International Rectifier
Z2801R5S IRF-Z2801R5S Datasheet
78Kb / 7P
   28V Input, Single Output
HTA20 IRF-HTA20_15 Datasheet
186Kb / 14P
   200V Input, Single/Dual Output
logo
Texas Instruments
PCM2900C TI1-PCM2900C_14 Datasheet
1Mb / 33P
[Old version datasheet]   Single-Ended Analog Input/Output
logo
International Rectifier
LSO28 IRF-LSO28_15 Datasheet
516Kb / 18P
   28V Input, Single/Dual Output
LS28 IRF-LS28_15 Datasheet
249Kb / 16P
   28V Input, Single/Dual Output
M3G IRF-M3G_15 Datasheet
196Kb / 15P
   28V Input, Single/Dual Output
M3G50S IRF-M3G50S_15 Datasheet
185Kb / 13P
   50V Input, Single/Dual Output
M3L IRF-M3L_15 Datasheet
151Kb / 12P
   28V Input, Single/Dual Output
logo
Texas Instruments
PCM2900B TI1-PCM2900B_14 Datasheet
675Kb / 33P
[Old version datasheet]   SINGLE-ENDED ANALOG INPUT/OUTPUT
logo
International Rectifier
M3G70 IRF-M3G70_15 Datasheet
186Kb / 13P
   70V Input, Single/Dual Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com