Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP2820D Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP2820D
Description  2.65 W Filterless Class?묭 Audio Power Amplifier
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP2820D Datasheet(HTML) 3 Page - ON Semiconductor

  NCP2820D Datasheet HTML 1Page - ON Semiconductor NCP2820D Datasheet HTML 2Page - ON Semiconductor NCP2820D Datasheet HTML 3Page - ON Semiconductor NCP2820D Datasheet HTML 4Page - ON Semiconductor NCP2820D Datasheet HTML 5Page - ON Semiconductor NCP2820D Datasheet HTML 6Page - ON Semiconductor NCP2820D Datasheet HTML 7Page - ON Semiconductor NCP2820D Datasheet HTML 8Page - ON Semiconductor NCP2820D Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
NCP2820
http://onsemi.com
3
MAXIMUM RATINGS
Symbol
Rating
Max
Unit
Vp
Supply Voltage
Active Mode
Shutdown Mode
6.0
7.0
V
Vin
Input Voltage
−0.3 to VCC +0.3
V
Iout
Max Output Current (Note 1)
1.5
A
Pd
Power Dissipation (Note 2)
Internally Limited
TA
Operating Ambient Temperature
−40 to +85
°C
TJ
Max Junction Temperature
150
°C
Tstg
Storage Temperature Range
−65 to +150
°C
RqJA
Thermal Resistance Junction−to−Air
9−Pin Flip−Chip
UDFN8
90 (Note 3)
50
°C/W
ESD Protection
Human Body Model (HBM) (Note 4)
Machine Model (MM) (Note 5)
> 2000
> 200
V
Latchup Current @ TA = 85°C (Note 6)
9−Pin Flip−Chip
UDFN8
$70
$100
mA
MSL
Moisture Sensitivity (Note 7)
Level 1
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. The device is protected by a current breaker structure. See “Current Breaker Circuit” in the Description Information section for more
information.
2. The thermal shutdown is set to 160°C (typical) avoiding irreversible damage to the device due to power dissipation.
3. For the 9−Pin Flip−Chip CSP package, the RqJA is highly dependent of the PCB Heatsink area. For example, RqJA can equal 195°C/W with
50 mm2 total area and also 135°C/W with 500 mm2. When using ground and power planes, the value is around 90°C/W, as specified in table.
4. Human Body Model: 100 pF discharged through a 1.5 kW resistor following specification JESD22/A114. On 9−Pin Flip−Chip, B2 Pin (VP)
is qualified at 1500 V.
5. Machine Model: 200 pF discharged through all pins following specification JESD22/A115.
6. Latchup Testing per JEDEC Standard JESD78.
7. Moisture Sensitivity Level (MSL): 1 per IPC/JEDEC standard: J−STD−020A.


Similar Part No. - NCP2820D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP2820AFCT2G ONSEMI-NCP2820AFCT2G Datasheet
230Kb / 21P
   Filterless Class-D Audio Power Amplifier
December, 2013 ??Rev. 8
NCP2820FCT1G ONSEMI-NCP2820FCT1G Datasheet
230Kb / 21P
   Filterless Class-D Audio Power Amplifier
December, 2013 ??Rev. 8
NCP2820FCT2G ONSEMI-NCP2820FCT2G Datasheet
230Kb / 21P
   Filterless Class-D Audio Power Amplifier
December, 2013 ??Rev. 8
NCP2820MUTBG ONSEMI-NCP2820MUTBG Datasheet
230Kb / 21P
   Filterless Class-D Audio Power Amplifier
December, 2013 ??Rev. 8
NCP2820 ONSEMI-NCP2820_13 Datasheet
230Kb / 21P
   Filterless Class-D Audio Power Amplifier
December, 2013 ??Rev. 8
More results

Similar Description - NCP2820D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP9004 ONSEMI-NCP9004 Datasheet
316Kb / 17P
   2.65 W Filterless Class?묭 Audio Power Amplifier
August, 2006 ??Rev. 2
NCP2821 ONSEMI-NCP2821 Datasheet
247Kb / 19P
   2.65 W Filterless with Selectable Gain Class?묭 Audio Amplifier
February, 2006 ??Rev. 0
NLMD5820 ONSEMI-NLMD5820 Datasheet
218Kb / 21P
   2.65 W Filterless Class-D Audio Amplifier with Integrated Dual SPST Switch
September, 2007 - Rev. 0
logo
Texas Instruments
TPA2000D1 TI-TPA2000D1 Datasheet
205Kb / 14P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Lyontek Inc.
LY8006 LYONTEK-LY8006_17 Datasheet
878Kb / 16P
   3.3 W Mono Filterless Class D Audio power Amplifier
logo
Texas Instruments
TPA2001D1 TI-TPA2001D1_06 Datasheet
220Kb / 15P
[Old version datasheet]   1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Lyontek Inc.
LY8006 LYONTEK-LY8006_13 Datasheet
775Kb / 16P
   3.3 W Mono Filterless Class D Audio power Amplifier
LY8010 LYONTEK-LY8010_13 Datasheet
823Kb / 21P
   3.3 W Mono Filterless Class D Audio power Amplifier
logo
Texas Instruments
TPA2000D1-Q1 TI-TPA2000D1-Q1_15 Datasheet
797Kb / 22P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D2 TI-TPA2000D2_07 Datasheet
608Kb / 20P
[Old version datasheet]   2-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com