Selected language     English  ▼


TDA4865AJ Datasheet(PDF) 4 Page - NXP Semiconductors

Part No. TDA4865AJ
Description  eflection boosters for use in vertical deflection systems for frame frequencies up to 200 Hz.
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

 
 4 page
background image
TDA4865J_TDA4865AJ_2
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 02 — 3 November 2006
4 of 18
NXP Semiconductors
TDA4865J; TDA4865AJ
Vertical deflection booster
6.2 Pin description
7.
Functional description
Both the TDA4865J and TDA4865AJ consist of a differential input stage, a vertical output
stage, a flyback generator, a reference circuit and a thermal protection circuit.
The TDA4865J operates with a separate flyback supply voltage (see Figure 1) while the
TDA4865AJ generates the flyback voltage internally by doubling the supply voltage
(see Figure 2).
7.1 Differential input stage
The differential sawtooth input current signal (from the deflection controller) is connected
to the inputs (inverted signal to pin INN and non-inverted signal to pin INP). The vertical
feedback signal is superimposed on the inverted signal on pin INN.
7.2 Vertical output and thermal protection
The vertical output stage is a quasi-complementary class-B amplifier with a high linearity.
The output stage is protected against thermal overshoots. For a junction temperature of
Tj > 150 °C the protection will be activated and will reduce the deflection current (IVOUT).
7.3 Flyback generator
The flyback generator supplies the vertical output stage during flyback.
The TDA4865J is used with a separate flyback supply voltage to achieve a short flyback
time with minimized power dissipation.
The TDA4865AJ needs a capacitor (CF) connected between pins VP3 and VP2 (see
Figure 2). Capacitor CF is charged during scan, using the external diode D1 and resistor
R5. During flyback the cathode of capacitor CF is connected to the positive supply voltage
and the flyback voltage is then twice the supply voltage. For the TDA4865AJ the
resistor R6 in the positive supply line can be used to reduce the power consumption.
Table 3.
Pin description
Symbol
Pin
Description
TDA4865J
TDA4865AJ
VP1
1
1
positive supply voltage 1
VFB
2
-
flyback supply voltage
VP3
-
2
flyback generator output
VP2
3
3
supply voltage 2 for vertical output
GND
4
4
ground or negative supply voltage
VOUT
5
5
vertical output
INN
6
6
inverted input of differential input stage
INP
7
7
non-inverted input of differential input stage




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LA7835Vertical Deflection Output Circuit with Driver for Color TV Use 1 2 3 4 5 Sanyo Semicon Device
NTE7132Integrated Circuit Horizontal and Vertical Deflection Controller for VGA/XGA and Multi-Frequency Monitors 1 2 3 4 5 MoreNTE Electronics
TDA4852Horizontal and vertical deflection controller for autosync monitors 1 2 3 4 5 MoreNXP Semiconductors
STV9326Vertical Deflection Booster for 3-APPTV/Monitor Applications with 60-V Flyback Generator 1 2 3 4 5 MoreSTMicroelectronics
NTE7133Integrated Circuit Horizontal and Vertical Deflection Controller for VGA/XGA and Autosync Monitors 1 2 3 4 5 MoreNTE Electronics
STK792-110Vertical Deflection Output Circuit for CTV and CRT Displays 1 2 3 4 5 Sanyo Semicon Device
2SD575For Horizontal Deflection Output Use of Color TV 1 List of Unclassifed Manufacturers
NTE7134Integrated Circuit Horizontal and Vertical Deflection Controller for Monitors 1 2 3 4 5 MoreNTE Electronics
STK792-210Vertical Deflection Output Circuit for CTV and CRT Displays  1 2 3 4 Sanyo Semicon Device
NTE7135Integrated Circuit Vertical Deflection Power Amplifier for Monitors 1 2 3 4 NTE Electronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl