Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA4865AJ Datasheet(PDF) 10 Page - NXP Semiconductors

Part # TDA4865AJ
Description  eflection boosters for use in vertical deflection systems for frame frequencies up to 200 Hz.
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA4865AJ Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TDA4865AJ Datasheet HTML 6Page - NXP Semiconductors TDA4865AJ Datasheet HTML 7Page - NXP Semiconductors TDA4865AJ Datasheet HTML 8Page - NXP Semiconductors TDA4865AJ Datasheet HTML 9Page - NXP Semiconductors TDA4865AJ Datasheet HTML 10Page - NXP Semiconductors TDA4865AJ Datasheet HTML 11Page - NXP Semiconductors TDA4865AJ Datasheet HTML 12Page - NXP Semiconductors TDA4865AJ Datasheet HTML 13Page - NXP Semiconductors TDA4865AJ Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
TDA4865J_TDA4865AJ_2
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 02 — 3 November 2006
10 of 18
NXP Semiconductors
TDA4865J; TDA4865AJ
Vertical deflection booster
12.1 Example for both TDA4865J and TDA4865AJ
[1]
Flyback voltage measured against 0 V; for TDA4865J only.
Remark: the heat sink of the IC must be isolated against ground of the application (it is connected to pin GND).
(1) With CS2 (typical value between 47 nF and 150 nF) the flyback time and the noise behavior can be optimized.
(2) With R5 capacitor CF will be charged during scan and the value (typical value between 150 Ω and 270 Ω) depends on Idefl,
tflb and CF.
(3) R6 reduces the power dissipation of the IC. The maximum possible value depends on the application.
Fig 8.
Application diagram with TDA4865AJ
001aad304
3.9
(2 W)
240
Ω (2 W)
100
µF
470
µF
CF
R5(2)
D1
TDA4865AJ
R6(3)
7
INP
INN
VOUT
GND
VP2
VP1
VP3
65
4
3
2
1
DIFFERENTIAL
INPUT
STAGE
VERTICAL
OUTPUT
FLYBACK
GENERATOR
REFERENCE
CIRCUIT
THERMAL
PROTECTION
BYV27
470
µF
+12.5 V
−12.5 V
VP
VN
5.6
1.8 k
1.8 k
5.6
270
0.5
(1 W)
100
nF
RS1
RS2
CS1
CS2(1)
RP
R3
R2
R1
deflection
coil
from
deflection controller
Table 8.
Values given from application
Symbol
Value
Unit
Idefl(max)(M)
1.6 (peak value)
A
Ldeflcoil
10
mH
Rdeflcoil
4
RP
270
R1
0.5
R2
1.8
k
R3
1.8
k
VF[1]
50
V
Tamb
50
°C
Tdeflcoil
75
°C
Rth(j-mb)
4
K/W
Rth(mb-h)
0.5
K/W
Rth(h-a)
2
K/W


Similar Part No. - TDA4865AJ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA4865AJ NXP-TDA4865AJ Datasheet
119Kb / 18P
   Vertical deflection booster
Rev. 02-3 November 2006
More results

Similar Description - TDA4865AJ

ManufacturerPart #DatasheetDescription
logo
Xilinx, Inc
XCR3032XL-5PC44C XILINX-XCR3032XL-5PC44C Datasheet
85Kb / 8P
   System frequencies up to 200 MHz
logo
Fairchild Semiconductor
TDA1170 FAIRCHILD-TDA1170 Datasheet
390Kb / 15P
   TV VERTICAL DEFLECTION SYSTEMS
logo
Sanyo Semicon Device
LA7835 SANYO-LA7835 Datasheet
80Kb / 5P
   Vertical Deflection Output Circuit with Driver for Color TV Use
logo
Infineon Technologies A...
BAT63 INFINEON-BAT63 Datasheet
889Kb / 9P
   Low barrier diode for detectors up to GHz frequencies
2011-06-15
BAT6203WE6327 INFINEON-BAT6203WE6327 Datasheet
1Mb / 18P
   Low barrier diode for detectors up to GHz frequencies
2011-06-15
logo
NXP Semiconductors
EA53 PHILIPS-EA53 Datasheet
158Kb / 7P
   MEASURING DIODE FOR FREQUENCIES UP TO 1000 MC/S
9.9.1962
logo
Infineon Technologies A...
BAT62 INFINEON-BAT62_14 Datasheet
1Mb / 19P
   Low barrier diode for detectors up to GHz frequencies
2014-02-13
logo
List of Unclassifed Man...
2SD575 ETC-2SD575 Datasheet
20Kb / 1P
   For Horizontal Deflection Output Use of Color TV
logo
STMicroelectronics
ST50V10100 STMICROELECTRONICS-ST50V10100 Datasheet
325Kb / 7P
   RF Power LDMOS transistor for frequencies up to 1.5 GHz
March 2019 Rev 2
logo
NXP Semiconductors
TDA4861 PHILIPS-TDA4861 Datasheet
111Kb / 12P
   Vertical deflection power amplifier for monitors
1997 Jan 20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com