Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S71PL129NC0HAW5B0 Datasheet(PDF) 5 Page - SPANSION

Part # S71PL129NC0HAW5B0
Description  MirrorBit MCPs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71PL129NC0HAW5B0 Datasheet(HTML) 5 Page - SPANSION

  S71PL129NC0HAW5B0 Datasheet HTML 1Page - SPANSION S71PL129NC0HAW5B0 Datasheet HTML 2Page - SPANSION S71PL129NC0HAW5B0 Datasheet HTML 3Page - SPANSION S71PL129NC0HAW5B0 Datasheet HTML 4Page - SPANSION S71PL129NC0HAW5B0 Datasheet HTML 5Page - SPANSION S71PL129NC0HAW5B0 Datasheet HTML 6Page - SPANSION S71PL129NC0HAW5B0 Datasheet HTML 7Page - SPANSION S71PL129NC0HAW5B0 Datasheet HTML 8Page - SPANSION S71PL129NC0HAW5B0 Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
December 8, 2006 S71PL-N_00_A9
S71PL-N MirrorBit
TM MCPs
3
Da t a
Sh ee t
3.
Ordering Information
The order number is formed by a valid combinations of the following:
3.1
Valid Combinations
Valid Combinations list configurations planned to be supported in volume for this device. Consult your local
sales office to confirm availability of specific valid combinations and to check on newly released
combinations.
Notes:
1. Type 0 is standard. Specify other options as required.
2. BGA package marking omits leading “S” and packing type designator from ordering part number.
3. Contact factory for availability for any of the OPNs listed since RAM type availability may vary over time.
S71PL
256
N
C0
HF
W
5B
0
Packing Type
0= Tray
2
= 7” Tape and Reel
3
= 13” Tape and Reel
Model Number (VIO Range, Package Type)
Refer to the Valid Combinations table below
Temperature Range
W = Wireless (–25°C to +85°C)
Package Type & Material Set
HA = MCP BGA, 1.2 mm height, 0.8 mm pitch, Lead (Pb)-free Compliant package
HF = MCP BGA, 1.2 mm height, 0.8 mm pitch, Lead (Pb)-free package
pSRAM Density
B0 = 32 Mb pSRAM
C0 = 64 Mb pSRAM
D0 = 128 Mb pSRAM
Process Technology
N = 110 nm MirrorBit™ Technology
Flash Density
256= 256 Mb
129= 128 Mb (Dual CE#)
127= 128 Mb (Single CE#)
Product Family
S71PL =3.0 Volt-only Simultaneous Read/Write, Page Mode Flash Memory
Table 3.1 Valid Combinations
Base Ordering
Part Number (2)
Package &
Temperature
Model
Number
Packing
Type
pSRAM
Type
Flash
Speed
Option
pSRAM
Speed
Options
Package Name
S71PL127NB0
HAW, HFW
4B
0, 2, 3
(1),
(2)
Type 2
70 ns
70 ns
TLA064 -
8 x 11.6 x 1.2 mm,
64-ball
4U
Type 8
4Z
Type 7
S71PL127NC0
4B
Type 2
4U
Type 8
S71PL129NB0
4B
Type 2
TLA064 -
8 x 11.6 x 1.2 mm,
64-ball
4U
Type 8
4Z
Type 7
S71PL129NC0
4B
Type 2
4U
Type 8
S71PL256NC0
5B
Type 2
TLA084-
8 x 11.6 x 1.2 mm, 84-ball
5U
Type 8
S71PL256ND0
5B
Type 2
TSB084 -
8 x 11.6 x 1.2, 84-ball


Similar Part No. - S71PL129NC0HAW5B0

ManufacturerPart #DatasheetDescription
logo
SPANSION
S71PL129JA0 SPANSION-S71PL129JA0 Datasheet
2Mb / 149P
   Stacked Multi-Chip Product (MCP) Flash Memory
S71PL129JA0 SPANSION-S71PL129JA0 Datasheet
3Mb / 153P
   Stacked Multi-Chip Product (MCP) Flash Memory and pSRAM 128 Megabit (8M x 16-bit) CMOS3.0 Volt-only Simultaneous Operation, Page Mode Flash Memory
S71PL129JA0BAI9B0 SPANSION-S71PL129JA0BAI9B0 Datasheet
2Mb / 149P
   Stacked Multi-Chip Product (MCP) Flash Memory
S71PL129JA0BAI9B2 SPANSION-S71PL129JA0BAI9B2 Datasheet
2Mb / 149P
   Stacked Multi-Chip Product (MCP) Flash Memory
S71PL129JA0BAI9B3 SPANSION-S71PL129JA0BAI9B3 Datasheet
2Mb / 149P
   Stacked Multi-Chip Product (MCP) Flash Memory
More results

Similar Description - S71PL129NC0HAW5B0

ManufacturerPart #DatasheetDescription
logo
SPANSION
S72NS-N SPANSION-S72NS-N Datasheet
584Kb / 17P
   Based MCPs
S71PL-J SPANSION-S71PL-J Datasheet
460Kb / 24P
   Based MCPs
S71GS256 SPANSION-S71GS256 Datasheet
2Mb / 195P
   128N based MCPs
S29NS-P SPANSION-S29NS-P Datasheet
3Mb / 86P
   MirrorBit Flash Family
S29GL512N SPANSION-S29GL512N Datasheet
2Mb / 110P
   MirrorBit Flash Family
S72NS-P SPANSION-S72NS-P Datasheet
461Kb / 14P
   MirrorBit Flash Memory and DRAM
S25FS-S SPANSION-S25FS-S Datasheet
8Mb / 154P
   MirrorBit Flash Non-Volatile Memory
S29GL-A SPANSION-S29GL-A Datasheet
3Mb / 89P
   S29GL-A MirrorBit Flash Family
S29GL512S11TFIV20 SPANSION-S29GL512S11TFIV20 Datasheet
3Mb / 104P
   GL-S MirrorBit Eclipse Flash Non-Volatile Memory Fam
S29GL01GS10TFI010 SPANSION-S29GL01GS10TFI010 Datasheet
3Mb / 104P
   GL-S MirrorBit Eclipse Flash Non-Volatile Memory Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com