Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8422IBPFBR Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ADS8422IBPFBR
Description  16-BIT, 4-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS8422IBPFBR Datasheet(HTML) 6 Page - Burr-Brown (TI)

Back Button ADS8422IBPFBR Datasheet HTML 2Page - Burr-Brown (TI) ADS8422IBPFBR Datasheet HTML 3Page - Burr-Brown (TI) ADS8422IBPFBR Datasheet HTML 4Page - Burr-Brown (TI) ADS8422IBPFBR Datasheet HTML 5Page - Burr-Brown (TI) ADS8422IBPFBR Datasheet HTML 6Page - Burr-Brown (TI) ADS8422IBPFBR Datasheet HTML 7Page - Burr-Brown (TI) ADS8422IBPFBR Datasheet HTML 8Page - Burr-Brown (TI) ADS8422IBPFBR Datasheet HTML 9Page - Burr-Brown (TI) ADS8422IBPFBR Datasheet HTML 10Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
www.ti.com
TIMING CHARACTERISTICS FROM DIGITAL INPUTS
TIMING CHARACTERISTICS OF DIGITAL OUTPUTS
ADS8422
SLAS512B – JUNE 2006 – REVISED DECEMBER 2006
All specifications typical at –40
°C to 85°C, +VBD = 2.7 V to 5.25 V (1)(2)
PARAMETER
MIN
TYP
MAX
UNIT
CONVERSION AND ACQUISITION
t(ACQ)
Acquisition time, internal to device, not externally visible
70
ns
tw1
Pulse duration, CONVST low
20
ns
tw2
Pulse duration, CONVST high
100
ns
tp1
Period, CONVST
250
ns
tq1
Quiet time, last toggle of interface input signals during acquisition before CONVST falling (3)
30
ns
tq2
Quiet time, CONVST falling to first toggle of interface input signals (3)
10
ns
POWER DOWN
PD1 low for only ADC reset (no powerdown)
20
500
tw3
Pulse duration
PD1 low for ADC reset and also ADC powerdown
1500
ns
PD2 low pulse duration for REFOUT and COMMOUT buffers powerdown
1500
Pulse duration, all others unspecified
10
ns
(1)
All input signals are specified with tr = tf = 5 ns (10% to 90% of VDD) and timed from after 90% of transition.
(2)
All digital output signals loaded with 10-pF capacitors at +VBD = 2.7 V and 20-pF capacitor at +VBD = 5.25 V and timed to reaching
90% of transition.
(3)
Quiet time zones are for meeting performance and not functionality.
All specifications typical at –40
°C to 85°C, +VBD = 2.7 V to 5.25 V (1)(2)
PARAMETER
MIN
TYP
MAX
UNIT
CONVERSION AND ACQUISITION
t(CONV)
Conversion time, internal to device, not externally visible
180
ns
td1
Delay time, CONVST fall to conversion start (aperture delay)
3
ns
DATA READ OPERATION
td2
Delay time, CONVST low to data valid if CS = RD = 0
225
ns
td3
Delay time, data valid to BUSY low if CS = RD = 0
5
ns
td4
Delay time, RD (or CS) low to data valid
17
ns
td5
Delay time, BYTE toggle to data valid
20
ns
td6
Delay time, data three-state after RD (or CS) high
12
ns
POWER DOWN
td7
Delay time, PD1 low to BUSY rising
20
ns
Delay time, PD1 high to device operational (with PD2 held high)
5
µs
td8
Delay time, PD2 high to REFOUT/COMMOUT valid
25
ms
Delay time, power up (after AVDD = 4.75 V)
25
ms
td9
Delay time, data three-state after PD1 low
1.5
µs
(1)
All input signals are specified with tr = tf = 5 ns (10% to 90% of VDD) and timed from after 90% of transition.
(2)
All digital output signals loaded with 10-pF capacitors at +VBD = 2.7 V and 20-pF capacitor at +VBD = 5.25 V and timed to reaching
90% of transition.
6
Submit Documentation Feedback


Similar Part No. - ADS8422IBPFBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8422IBPFBR TI1-ADS8422IBPFBR Datasheet
1Mb / 29P
[Old version datasheet]   16-BIT, 4-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE REFERENCE
ADS8422IBPFBR TI1-ADS8422IBPFBR Datasheet
1Mb / 29P
[Old version datasheet]   16-BIT, 4-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
More results

Similar Description - ADS8422IBPFBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8422 TI1-ADS8422_14 Datasheet
1Mb / 29P
[Old version datasheet]   16-BIT, 4-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE REFERENCE
ADS8422 TI1-ADS8422 Datasheet
1Mb / 29P
[Old version datasheet]   16-BIT, 4-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
logo
Burr-Brown (TI)
ADS8472 BURR-BROWN-ADS8472 Datasheet
1Mb / 30P
   16-BIT, 1-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
logo
Texas Instruments
ADS8484 TI1-ADS8484 Datasheet
1Mb / 32P
[Old version datasheet]   18-BIT, 1.25-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE,REFERENCE
logo
Burr-Brown (TI)
ADS8482 BURR-BROWN-ADS8482 Datasheet
853Kb / 31P
   18-BIT, 1-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
logo
Texas Instruments
ADS8484 TI1-ADS8484_15 Datasheet
1Mb / 33P
[Old version datasheet]   18-BIT, 1.25-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
logo
Burr-Brown (TI)
ADS8471 BURR-BROWN-ADS8471 Datasheet
1Mb / 31P
   16-BIT, 1-MSPS, PSEUDO-BIPOLAR, UNIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
logo
Texas Instruments
ADS8471 TI1-ADS8471_15 Datasheet
1Mb / 31P
[Old version datasheet]   16-BIT, 1-MSPS, PSEUDO-BIPOLAR, UNIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
logo
Burr-Brown (TI)
ADS8406 BURR-BROWN-ADS8406 Datasheet
536Kb / 25P
   16-BIT, 1.25 MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE
logo
Texas Instruments
ADS8405IPFBT TI-ADS8405IPFBT Datasheet
1Mb / 29P
[Old version datasheet]   16-BIT, 1.25-MSPS, UNIPOLAR PSEUDO DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com