Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5398BCPZ-WP Datasheet(PDF) 10 Page - Analog Devices

Part # AD5398BCPZ-WP
Description  120 mA, Current Sinking, 10-Bit, I2C DAC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5398BCPZ-WP Datasheet(HTML) 10 Page - Analog Devices

Back Button AD5398BCPZ-WP Datasheet HTML 6Page - Analog Devices AD5398BCPZ-WP Datasheet HTML 7Page - Analog Devices AD5398BCPZ-WP Datasheet HTML 8Page - Analog Devices AD5398BCPZ-WP Datasheet HTML 9Page - Analog Devices AD5398BCPZ-WP Datasheet HTML 10Page - Analog Devices AD5398BCPZ-WP Datasheet HTML 11Page - Analog Devices AD5398BCPZ-WP Datasheet HTML 12Page - Analog Devices AD5398BCPZ-WP Datasheet HTML 13Page - Analog Devices AD5398BCPZ-WP Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD5398
Rev. A | Page 10 of 16
THEORY OF OPERATION
The AD5398 is a fully integrated 10-bit DAC with 120 mA
output current sink capability and is intended for driving voice
coil actuators in applications such as lens autofocus, image sta-
bilization, and optical zoom. The circuit diagram is shown in
Figure 15. A 10-bit current output DAC coupled with Resistor R
generates the voltage that drives the noninverting input of the
operational amplifier. This voltage also appears across the RSENSE
resistor and generates the sink current required to drive the
voice coil.
Resistors R and RSENSE are interleaved and matched. Therefore,
the temperature coefficient and any nonlinearities over tem-
perature are matched and the output drift over temperature is
minimized. Diode D1 is an output protection diode.
POWER-ON
RESET
3
SDA
7
AGND
2
DGND
6
VDD
4
SCL
1
PD
8
ISINK
VBAT
VOICE
COIL
ACTUATOR
D1
RSENSE
3.3
Ω
I2C SERIAL
INTERFACE
10-BIT
CURRENT
OUTPUT DAC
REFERENCE
R
AD5398
5
DGND
Figure 15. Block Diagram Showing Connection to Voice Coil
SERIAL INTERFACE
The AD5398 is controlled using the industry-standard I2C
2-wire serial protocol. Data can be written to the DAC, or read
back from it, at data rates up to 400 kHz. After a read operation
the contents of the input register are reset to all zeros.
I2C BUS OPERATION
An I2C bus operates with one or more master devices that
generate the serial clock (SCL), and read/write data on the serial
data line (SDA) to/from slave devices such as the AD5398. All
devices on an I2C bus have their SCL pin connected to the SDA
line and their SCL pin connected to the SCL line. I2C devices
can only pull the bus lines low; pulling high is achieved by pull-
up resistors RP. The value of RP depends on the data rate, bus
capacitance, and the maximum load current that the I2C device
can sink (3 mA for a standard device).
SCL
SDA
I2C MASTER
DEVICE
AD5398
I2C SLAVE
DEVICE
I2C SLAVE
DEVICE
RP
RP
VDD
Figure 16. Typical I2C Bus
When the bus is idle, SCL and SDA are both high. The master
device initiates a serial bus operation by generating a start
condition, which is defined as a high-to-low transition on the
SDA low while SCL is high. The slave device connected to the
bus responds to the start condition and shifts in the next eight
data bits under control of the serial clock. These eight data bits
consist of a 7-bit address, plus a read/write bit, which is 0 if data
is to be written to a device, and 1 if data is to be read from a
device. Each slave device on an I2C bus must have a unique
address. The address of the AD5398 is 0001100; however,
0001101, 0001110, and 0001111 address the part because the
last two bits are unused/don’t care (see Figure 17 and Figure 18).
Since the address plus R/W bit always equals eight bits of data,
another way of looking at it is that the write address of the
AD5398 is 0001 1000 (0x18) and the read address is 0001 1001
(0x19). Again, Bit 6 and Bit 7 of the address are unused, and
therefore the write addresses can also be 0x1A, 0x1C, and 0x1E,
and the read address can be 0x1B, 0x1D, and 0x1F (see Figure 17
and Figure 18).
At the end of the address data, after the R/W bit, the slave
device that recognizes its own address responds by generating
an acknowledge (ACK) condition. This is defined as the slave
device pulling SDA low while SCL is low before the ninth clock
pulse, and keeping it low during the ninth clock pulse. Upon
receiving ACK, the master device can clock data into the
AD5398 in a write operation, or it can clock it out in a read
operation. Data must change only during the low period of the
clock, because SDA transitions during the high period define a
start condition as described previously, or a stop condition as
described in the Data Format section.
I2C data is divided into blocks of eight bits, and the slave
generates an ACK at the end of each block. Since the AD5398
requires 10 bits of data, two data-words must be written to it
when a write operation, or read back from it when a read
operation. At the end of a read or write operation, the AD5398
acknowledges the second data byte. The master generates a stop
condition, defined as a low-to-high transition on SDA while
SCL is high, to end the transaction.
DATA FORMAT
Data is written to the AD5398 high byte first, MSB first, and is
shifted into the 16-bit input register. After all data is shifted in,
data from the input register is transferred to the DAC register.
Because the DAC requires only 10 bits of data, not all bits of the
input register data are used. The MSB is reserved for an active-
high, software-controlled, power-down function. Bit 14 is
unused; Bit 13 to Bit 4 are DAC data; Bit 9 to Bit 0 and Bit 3
to Bit 0 are unused.
During a read operation, data is read back in the same bit order.


Similar Part No. - AD5398BCPZ-WP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5398 AD-AD5398 Datasheet
395Kb / 6P
   Tape and Reel Packaging
AD5398 AD-AD5398 Datasheet
395Kb / 6P
   Tape and Reel Packaging
AD5398A AD-AD5398A Datasheet
475Kb / 16P
   120 mA, Current Sinking, 10-Bit, I2C DAC
REV. 0
AD5398A-WAFER AD-AD5398A-WAFER Datasheet
475Kb / 16P
   120 mA, Current Sinking, 10-Bit, I2C DAC
REV. 0
AD5398ABCBZ-REEL AD-AD5398ABCBZ-REEL Datasheet
475Kb / 16P
   120 mA, Current Sinking, 10-Bit, I2C DAC
REV. 0
More results

Similar Description - AD5398BCPZ-WP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5398A AD-AD5398A Datasheet
475Kb / 16P
   120 mA, Current Sinking, 10-Bit, I2C DAC
REV. 0
AD5821A AD-AD5821A Datasheet
500Kb / 16P
   120 mA, Current Sinking, 10-Bit, I2C DAC
REV. 0
AD5821 AD-AD5821 Datasheet
506Kb / 16P
   120 mA, Current Sinking, 10-Bit, I2C DAC
REV. 0
AD5398 AD-AD5398_15 Datasheet
580Kb / 17P
   120 mA, Current Sinking, 10-Bit, IC DAC
REV. B
logo
Aimtron Technology
AT5510 AIMTRON-AT5510 Datasheet
208Kb / 12P
   120mA, Current Sinking, 10-bit I2C DAC for VCM Driver
logo
Global Mixed-mode Techn...
G2003 GMT-G2003 Datasheet
134Kb / 1P
   120mA, Current Sinking, 10-bit I2C DAC for VCM Driver
logo
Princeton Technology Co...
PT5661 PTC-PT5661 Datasheet
217Kb / 5P
   102.3mA, Current Sinking, 10-bit, I짼C DAC
logo
Maxim Integrated Produc...
DS4432 MAXIM-DS4432 Datasheet
217Kb / 9P
   Dual-Channel, I2C, 7-Bit Sink/Source Current DAC
Rev 0; 12/08
MAX5112 MAXIM-MAX5112 Datasheet
9Mb / 28P
   9-Channel, 14-Bit, Current DAC with I2C Interface
19-3563; Rev 1; 5/05
MAX5547 MAXIM-MAX5547_09 Datasheet
274Kb / 12P
   Dual, 10-Bit, Current-Sink Output DAC
Rev 2; 7/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com