Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AG1110 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # AG1110
Description  LOW COST SLIC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AG1110 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button AG1110 Datasheet HTML 2Page - List of Unclassifed Manufacturers AG1110 Datasheet HTML 3Page - List of Unclassifed Manufacturers AG1110 Datasheet HTML 4Page - List of Unclassifed Manufacturers AG1110 Datasheet HTML 5Page - List of Unclassifed Manufacturers AG1110 Datasheet HTML 6Page - List of Unclassifed Manufacturers AG1110 Datasheet HTML 7Page - List of Unclassifed Manufacturers AG1110 Datasheet HTML 8Page - List of Unclassifed Manufacturers AG1110 Datasheet HTML 9Page - List of Unclassifed Manufacturers AG1110 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
V2.5 April 2004
Data Sheet
Ag1110
LOW COST PBX SLIC
DC Electrical Characteristics*
Characteristic
Symbol
Min
Typ
Max
Units Test Comments
1
Supply Currents, On-hook
ICC
IBAT
1
IBAT
1
1.75
0.25
2.50
mA
Idle
Idle
20k Tip-Ring
2
Power Consumption, On-
hook
PTOT
22
130
mW
Idle
20k Tip-Ring
3
Constant current feed to
line
ILOOP
23
16
15
25
18.5
16.5
27
mA
RLOOP
= 1100R
RLOOP
=2000R
RLOOP
=2300R
4
Tip/Gnd or Ring/Gnd or
Tip&Ring/Gnd over-
current
30
mA
VBAT= -48V
5
SHK:
Output Low Voltage
Output High Voltage
VOL
VOH
3.15
0.9
V
V
@0.4mA
@-0.4mA
6
SHK:
Output Low Voltage
Output High Voltage
VOL
VOH
3.5
0.4
V
V
@50uA
@-50uA
7
RDI, LO:
Input Low Voltage
Input High Voltage
VIL
VOH
4.0
0.3.
V
V
8
RDI, LO:
Input Low Current
Input High Current
IIL
IIH
-0.5
+1.2
mA
mA
9
Switch Hook Detect
Threshold
10
mA
10
Relay driver current sink
capacity
IDO
50
75
mA
VRDI = +5V
* All DC Electrical Characteristics are with VCC at +5.0V +5% and VBAT at -48V, and at 25°C unless otherwise stated.
Typical figures are for design aid only and are not guaranteed.
RLOOP includes 300R for telephone set.
1
Operating
IBAT is dependent upon the users application.
© Silver Telecom 2004


Similar Part No. - AG1110

ManufacturerPart #DatasheetDescription
logo
Silver Telecom 2019
AG1110 SILVERTEL-AG1110 Datasheet
144Kb / 11P
   LOW COST SLIC
More results

Similar Description - AG1110

ManufacturerPart #DatasheetDescription
logo
Silver Telecom 2019
AG1110 SILVERTEL-AG1110 Datasheet
144Kb / 11P
   LOW COST SLIC
logo
Agere Systems
L9214A AGERE-L9214A Datasheet
790Kb / 46P
   Low-Cost Ringing SLIC
logo
Renesas Technology Corp
HC5503PRC RENESAS-HC5503PRC Datasheet
633Kb / 11P
   Low Cost SLIC For Large Telecom Switches
June 2004
logo
Intersil Corporation
HC5503PRC INTERSIL-HC5503PRC Datasheet
106Kb / 9P
   Low Cost SLIC For Large Telecom Switches
December 1999
HC5503PRC INTERSIL-HC5503PRC_04 Datasheet
257Kb / 11P
   Low Cost SLIC For Large Telecom Switches
HC5503PRCB INTERSIL-HC5503PRCB Datasheet
260Kb / 11P
   Low Cost SLIC For Large Telecom Switches
June 2004
HC5503PRI INTERSIL-HC5503PRI Datasheet
279Kb / 8P
   Low Cost SLIC For Large Telecom Switches
logo
Renesas Technology Corp
HC5503 RENESAS-HC5503 Datasheet
846Kb / 17P
   Low Cost 24V SLIC For PABX/Key Systems
June 2004
logo
Intersil Corporation
HC5503 INTERSIL-HC5503 Datasheet
774Kb / 17P
   Low Cost 24V SLIC For PABX / Key Systems
logo
Agere Systems
L8575 AGERE-L8575 Datasheet
633Kb / 36P
   Dual-Resistive,Low-Cost Subscriber Line Interface Circuit(SLIC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com