Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S71PL127ND0HFW5B0 Datasheet(PDF) 10 Page - SPANSION

Part # S71PL127ND0HFW5B0
Description  MirrorBit MCPs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71PL127ND0HFW5B0 Datasheet(HTML) 10 Page - SPANSION

Back Button S71PL127ND0HFW5B0 Datasheet HTML 6Page - SPANSION S71PL127ND0HFW5B0 Datasheet HTML 7Page - SPANSION S71PL127ND0HFW5B0 Datasheet HTML 8Page - SPANSION S71PL127ND0HFW5B0 Datasheet HTML 9Page - SPANSION S71PL127ND0HFW5B0 Datasheet HTML 10Page - SPANSION S71PL127ND0HFW5B0 Datasheet HTML 11Page - SPANSION S71PL127ND0HFW5B0 Datasheet HTML 12Page - SPANSION S71PL127ND0HFW5B0 Datasheet HTML 13Page - SPANSION S71PL127ND0HFW5B0 Datasheet HTML 14Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
8
S71PL-N MirrorBit
TM MCPs
S71PL-N_00_A9 December 8, 2006
Data
Sheet
5.3
S71PL127N—TLA064
Figure 5.4 64-ball Fine-Pitch Ball Grid Array (S71PL127N)
Note:
Top view—balls facing down.
The addresses that are shared vary by MCP combination as shown in the table below:
Flash-only Addresses
Shared Addresses
S71PL127NB0
A22-A21
A20:A0
S71PL127NC0
A22
A21:A0
A1
A10
B5
B6
C3
C4
C5
C6
C7
C8
D2
D3
D4
D5
D6
D7
D8
D9
E2
E3
E4
E5
E6
E7
E8
E9
F2
F3
F4
F7
F8
F9
G2
G3
G4
G7
G8
G9
H2
H3
H4
H5
H6
H7
H8
H9
J2
J3
J4
J5
J6
J7
J8
J9
K3
K4
K5
K6
K7
K8
L5
L6
M1
M10
DNU
DNU
RFU
RFU
A7
R-LB#
F-WP#/
ACC
WE#
A8
A11
A3
A6
R-UB#
F-RST
R-CE2
A19
A12
A15
A2
A5
A18
F-RY/BY#
A20
A9
A13
A21
A1
A4
A17
A10
A14
A22
A0
VSS
DQ1
DQ6
RFU
A16
F-CE#
OE#
DQ9
DQ3
DQ4
DQ13
DQ15
RFU
R-CE1#
DQ0
DQ10
F-VCC
R-VCC
DQ12
DQ7
VSS
DQ8
DQ2
DQ11
RFU
DQ5
DQ14
RFU
RFU
DNU
DNU
Shared
Flash Only
pSRAM Only
Do Not Use/
Reserved for Future Use
Legend


Similar Part No. - S71PL127ND0HFW5B0

ManufacturerPart #DatasheetDescription
logo
SPANSION
S71PL127J SPANSION-S71PL127J Datasheet
5Mb / 196P
   STACKED MULTI CHIP PRODUCT FLASH MEMORY AND RAM
S71PL127J04BAW0Z0 SPANSION-S71PL127J04BAW0Z0 Datasheet
460Kb / 24P
   Based MCPs
S71PL127J04BAW0Z2 SPANSION-S71PL127J04BAW0Z2 Datasheet
460Kb / 24P
   Based MCPs
S71PL127J04BAW0Z3 SPANSION-S71PL127J04BAW0Z3 Datasheet
460Kb / 24P
   Based MCPs
S71PL127J04BAW9Z0 SPANSION-S71PL127J04BAW9Z0 Datasheet
460Kb / 24P
   Based MCPs
More results

Similar Description - S71PL127ND0HFW5B0

ManufacturerPart #DatasheetDescription
logo
SPANSION
S72NS-N SPANSION-S72NS-N Datasheet
584Kb / 17P
   Based MCPs
S71PL-J SPANSION-S71PL-J Datasheet
460Kb / 24P
   Based MCPs
S71GS256 SPANSION-S71GS256 Datasheet
2Mb / 195P
   128N based MCPs
S29NS-P SPANSION-S29NS-P Datasheet
3Mb / 86P
   MirrorBit Flash Family
S29GL512N SPANSION-S29GL512N Datasheet
2Mb / 110P
   MirrorBit Flash Family
S72NS-P SPANSION-S72NS-P Datasheet
461Kb / 14P
   MirrorBit Flash Memory and DRAM
S25FS-S SPANSION-S25FS-S Datasheet
8Mb / 154P
   MirrorBit Flash Non-Volatile Memory
S29GL-A SPANSION-S29GL-A Datasheet
3Mb / 89P
   S29GL-A MirrorBit Flash Family
S29GL512S11TFIV20 SPANSION-S29GL512S11TFIV20 Datasheet
3Mb / 104P
   GL-S MirrorBit Eclipse Flash Non-Volatile Memory Fam
S29GL01GS10TFI010 SPANSION-S29GL01GS10TFI010 Datasheet
3Mb / 104P
   GL-S MirrorBit Eclipse Flash Non-Volatile Memory Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com