Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S71PL129NC0HFW5B2 Datasheet(PDF) 8 Page - SPANSION

Part # S71PL129NC0HFW5B2
Description  MirrorBit MCPs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71PL129NC0HFW5B2 Datasheet(HTML) 8 Page - SPANSION

Back Button S71PL129NC0HFW5B2 Datasheet HTML 4Page - SPANSION S71PL129NC0HFW5B2 Datasheet HTML 5Page - SPANSION S71PL129NC0HFW5B2 Datasheet HTML 6Page - SPANSION S71PL129NC0HFW5B2 Datasheet HTML 7Page - SPANSION S71PL129NC0HFW5B2 Datasheet HTML 8Page - SPANSION S71PL129NC0HFW5B2 Datasheet HTML 9Page - SPANSION S71PL129NC0HFW5B2 Datasheet HTML 10Page - SPANSION S71PL129NC0HFW5B2 Datasheet HTML 11Page - SPANSION S71PL129NC0HFW5B2 Datasheet HTML 12Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
6
S71PL-N MirrorBit
TM MCPs
S71PL-N_00_A9 December 8, 2006
Data
Sheet
Figure 5.2 TSB084 Physical Dimensions
3439 \ 16-038.22 \ 01.04.05
PACKAGE
TSB 084
JEDEC
N/A
D x E
11.60 mm x 8.00 mm
PACKAGE
SYMBOL
MIN
NOM
MAX
NOTE
A
---
---
1.20
PROFILE
A1
0.17
---
---
BALL HEIGHT
A2
0.81
---
0.97
BODY THICKNESS
D
11.60 BSC.
BODY SIZE
E
8.00 BSC.
BODY SIZE
D1
8.80 BSC.
MATRIX FOOTPRINT
E1
7.20 BSC.
MATRIX FOOTPRINT
MD
12
MATRIX SIZE D DIRECTION
ME
10
MATRIX SIZE E DIRECTION
n
84
BALL COUNT
φb
0.35
0.40
0.45
BALL DIAMETER
eE
0.80 BSC
BALL PITCH
eD
0.80 BSC
BALL PITCH
SD / SE
0.40 BSC
SOLDER BALL PLACEMENT
A2,A3,A4,A5,A6,A7,A8,A9
DEPOPULATED SOLDER BALLS
B1,B10,C1,C10,D1,D10
E1,E10,F1,F10,G1,G10
H1,H10,J1,J10,K1,K10,L1,L10
M2,M3,M4,M5,M6,M7,M8,M9
NOTES:
1.
DIMENSIONING AND TOLERANCING METHODS PER
ASME Y14.5M-1994.
2.
ALL DIMENSIONS ARE IN MILLIMETERS.
3.
BALL POSITION DESIGNATION PER JESD 95-1, SPP-010.
4.
e REPRESENTS THE SOLDER BALL GRID PITCH.
5.
SYMBOL "MD" IS THE BALL MATRIX SIZE IN THE "D"
DIRECTION.
SYMBOL "ME" IS THE BALL MATRIX SIZE IN THE
"E" DIRECTION.
n IS THE NUMBER OF POPULTED SOLDER BALL POSITIONS
FOR MATRIX SIZE MD X ME.
6
DIMENSION "b" IS MEASURED AT THE MAXIMUM BALL
DIAMETER IN A PLANE PARALLEL TO DATUM C.
7
SD AND SE ARE MEASURED WITH RESPECT TO DATUMS A
AND B AND DEFINE THE POSITION OF THE CENTER SOLDER
BALL IN THE OUTER ROW.
WHEN THERE IS AN ODD NUMBER OF SOLDER BALLS IN THE
OUTER ROW SD OR SE = 0.000.
WHEN THERE IS AN EVEN NUMBER OF SOLDER BALLS IN THE
OUTER ROW, SD OR SE = e/2
8.
"+" INDICATES THE THEORETICAL CENTER OF DEPOPULATED
BALLS.
9.
N/A
10 A1 CORNER TO BE IDENTIFIED BY CHAMFER, LASER OR INK
MARK, METALLIZED MARK INDENTATION OR OTHER MEANS.
C
C
0.08
A1
b
84X
0.15
M
C
MC
AB
0.08
6
SIDE VIEW
7
SE
E1
CORNER
PIN A1
A
C
DB
D1
A
10
eD
9
8
6
5
3
eE
2
4
7
E
D
0.15 C
(2X)
GF
E
K
JH
SD
7
M
L
1
C
C
0.15
B
(2X)
0.20
10
PIN A1
CORNER
INDEX MARK
A2
A
TOP VIEW
BOTTOM VIEW


Similar Part No. - S71PL129NC0HFW5B2

ManufacturerPart #DatasheetDescription
logo
SPANSION
S71PL129JA0 SPANSION-S71PL129JA0 Datasheet
2Mb / 149P
   Stacked Multi-Chip Product (MCP) Flash Memory
S71PL129JA0 SPANSION-S71PL129JA0 Datasheet
3Mb / 153P
   Stacked Multi-Chip Product (MCP) Flash Memory and pSRAM 128 Megabit (8M x 16-bit) CMOS3.0 Volt-only Simultaneous Operation, Page Mode Flash Memory
S71PL129JA0BAI9B0 SPANSION-S71PL129JA0BAI9B0 Datasheet
2Mb / 149P
   Stacked Multi-Chip Product (MCP) Flash Memory
S71PL129JA0BAI9B2 SPANSION-S71PL129JA0BAI9B2 Datasheet
2Mb / 149P
   Stacked Multi-Chip Product (MCP) Flash Memory
S71PL129JA0BAI9B3 SPANSION-S71PL129JA0BAI9B3 Datasheet
2Mb / 149P
   Stacked Multi-Chip Product (MCP) Flash Memory
More results

Similar Description - S71PL129NC0HFW5B2

ManufacturerPart #DatasheetDescription
logo
SPANSION
S72NS-N SPANSION-S72NS-N Datasheet
584Kb / 17P
   Based MCPs
S71PL-J SPANSION-S71PL-J Datasheet
460Kb / 24P
   Based MCPs
S71GS256 SPANSION-S71GS256 Datasheet
2Mb / 195P
   128N based MCPs
S29NS-P SPANSION-S29NS-P Datasheet
3Mb / 86P
   MirrorBit Flash Family
S29GL512N SPANSION-S29GL512N Datasheet
2Mb / 110P
   MirrorBit Flash Family
S72NS-P SPANSION-S72NS-P Datasheet
461Kb / 14P
   MirrorBit Flash Memory and DRAM
S25FS-S SPANSION-S25FS-S Datasheet
8Mb / 154P
   MirrorBit Flash Non-Volatile Memory
S29GL-A SPANSION-S29GL-A Datasheet
3Mb / 89P
   S29GL-A MirrorBit Flash Family
S29GL512S11TFIV20 SPANSION-S29GL512S11TFIV20 Datasheet
3Mb / 104P
   GL-S MirrorBit Eclipse Flash Non-Volatile Memory Fam
S29GL01GS10TFI010 SPANSION-S29GL01GS10TFI010 Datasheet
3Mb / 104P
   GL-S MirrorBit Eclipse Flash Non-Volatile Memory Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com