Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFL2815SWCH Datasheet(PDF) 6 Page - International Rectifier

Part # AFL2815SWCH
Description  270V Input, Single Output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AFL2815SWCH Datasheet(HTML) 6 Page - International Rectifier

Back Button AFL2815SWCH Datasheet HTML 2Page - International Rectifier AFL2815SWCH Datasheet HTML 3Page - International Rectifier AFL2815SWCH Datasheet HTML 4Page - International Rectifier AFL2815SWCH Datasheet HTML 5Page - International Rectifier AFL2815SWCH Datasheet HTML 6Page - International Rectifier AFL2815SWCH Datasheet HTML 7Page - International Rectifier AFL2815SWCH Datasheet HTML 8Page - International Rectifier AFL2815SWCH Datasheet HTML 9Page - International Rectifier AFL2815SWCH Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
www.irf.com
AFL270XXS Series
level of +2.0 volts. The sync output of another converter
which has been designated as the master oscillator pro-
vides a convenient frequency source for this mode of op-
eration. When external synchronization is not required, the
sync in pin should be left unconnected thereby permitting
the converter to operate at its’ own internally set frequency.
The sync output signal is a continuous pulse train set at 550
±50 KHz, with a duty cycle of 15 ±5%. This signal is refer-
enced to the input return and has been tailored to be com-
patible with the AFL sync input port. Transition times are
less than 100 ns and the low level output impedance is less
than 50 ohms. This signal is active when the DC input
voltage is within the specified operating range and the con-
verter is not inhibited. This output has adequate drive re-
serve to synchronize at least five additional converters. A
typical synchronization connection option is illustrated in
Figure III.
Figure III. Preferred Connection for Parallel Operation
Optional
Synchronization
Connection
Power
Input
(Other Converters)
Share Bus
1
6
AFL
7
12
- Sense
Enable 2
+ Vout
Return
+ Sense
Share
Vin
Rtn
Case
Enable 1
Sync Out
Sync In
1
6
AFL
7
12
- Sense
Enable 2
+ Vout
Return
+ Sense
Share
Vin
Rtn
Case
Enable 1
Sync Out
Sync In
1
6
AFL
7
12
- Sense
Enable 2
+ Vout
Return
+ Sense
Share
Vin
Rtn
Case
Enable 1
Sync Out
Sync In
to Load
AFL series operating in the parallel mode is that in addition
to sharing the current, the stress induced by temperature
will also be shared. Thus if one member of a paralleled set
is operating at a higher case temperture, the current it pro-
vides to the load will be reduced as compensation for the
temperature induced stress on that device.
When operating multiple converters, system requirements
often dictate operation of the converters at a common fre-
quency. To accommodate this requirement, the AFL series
converters provide both a synchronization input and out-
put.
The sync input port permits synchronization of an AFL co-
nverter to any compatible external frequency source oper-
ating between 500 and 700 KHz. This input signal should
be referenced to the input return and have a 10% to 90%
duty cycle. Compatibility requires transition times less th an
100 ns, maximum low level of +0.8 volts and a minimum
high
Figure III. illustrates the preferred connection scheme for
operation of a set of AFL converters with outputs operating
in parallel. Use of this connection permits equal sharing of
a load current exceeding the capacity of an individual AFL
among the members of the set. An important feature of the
Internally, these ports differ slightly in their function. In use,
a low on Enable 1 completely shuts down all circuits in the
converter while a low on Enable 2 shuts down the second-
ary side while altering the controller duty cycle to near zero.
Externally, the use of either port is transparent save for
minor differences in idle current. (See specification table).
Synchronization of Multiple Converters
Parallel Operation-Current and Stress Sharing


Similar Part No. - AFL2815SWCH

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AFL2815SW IRF-AFL2815SW Datasheet
445Kb / 16P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
AFL2815SW IRF-AFL2815SW Datasheet
215Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL2815SW-CH IRF-AFL2815SW-CH Datasheet
122Kb / 11P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
AFL2815SW-ES IRF-AFL2815SW-ES Datasheet
122Kb / 11P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
AFL2815SW-HB IRF-AFL2815SW-HB Datasheet
122Kb / 11P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
More results

Similar Description - AFL2815SWCH

ManufacturerPart #DatasheetDescription
logo
International Rectifier
Z2801R5S IRF-Z2801R5S Datasheet
78Kb / 7P
   28V Input, Single Output
HTA20 IRF-HTA20_15 Datasheet
186Kb / 14P
   200V Input, Single/Dual Output
logo
Texas Instruments
PCM2900C TI1-PCM2900C_14 Datasheet
1Mb / 33P
[Old version datasheet]   Single-Ended Analog Input/Output
logo
International Rectifier
LSO28 IRF-LSO28_15 Datasheet
516Kb / 18P
   28V Input, Single/Dual Output
LS28 IRF-LS28_15 Datasheet
249Kb / 16P
   28V Input, Single/Dual Output
M3G IRF-M3G_15 Datasheet
196Kb / 15P
   28V Input, Single/Dual Output
M3G50S IRF-M3G50S_15 Datasheet
185Kb / 13P
   50V Input, Single/Dual Output
M3L IRF-M3L_15 Datasheet
151Kb / 12P
   28V Input, Single/Dual Output
logo
Texas Instruments
PCM2900B TI1-PCM2900B_14 Datasheet
675Kb / 33P
[Old version datasheet]   SINGLE-ENDED ANALOG INPUT/OUTPUT
logo
International Rectifier
M3G70 IRF-M3G70_15 Datasheet
186Kb / 13P
   70V Input, Single/Dual Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com