Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME5110BEEV150Y Datasheet(PDF) 8 Page - Analog Microelectronics

Part # AME5110BEEV150Y
Description  600mA / 1.2MHz PWM Buck DC-DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME5110BEEV150Y Datasheet(HTML) 8 Page - Analog Microelectronics

Back Button AME5110BEEV150Y Datasheet HTML 4Page - Analog Microelectronics AME5110BEEV150Y Datasheet HTML 5Page - Analog Microelectronics AME5110BEEV150Y Datasheet HTML 6Page - Analog Microelectronics AME5110BEEV150Y Datasheet HTML 7Page - Analog Microelectronics AME5110BEEV150Y Datasheet HTML 8Page - Analog Microelectronics AME5110BEEV150Y Datasheet HTML 9Page - Analog Microelectronics AME5110BEEV150Y Datasheet HTML 10Page - Analog Microelectronics AME5110BEEV150Y Datasheet HTML 11Page - Analog Microelectronics AME5110BEEV150Y Datasheet HTML 12Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
AME, Inc.
8
AME5110
600mA / 1.2MHz PWM
Buck DC-DC Converter
Rev. A.03
EN Leakage Current vs. V
IN
R
DSON vs Input Voltage
V
OUT vs. Temperature
Supply Current vs. Temp
EN Threshold-Turn On vs. Temp
EN Threshold-Turn Off vs. Temp
0.30
0.32
0.34
0.36
0.38
0.40
0.42
2
2.5
3
3.5
4
4.5
5
Input Voltage (V)
V
OUT=1.5V
T
A=25
oC
SYNCHRONOUS
SWITCH
MAIN
SWITCH
1.4
1.42
1.44
1.46
1.48
1.5
1.52
1.54
-50
-40
-25
0
25
50
75
100
125
Temperature (oC)
V
IN=EN=3.6V
V
OUT=1.5V
I
LOAD=100mA
40
50
60
70
80
90
100
110
120
-50
-40
-25
0
25
50
75
100
125
Temperature (oC)
V
IN=EN=3.6V
V
OUT=1.5V
I
LOAD=0mA
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
-50
-40
-25
0
25
50
75
100
125
Temperature (oC)
V
IN=3.6V
V
OUT=1.5V
I
LOAD =0mA
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
-50
-40
-25
0
25
50
75
100
125
Temperature (oC)
V
IN=3.6V
V
OUT=1.5V
I
LOAD=0mA
V
IN (V)
0
0.001
0.002
0.003
0.004
0.005
0.006
2.5
2.7
3.6
4.2
4.5
5
5.5
V
IN=3.6V
EN=0V
T
A=25
oC


Similar Part No. - AME5110BEEV150Y

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME5104 AME-AME5104 Datasheet
87Kb / 12P
   DC/DC Buck Converter
AME5104ACDV12AZ AME-AME5104ACDV12AZ Datasheet
87Kb / 12P
   DC/DC Buck Converter
AME5104ACDV330Z AME-AME5104ACDV330Z Datasheet
87Kb / 12P
   DC/DC Buck Converter
AME5104ACDV500Z AME-AME5104ACDV500Z Datasheet
87Kb / 12P
   DC/DC Buck Converter
AME5104ACDVADJZ AME-AME5104ACDVADJZ Datasheet
87Kb / 12P
   DC/DC Buck Converter
More results

Similar Description - AME5110BEEV150Y

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE7551U ACE-ACE7551U Datasheet
180Kb / 3P
   600mA, 1.2MHz, Synchronous Step-Down DC-DC Converter
VER 1.1
logo
Union Semiconductor, In...
UM3501 UNIONSEMI-UM3501_15 Datasheet
445Kb / 11P
   600mA, 1.2MHz, Synchronous Step-Down DC-DC Converter
UM3501 UNIONSEMI-UM3501 Datasheet
382Kb / 11P
   600mA, 1.2MHz, Synchronous Step-Down DC-DC Converter
logo
ACE Technology Co., LTD...
ACE721A ACE-ACE721A Datasheet
226Kb / 8P
   1.2MHz, 800mA SYNCHRONOUS DC-DC BUCK CONVERTER
VER 1.3
logo
Bookly Micro electronic
BM1509HV BOOKLY-BM1509HV Datasheet
656Kb / 6P
   PWM BUCK DC/DC CONVERTER
logo
ACE Technology Co., LTD...
ACE722A ACE-ACE722A Datasheet
179Kb / 9P
   2A PWM BUCK DC-DC Converter
VER 1.2
logo
Diodes Incorporated
AP1501A DIODES-AP1501A_17 Datasheet
367Kb / 13P
   5A PWM BUCK DC/DC CONVERTER
AP1506 DIODES-AP1506_17 Datasheet
449Kb / 14P
   3A PWM BUCK DC/DC CONVERTER
logo
Unisonic Technologies
P3576 UTC-P3576_18 Datasheet
145Kb / 6P
   2A PWM BUCK DC/DC CONVERTER
logo
Diodes Incorporated
AP1507 DIODES-AP1507_18 Datasheet
301Kb / 12P
   3A PWM BUCK DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com