Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFCFJ6VWP04AC Datasheet(PDF) 1 Page - ITT Industries

Part # TFCFJ6VWP04AC
Description  Miniature Snap-acting Switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

TFCFJ6VWP04AC Datasheet(HTML) 1 Page - ITT Industries

  TFCFJ6VWP04AC Datasheet HTML 1Page - ITT Industries TFCFJ6VWP04AC Datasheet HTML 2Page - ITT Industries TFCFJ6VWP04AC Datasheet HTML 3Page - ITT Industries TFCFJ6VWP04AC Datasheet HTML 4Page - ITT Industries TFCFJ6VWP04AC Datasheet HTML 5Page - ITT Industries TFCFJ6VWP04AC Datasheet HTML 6Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
K–5
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
K
C&K TF Series
Miniature Snap-acting Switches
K
Features/Benefits
Broad range of operating forces
Ratings up to 25 AMPS
Wide variety of actuator styles
Quick connect terminations
Typical Applications
Motor controls
Thermostatics
Portable tools
Specifications
CONTACT RATING: From low level* to 25 AMPS @ 277 V AC.
ELECTRICAL LIFE: 300,000 cycles at 10 AMPS @ 250 V AC,
consult Customer Service Center for typical life of higher
rated switches.
INSULATION RESISTANCE: 1,000 M ohm min.
DIELECTRIC STRENGTH: 1,500 Vrms min. @ sea level.
OPERATING TEMPERATURE: –40ºF to 185ºF (–40ºC to 85ºC).
OPERATING FORCE: From 15 to 400 grams at actuator
button available.
MOUNTING: Torque screws 2-5 in/lbs.
* Low Level=conditions where no arcing occurs during switching, i.e., 0.4 VA max. @
20 V AC or DC max. Standard electrical life per UL 1054, rated for 6,000 operations.
Materials
SWITCH HOUSING: Thermoplastic (UL 94V-0).
ACTUATOR BUTTON: Thermoplastic (UL 94V-0).
SPRING: Copper alloy.
PIVOT: Brass alloy.
MOVABLE CONTACTS: Gold alloy for ratings 1 AMP or less.
Fine silver for ratings greater than 1 AMP up to 15 AMPS.
Precious metal alloy for ratings greater than 15 AMPS.
STATIONARY CONTACTS: Gold alloy for ratings 1 AMP or less.
Fine silver for ratings greater than 1 AMP.
TERMINALS: Brass alloy for ratings up to 10 AMPS.
Copper alloy for ratings greater than 10 AMPS.
NOTE: For the latest information regarding RoHS compliance, please go to:
www.ittcannon.com/rohs.
NOTE: Specifications and materials listed above are switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown and
described on pages K-6 through K-10. For additional options not shown in catalog, consult Customer Service Center.
T
F
Series
TF SP, Mom.
Operating Force
CJ 5.29 oz./150 grams
CC .53 oz./15 grams
CD .88 oz./25 grams
CF 1.76 oz./50 grams
CG 2.65 oz./75 grams
EC 7.94 oz./225 grams
EE 14.11 oz./400 grams
Electrical Rating
J6 15 A, 277 V AC; 1/2 HP, 125, 250 V AC;
5 A, 125 V AC “L”, 0.5 A, 125 V DC;
0.25 A, 250 V DC
F5 1 A,125 V AC; 1 A, 3O V DC
H8 5 A, 277 V AC; 1/10 HP, 125, 250 V AC
J3 21 A, 277 V AC; 1 HP, 125 V AC; 2 HP,
250 V AC; 5 A, 125 V AC “L”
K6 11 A, 277 V AC; 1/3 HP, 125, 250 V AC;
0.5 A, 125 V DC; 0.25 A, 250 V DC
L1 25 A, 277 V AC; 1.5 HP, 125 V AC; 2 HP,
250 V AC; 5 A, 125 V AC “L”
L3 20 A, 250 V AC; 1 HP, 125 V AC;
2 HP 250 V AC
V1 1 A,125 V AC; 1 A, 3O V DC (UL/CSA)
V2 5 A, 277 V AC; 1/10 HP, 125, 250 V AC (UL/CSA);
5(2) A, 250 V AC (VDE)
V3 11 A, 277 V AC; 1/3 HP, 125, 250 V AC;
0.5 A, 125 V DC; 0.25 A, 250 V DC (UL/CSA);
10(3) A, 25O V AC (VDE)
V4 21 A, 277 V AC; 1 HP, 125 V AC; 2 HP, 25O V AC;
5 A, 125 V AC “L”; 16(3) A, 25O V AC (VDE)
Actuator
P00 Pin plunger
A10 .81" lever roller, high force
A15 1.34" lever roller, high force
A20 1.05” lever roller, low force
A25 1.56" lever roller, low force
T10 .84" lever, high force
T13 1.34" simulated roller, high force
T14 1.29" simulated roller, high force
T15 1.40" lever, high force
T16 2.34" lever, high force
T18 2.75" lever, high force
T20 1.10" lever, low force
T23 1.56" simulated roller, low force
T24 1.50” simulated roller, low force
T25 1.62" lever, low force
T26 2.57" lever, low force
T28 2.97” lever, low force
WP0 Wide pin plunger
Terminations
40 .187" quick connect
4A .250" quick connect
5A .250" offset quick connect
5B .187" offset quick connect
Circuitry
C SPDT
W SPST N.C.
Y SPST N.O.
Mounting Style
S Standard
V Metric


Similar Part No. - TFCFJ6VWP04AC

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TFC TRANSKO-TFC Datasheet
328Kb / 2P
   CERAMIC SMD TCXO / VCTCXO (7.0 x 5.0 x 2.0mm)
Rev 3: 03-02-2023
logo
Samtec, Inc
TFC-103-X1-F-D-A SAMTEC-TFC-103-X1-F-D-A Datasheet
324Kb / 1P
   (1.27 mm) .050
TFC-103-X1-F-D-FR SAMTEC-TFC-103-X1-F-D-FR Datasheet
324Kb / 1P
   (1.27 mm) .050
TFC-103-X1-F-D-K SAMTEC-TFC-103-X1-F-D-K Datasheet
324Kb / 1P
   (1.27 mm) .050
TFC-103-X1-F-D-LC SAMTEC-TFC-103-X1-F-D-LC Datasheet
324Kb / 1P
   (1.27 mm) .050
More results

Similar Description - TFCFJ6VWP04AC

ManufacturerPart #DatasheetDescription
logo
C&K Components
TFCJJ6SP0040C CK-COMPONENTS-TFCJJ6SP0040C Datasheet
225Kb / 6P
   Miniature Snap-acting Switches
TMCGD6SP0040C CK-COMPONENTS-TMCGD6SP0040C Datasheet
225Kb / 6P
   Miniature Snap-acting Switches
TFSERIESSNAP CK-COMPONENTS-TFSERIESSNAP Datasheet
213Kb / 7P
   Miniature Snap-acting Switches
TF2 CK-COMPONENTS-TF2 Datasheet
269Kb / 6P
   Miniature Snap-acting Switches
logo
ITT Industries
TMCGD6SP0040C ITT-TMCGD6SP0040C Datasheet
307Kb / 6P
   Miniature Snap-acting Switches
MMGGD1P0C ITT-MMGGD1P0C Datasheet
270Kb / 3P
   Miniature Subminiature Precision Snap-acting Switches
logo
C&K Components
TFS CK-COMPONENTS-TFS Datasheet
368Kb / 8P
   Splash Proof Miniature Snap-acting Switches
logo
E-SWITCH
700 E-SWITCH-700 Datasheet
525Kb / 6P
   PUSHBUTTON SWITCHES - SNAP-ACTING
logo
C&K Components
ZMSM CK-COMPONENTS-ZMSM Datasheet
224Kb / 4P
   Subminiature Snap-acting Switches
logo
ITT Industries
ZMA00A150P00PC ITT-ZMA00A150P00PC Datasheet
274Kb / 3P
   Subminiature Snap-acting Switches
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com