Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S71WS256PD0HF3SR0 Datasheet(PDF) 7 Page - SPANSION

Part # S71WS256PD0HF3SR0
Description  1.8 Volt-only x16 Simultaneous Read/Write, Burst Mode Flash Memory with CellularRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71WS256PD0HF3SR0 Datasheet(HTML) 7 Page - SPANSION

Back Button S71WS256PD0HF3SR0 Datasheet HTML 2Page - SPANSION S71WS256PD0HF3SR0 Datasheet HTML 3Page - SPANSION S71WS256PD0HF3SR0 Datasheet HTML 4Page - SPANSION S71WS256PD0HF3SR0 Datasheet HTML 5Page - SPANSION S71WS256PD0HF3SR0 Datasheet HTML 6Page - SPANSION S71WS256PD0HF3SR0 Datasheet HTML 7Page - SPANSION S71WS256PD0HF3SR0 Datasheet HTML 8Page - SPANSION S71WS256PD0HF3SR0 Datasheet HTML 9Page - SPANSION S71WS256PD0HF3SR0 Datasheet HTML 10Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
S71WS-P_00_A2 August 21, 2006
S71WS-P based MCP Products
5
Da t a
Sh ee t
( A dv an c e
In f o r m at io n)
4.
Ordering Information
The order number is formed by a valid combinations of the following:
S71WS
512
P
D0
HF
3
H
R
0
PACKING TYPE
0 = Tray
2 = 7” Tape and Reel
3 = 13” Tape and Reel
MODEL NUMBER 2
R = 80 MHz Flash Speed
V = 66 MHz Flash Speed
L = 108 MHz Flash Speed
MODEL NUMBER 1
H = CellularRAM Type 2, DYB=1, PPB = 0
S = CellularRAM Type 2, DYB=1, PPB=1
PACKAGE DESCRIPTOR
Depends on Character 12. For a more detailed description see Table 4.1.
PACKAGE TYPE & MATERIAL SET
HF = 1.2mm MCP FBGA, Pb-free
KF = 1.2mm POP FBGA, Pb-free
JF = 1.4mm MCP FBGA, Pb-free
CellularRAM DENSITY
D0 = 128 Mb
C0 = 64 Mb
PROCESS TECHNOLOGY
P = 90 nm, MirrorBit
TM Technology
CODE FLASH DENSITY
256 = 256 Mb
512 = 512 Mb
PRODUCT FAMILY
S71WS Stacked Products (MCP/PoP)
1.8 V NOR Flash with pSRAM
Table 4.1 Character Position Descriptions (Sheet 1 of 2)
Character 12
Character 14
Character 14 Description
Package Area
Package Ball Count
Raw Ball Size
H, J, or G
07x9 mm
56
0.35 mm
17x9 mm
80
2
8x11.6 mm
64
3
8x11.6 mm
84
4
9x12 mm
84
5
9x12 mm
115
6
9x12 mm
137
7
11x13 mm
84
8
11x13 mm
115
9
11x13 mm
137


Similar Part No. - S71WS256PD0HF3SR0

ManufacturerPart #DatasheetDescription
logo
SPANSION
S71WS256PD0HFFLW0 SPANSION-S71WS256PD0HFFLW0 Datasheet
463Kb / 15P
   based MCP/POP Products
S71WS256PD0HFFLW2 SPANSION-S71WS256PD0HFFLW2 Datasheet
463Kb / 15P
   based MCP/POP Products
S71WS256PD0HFFLW3 SPANSION-S71WS256PD0HFFLW3 Datasheet
463Kb / 15P
   based MCP/POP Products
More results

Similar Description - S71WS256PD0HF3SR0

ManufacturerPart #DatasheetDescription
logo
SPANSION
S71NS-N-MCP SPANSION-S71NS-N-MCP Datasheet
351Kb / 12P
   MirrorBit 1.8 Volt-only Simultaneous Read/Write, Burst-mode Multiplexed Flash Memory
S71NS-N SPANSION-S71NS-N Datasheet
574Kb / 13P
   MirrorBit짰 1.8 Volt-only Simultaneous Read/Write, Burst-mode Multiplexed Flash Memory
S29WS-NL SPANSION-S29WS-NL Datasheet
1Mb / 99P
   256/128/64 MEGABIT CMOS 1.8 VOLT ONLY SIMULTANEOUS READ/WRITE BURST MODE FLASH MEMORY
S75NS-N SPANSION-S75NS-N Datasheet
315Kb / 10P
   MirrorBit 1.8 Volt-only Simultaneous Read/ Write, Burst-mode Multiplexed Flash (NOR Interface)
S29NS-J SPANSION-S29NS-J Datasheet
1Mb / 85P
   110 nm CMOS 1.8-Volt only Simultaneous Read/Write, Burst Mode Flash Memories
S29CD032G SPANSION-S29CD032G Datasheet
1Mb / 93P
   CMOS 2.5 VOLT ONLY BURST MODE DUAL BOOT, SIMULTANEOUS READ /WRITE FLASH MEMORY
S29NS-N SPANSION-S29NS-N Datasheet
1Mb / 86P
   Simultaneous Read/Write, Multiplexed, Burst Mode Flash Memory
logo
Advanced Micro Devices
AM29BDS640G AMD-AM29BDS640G Datasheet
1Mb / 77P
   64 Megabit (4 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
SPANSION
AM29BDS320G SPANSION-AM29BDS320G Datasheet
1Mb / 74P
   32 Megabit (2 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
S29JL064J70TFI000 SPANSION-S29JL064J70TFI000 Datasheet
1Mb / 61P
   CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com