Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S71PL127ND0HAW5B3 Datasheet(PDF) 7 Page - SPANSION

Part # S71PL127ND0HAW5B3
Description  MirrorBit MCPs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71PL127ND0HAW5B3 Datasheet(HTML) 7 Page - SPANSION

Back Button S71PL127ND0HAW5B3 Datasheet HTML 3Page - SPANSION S71PL127ND0HAW5B3 Datasheet HTML 4Page - SPANSION S71PL127ND0HAW5B3 Datasheet HTML 5Page - SPANSION S71PL127ND0HAW5B3 Datasheet HTML 6Page - SPANSION S71PL127ND0HAW5B3 Datasheet HTML 7Page - SPANSION S71PL127ND0HAW5B3 Datasheet HTML 8Page - SPANSION S71PL127ND0HAW5B3 Datasheet HTML 9Page - SPANSION S71PL127ND0HAW5B3 Datasheet HTML 10Page - SPANSION S71PL127ND0HAW5B3 Datasheet HTML 11Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
December 8, 2006 S71PL-N_00_A9
S71PL-N MirrorBit
TM MCPs
5
Da t a
Sh ee t
5.
Physical Dimensions/Connection Diagrams
This section shows the I/O designations and package specifications for the S71PL-N.
5.1
Special Handling Instructions for FBGA Package
Special handling is required for Flash Memory products in FBGA packages.
Flash memory devices in FBGA packages may be damaged if exposed to ultrasonic cleaning methods. The
package and/or data integrity may be compromised if the package body is exposed to temperatures above
150°C for prolonged periods of time.
5.2
S71PL256N TLA084/TSB084
Figure 5.1 84-ball Fine-Pitch Ball Grid Array (S71PL256N)
Note:
Top view—balls facing down.
The addresses that are shared vary by MCP combination as shown in the table below:
Flash-only Addresses
Shared Addresses
S71PL256NC0
A23-A22
A21:A0
S71PL256ND0
A23
A22:A0
Legend:
pSRAM Only
DNU
(Do Not Use)
All Shared
Flash Only
X
X
X
X
X
X
X
X
B2
B3
B4
B5
B6
B7
B8
B9
RFU
RFU
RFU
RFU
RFU
RFU
RFU
RFU
C2
C9
A7
A11
A8
WE#
R-LB#
RFU
RFU
WP#/ACC
C3
C3
C3
C3
C6
C6
C6
C6
C7
C7
C7
C7
C8
C8
C8
C8
D2
D4
D9
A6
A12
A19
R-CE2
R-UB#
A3
A15
F-RST#
D3
D3
D3
D3
D6
D6
D6
D6
D7
D7
D7
D7
D8
D8
D8
D8
C5
D5
E2
E4
E9
A5
A13
A9
A20
A18
A2
A21
RY/BY#
E3
E3
E3
E3
E6
E6
E6
E6
E7
E7
E7
E7
E8
E8
E8
E8
E5
C4
C4
C4
C4
F2
F4
F9
A4
A14
A10
A23
A17
A1
A22
RFU
F3
F3
F3
F3
F7
F7
F7
F7
F8
F8
F8
F8
F5
F6
DNU
A1
DNU
A10
G2
G4
G9
VSS
RFU
DQ6
RFU
DQ1
A0
A16
RFU
G3
G3
G3
G3
G7
G7
G7
G7
G5
G6
G8
H2
H4
H9
OE#
DQ15
DQ13
DQ4
DQ9
F-CE#
RFU
DQ3
H3
H3
H3
H3
H6
H6
H6
H6
H7
H7
H7
H7
H8
H8
H8
H8
H5
J2
J4
J9
DQ0
DQ7
DQ12
R-VCC
DQ10
R-CE1#
VSS
F-VCC
J3
J3
J3
J3
J6
J6
J6
J6
J7
J7
J7
J7
J8
J8
J8
J8
J5
K2
K4
K9
DQ8
DQ14
DQ5
RFU
DQ2
RFU
RFU
DQ11
K3
K3
K3
K3
K7
K7
K7
K7
K8
K8
K8
K8
K5
K6
L2
L3
L4
L5
L6
L7
L8
L9
RFU
RFU
RFU
RFU
RFU
RFU
RFU
F-VCC
DNU
M1
DNU
M10


Similar Part No. - S71PL127ND0HAW5B3

ManufacturerPart #DatasheetDescription
logo
SPANSION
S71PL127J SPANSION-S71PL127J Datasheet
5Mb / 196P
   STACKED MULTI CHIP PRODUCT FLASH MEMORY AND RAM
S71PL127J04BAW0Z0 SPANSION-S71PL127J04BAW0Z0 Datasheet
460Kb / 24P
   Based MCPs
S71PL127J04BAW0Z2 SPANSION-S71PL127J04BAW0Z2 Datasheet
460Kb / 24P
   Based MCPs
S71PL127J04BAW0Z3 SPANSION-S71PL127J04BAW0Z3 Datasheet
460Kb / 24P
   Based MCPs
S71PL127J04BAW9Z0 SPANSION-S71PL127J04BAW9Z0 Datasheet
460Kb / 24P
   Based MCPs
More results

Similar Description - S71PL127ND0HAW5B3

ManufacturerPart #DatasheetDescription
logo
SPANSION
S72NS-N SPANSION-S72NS-N Datasheet
584Kb / 17P
   Based MCPs
S71PL-J SPANSION-S71PL-J Datasheet
460Kb / 24P
   Based MCPs
S71GS256 SPANSION-S71GS256 Datasheet
2Mb / 195P
   128N based MCPs
S29NS-P SPANSION-S29NS-P Datasheet
3Mb / 86P
   MirrorBit Flash Family
S29GL512N SPANSION-S29GL512N Datasheet
2Mb / 110P
   MirrorBit Flash Family
S72NS-P SPANSION-S72NS-P Datasheet
461Kb / 14P
   MirrorBit Flash Memory and DRAM
S25FS-S SPANSION-S25FS-S Datasheet
8Mb / 154P
   MirrorBit Flash Non-Volatile Memory
S29GL-A SPANSION-S29GL-A Datasheet
3Mb / 89P
   S29GL-A MirrorBit Flash Family
S29GL512S11TFIV20 SPANSION-S29GL512S11TFIV20 Datasheet
3Mb / 104P
   GL-S MirrorBit Eclipse Flash Non-Volatile Memory Fam
S29GL01GS10TFI010 SPANSION-S29GL01GS10TFI010 Datasheet
3Mb / 104P
   GL-S MirrorBit Eclipse Flash Non-Volatile Memory Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com