Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC-SP192DNB Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # MC-SP192DNB
Description  Single Color Surface Mounted Chip LED
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MC-SP192DNB Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  MC-SP192DNB Datasheet HTML 1Page - List of Unclassifed Manufacturers MC-SP192DNB Datasheet HTML 2Page - List of Unclassifed Manufacturers MC-SP192DNB Datasheet HTML 3Page - List of Unclassifed Manufacturers MC-SP192DNB Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Packing Size
Packing Size
Packing Size
Packing Size
Item
Item
Item
Item
M
MM
M
G
GG
G
L
LL
L
N
NN
N
H
HH
H
R
RR
R
J
JJ
J
K
KK
K
P
PP
P
FFFAA
A
B
BB
B
Spec.
Spec.
Spec.
Spec.
8.00
4.00
1.75
3.50
1.50
1.00
4.00
2.00
1.40
2.30
1.
10
0.23
Tolerance
Tolerance
Tolerance
Tolerance
0.20
0.10
0.10
0.05
0.10
0.00
0.10
0.05
0.05
0.10
0.10
0.10
0.05
MC-SP192DNB
A
B
Cover
Tape
F
G
H
J
K
L
M
N
P
R
For Machine Reference Only
Including Draft And Radii
Concentric Around Dimension ‘F’
10 Pitches Cumulative
Tolerance On Tape
± 0.2
(For Components
20mm x 12mm
And Larger)
Feed Direction
Revision: 1
2005/10/21
Tape Specification: 3000pcs Per Reel
Opto-Electronic Division
MST


Similar Part No. - MC-SP192DNB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC-SP190SR ETC1-MC-SP190SR Datasheet
586Kb / 4P
   Single Color Surface Mounted Chip LED Size :0603
More results

Similar Description - MC-SP192DNB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC-SP110DBWE ETC1-MC-SP110DBWE Datasheet
605Kb / 4P
   Single Color Surface Mounted Chip LED
MC-SP150DNB ETC2-MC-SP150DNB Datasheet
603Kb / 4P
   Single Color Surface Mounted Chip LED Size :0805
MC-SP150HY ETC2-MC-SP150HY Datasheet
615Kb / 4P
   Single Color Surface Mounted Chip LED Size :0805
MC-SP190SR ETC1-MC-SP190SR Datasheet
586Kb / 4P
   Single Color Surface Mounted Chip LED Size :0603
logo
Seoul Semiconductor
FCW321G SEOUL-FCW321G Datasheet
1Mb / 16P
   Surface-mounted chip LED device
FR2001H-D SEOUL-FR2001H-D Datasheet
661Kb / 11P
   Surface-mounted chip LED device
YG104-ICH SEOUL-YG104-ICH Datasheet
276Kb / 13P
   Surface-mounted chip LED device
YGFR411-H SEOUL-YGFR411-H_12 Datasheet
308Kb / 13P
   Surface-mounted chip LED device
YGUR302TM SEOUL-YGUR302TM_12 Datasheet
319Kb / 13P
   Surface-mounted chip LED device
YG104-IC1 SEOUL-YG104-IC1_12 Datasheet
276Kb / 13P
   Surface-mounted chip LED device
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com