Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP5612 Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP5612
Description  High Efficiency Ultra Small Thinnest White LED Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5612 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP5612 Datasheet HTML 3Page - ON Semiconductor NCP5612 Datasheet HTML 4Page - ON Semiconductor NCP5612 Datasheet HTML 5Page - ON Semiconductor NCP5612 Datasheet HTML 6Page - ON Semiconductor NCP5612 Datasheet HTML 7Page - ON Semiconductor NCP5612 Datasheet HTML 8Page - ON Semiconductor NCP5612 Datasheet HTML 9Page - ON Semiconductor NCP5612 Datasheet HTML 10Page - ON Semiconductor NCP5612 Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
NCP5612
http://onsemi.com
10
Figure 11. Typical LED to LED Current Matching
C3
C2
220 nF/6.3 V
C4
C1
GND
GND
D1
LWY87S
D2
LWY87S
R1
10 k
LED1
LED2
DATA
IREFBK
Z1
GND
1
2
3
4
5
6
7
8
9
10
J2
S−WIRE PORT
GND
TP1
DATA
GND
1
2
J1
POWER
GND
GND
1
LED1
2
LED/ICON
3
4
CNTL
5
NC
6
7
C2P
8
C2N
9
C1P
10
11
C1N
12
U1
NCP5612
Figure 12. Demo Board Schematic Diagram
4.7
mF/10 V
VBAT
220 nF/6.3 V
TP2
VOUT
1.0
mF/10 V
IREF
Vbat
Vout
VOUT


Similar Part No. - NCP5612

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP561 ONSEMI-NCP561 Datasheet
71Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2004 ??Rev. 4
NCP561 ONSEMI-NCP561 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCP561SN15T1 ONSEMI-NCP561SN15T1 Datasheet
71Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2004 ??Rev. 4
NCP561SN15T1 ONSEMI-NCP561SN15T1 Datasheet
117Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2007 - Rev. 5
NCP561SN15T1G ONSEMI-NCP561SN15T1G Datasheet
117Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2007 - Rev. 5
More results

Similar Description - NCP5612

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5602 ONSEMI-NCP5602 Datasheet
266Kb / 12P
   High Efficiency Ultra Small Thinnest White LED Driver
July, 2006 ??Rev. 1
NCP5604A ONSEMI-NCP5604A Datasheet
359Kb / 15P
   High Efficiency White LED Driver
March, 2006 ??Rev. 0
logo
New Japan Radio
NJU6048 NJRC-NJU6048 Datasheet
163Kb / 13P
   High Efficiency White LED Driver
logo
ON Semiconductor
NCP5680 ONSEMI-NCP5680 Datasheet
985Kb / 27P
   High Efficiency White LED Driver
May, 2009 ??Rev. 0
logo
Texas Instruments
LM3530 TI1-LM3530 Datasheet
7Mb / 50P
[Old version datasheet]   High-Efficiency White-LED Driver
logo
List of Unclassifed Man...
MP1521_R2.7W ETC-MP1521_R2.7W Datasheet
171Kb / 2P
   High Efficiency White LED Driver
logo
New Japan Radio
NJU6050 NJRC-NJU6050 Datasheet
108Kb / 8P
   High Efficiency White LED Driver
logo
Texas Instruments
LM3699 TI1-LM3699 Datasheet
1Mb / 25P
[Old version datasheet]   High-Efficiency White LED Driver
logo
Monolithic Power System...
MP1521 MPS-MP1521 Datasheet
170Kb / 8P
   High Efficiency White LED Driver
logo
Maxim Integrated Produc...
MAX1984 MAXIM-MAX1984 Datasheet
333Kb / 17P
   Ultra-High-Efficiency White LED Drivers
19-2761; Rev 0; 1/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com