Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF455A Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SF455A
Description  CDMA 450 Low Loss TX Filter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SF455A Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SF455A Datasheet HTML 1Page - List of Unclassifed Manufacturers SF455A Datasheet HTML 2Page - List of Unclassifed Manufacturers SF455A Datasheet HTML 3Page - List of Unclassifed Manufacturers SF455A Datasheet HTML 4Page - List of Unclassifed Manufacturers SF455A Datasheet HTML 5Page - List of Unclassifed Manufacturers SF455A Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
SF455A
Rev. Date
2005-2-14
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
PR6.0
Page 5/6
C
Ch
hiin
na
a E
Elle
eccttrro
on
niiccss T
Te
ecch
hn
no
ollo
og
gyy G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
esse
ea
arrcch
h IIn
nssttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
CDMA 450 Low Loss TX Filter
System Designator
A/B
Function
TX
Part Number:SF455A
3. Top Cover Tape Adhesion (See the below figure)
(1) pull off angle: 0~15°
(2) speed: 300mm/min.
(3) force: 20~70g
W
F
E
P0
P1
P2
D0
D1
t1
t2
A
B
12.0
±0.3
5.5
±0.1
1.75
±0.1
4.0
±0.2
8.0
±0.1
2.0
±0.2
Φ1.5
±0.1
Φ1.5
±0.25
0.31
max.
1.95
max.
4.1
max.
4.1
max.
[U it
]
Direction of pull off
TOP COVER TAPE


Similar Part No. - SF455A

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
SF455A SIPAT-SF455A Datasheet
437Kb / 6P
   CDMA 450 Low Loss TX Filter
More results

Similar Description - SF455A

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
SF455B SIPAT-SF455B Datasheet
435Kb / 6P
   CDMA 450 Low Loss TX Filter
SF465B SIPAT-SF465B Datasheet
521Kb / 7P
   CDMA 450 Low Loss TX Filter
SF465C SIPAT-SF465C Datasheet
420Kb / 6P
   CDMA 450 Low Loss TX Filter
SF453A SIPAT-SF453A Datasheet
458Kb / 6P
   CDMA 450 Low Loss TX Filter
SF455A SIPAT-SF455A Datasheet
437Kb / 6P
   CDMA 450 Low Loss TX Filter
SF453B SIPAT-SF453B Datasheet
417Kb / 6P
   CDMA 450 Low Loss TX Filter
SF463B SIPAT-SF463B Datasheet
556Kb / 7P
   CDMA 450 Low Loss TX Filter
logo
Oscilent Corporation
803-RF453.5M-C OSCILENT-803-RF453.5M-C Datasheet
143Kb / 5P
   CDMA 450, RF-Tx SAW Filter
862-RF453.75M-C OSCILENT-862-RF453.75M-C Datasheet
154Kb / 5P
   CDMA 450, RF/Tx SAW Filter
logo
Transko Electronics, In...
TA454DP TRANSKO-TA454DP Datasheet
316Kb / 4P
   CDMA 450, RF-Tx SAW Filter
Revision 0: October 2008
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com