Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S8VS-06024A Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # S8VS-06024A
Description  Switch mode Power Supply (Visible and Slim New Din Rail Power Supply)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S8VS-06024A Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button S8VS-06024A Datasheet HTML 5Page - Omron Electronics LLC S8VS-06024A Datasheet HTML 6Page - Omron Electronics LLC S8VS-06024A Datasheet HTML 7Page - Omron Electronics LLC S8VS-06024A Datasheet HTML 8Page - Omron Electronics LLC S8VS-06024A Datasheet HTML 9Page - Omron Electronics LLC S8VS-06024A Datasheet HTML 10Page - Omron Electronics LLC S8VS-06024A Datasheet HTML 11Page - Omron Electronics LLC S8VS-06024A Datasheet HTML 12Page - Omron Electronics LLC S8VS-06024A Datasheet HTML 13Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Switch mode Power Supply
S8VS
L-63
I Maintenance Forecast Monitor Function
The power supply unit is equipped with electrolytic capacitors.
The electrolyte inside the electrolytic capacitor penetrates the seal-
ing rubber and evaporates as time passes since it is manufactured,
which causes deterioration of characteristics such as decreasing the
capacitance, etc.
Due to this deterioration of the characteristics of the electrolytic
capacitor, the power supply unit decreases its performance as time
passes.
The maintenance forecast monitor function shows an approximate
period left for maintenance of the power supply unit due to deteriora-
tion of electrolytic capacitors. When the period left for maintenance
that the power supply forecasts reaches the set value, an alarm is
indicated and an output signal is triggered.
Use this function to know the approximate replacement timing of the
power supply unit.
Note: The maintenance forecast monitor function indicates an ap-
proximate period left for maintenance, based on deterioration
of the electrolytic capacitor. It does not predict failures caused
by other reasons.
Relationship Between Indicated Values and Output of Set Values
I Principle of Operation
The deterioration speed of the electrolytic capacitor varies consider-
ably according to the ambient temperature. (Generally the speed fol-
lows “Rule of Two for every 10°C”; for every 10°C increase in
temperature the rate of degradation doubles according to Arrhenius’s
equation.) The S8VS-0
@024A monitors the temperature inside the
power supply, and calculates the amount of deterioration according
to the running hours and inside temperature. Judging by this amount
of deterioration, the power supply will give the alarm indication and
output when the period left for maintenance reaches the set value.
Note: 1. Due to degradation of internal electronic parts, replace the
power supply at least once every 15 years even if indication
and output of maintenance forecast monitor are not issued.
2. The maintenance forecast is accelerated or decelerated ac-
cording to operating conditions. Periodically check indica-
tion.
I Reference Value
Note: The “maintenance forecast” is the service life (the power sup-
ply’s internal temperature is monitored at all times) of the inter-
nal electrolytic capacitor in actual operating conditions, and
varies according to the customer’s operating conditions. 15
years is taken as the maximum period of the maintenance fore-
cast.
(L
−0.5)
5.0
L=2.5
L=0.5
2.5
2.0
1.5
1.0
0.5
0
Initial capacity
"1.0" is displayed on the main display for the
duration that the maintenance forecast up to
replacement satisfies the condition 1.0
≤ T < 1.5.
L: Maintenance forecast set value
(See note.) 0.0 to 5.0, 0.5 steps
In case of setting L between 2.5 and 5 years.
Maintenance forecast monitor output
T: Maintenance time
until replacement
The numerical value
decreases with time.
Main display
Capacity of Capacitor
Capacity level
at replacement
Note: This function can be set only on the S8VS-09024A Model.
Item
Value
Definition
Reliability
(MTBF)
135,000 hrs
min.
MTBF stands for Mean Time Between
Failures, which is calculated according to
the probability of accidental device fail-
ures, and indicates reliability of devices.
Therefore, it does not necessarily repre-
sent a life of the product.
Life
expectancy
10 yrs. min. The life expectancy indicates average op-
erating hours under the ambient tempera-
ture of 40°C and a load rate of 50%.
Normally this is determined by the life ex-
pectancy of the built-in aluminum electro-
lytic capacitor.


Similar Part No. - S8VS-06024A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
S8VS-06024A OMRON-S8VS-06024A Datasheet
2Mb / 38P
   Switch Mode Power Supply
More results

Similar Description - S8VS-06024A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DRP012V015W1A DELTA-DRP012V015W1A Datasheet
900Kb / 4P
   DIN RAIL POWER SUPPLY
logo
Applied Motion Products...
PS480D72 AMP-PS480D72 Datasheet
950Kb / 6P
   DIN Rail Power Supply
logo
Advantech Co., Ltd.
PWR-242 ADVANTECH-PWR-242 Datasheet
240Kb / 1P
   DIN-rail Power Supply Panel Mount Power Supply
logo
Delta Electronics, Inc.
DRS-24V100W1AX DELTA-DRS-24V100W1AX Datasheet
973Kb / 15P
   Sync DIN Rail Power Supply
DRL-24V480W1AX DELTA-DRL-24V480W1AX Datasheet
880Kb / 15P
   LYTE DIN Rail Power Supply
DRC-12V30W1AZ DELTA-DRC-12V30W1AZ Datasheet
1Mb / 11P
   Chrome DIN Rail Power Supply
DRC-24V10W1AZ DELTA-DRC-24V10W1AZ Datasheet
1Mb / 12P
   Chrome DIN Rail Power Supply
DRP012V100W1AA DELTA-DRP012V100W1AA_14 Datasheet
834Kb / 12P
   CliQ DIN Rail Power Supply
DRP024V480W1AA DELTA-DRP024V480W1AA_14 Datasheet
1Mb / 13P
   CliQ DIN Rail Power Supply
DRC-24V30W1AZ DELTA-DRC-24V30W1AZ Datasheet
1Mb / 12P
   Chrome DIN Rail Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com