Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S8PE-F24024CD Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # S8PE-F24024CD
Description  Three phase input switch mode Power Supply (DIN-rail mounting, 3-phase input Switch mode Power Supply with a range of 5A to 40A output current)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S8PE-F24024CD Datasheet(HTML) 7 Page - Omron Electronics LLC

  S8PE-F24024CD Datasheet HTML 1Page - Omron Electronics LLC S8PE-F24024CD Datasheet HTML 2Page - Omron Electronics LLC S8PE-F24024CD Datasheet HTML 3Page - Omron Electronics LLC S8PE-F24024CD Datasheet HTML 4Page - Omron Electronics LLC S8PE-F24024CD Datasheet HTML 5Page - Omron Electronics LLC S8PE-F24024CD Datasheet HTML 6Page - Omron Electronics LLC S8PE-F24024CD Datasheet HTML 7Page - Omron Electronics LLC S8PE-F24024CD Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Three phase input switch mode Power Supply
S8PE
L-105
Notice
Three phase input operation when one phase is missing
The S8PE will in most cases continue to operate even after the loss
of one phase of the supply. The perfor mance specifications are of
course not guaranteed under these conditions. As the loss of one
phase puts additional stress on some components, the life span of
the unit could be shortened. It is prudent therefore to regularly check
for signs of the following possible conditions.
1. Input terminals wiring open/loose.
2. Incorrect / no voltage on one or more phases of the supply.
3. Abrupt or periodical loss of input voltage.
Three phase input switch off
In order to switch off the Power Supply completely: all 3 phases need
to be switched off.
Mounting
To improve and maintain the reliability of the Power Supply over a
long period, adequate consideration must be taken to heat radiation.
The S8PE is designed to radiate heat by natural air cooling, there-
fore, mount the S8PE so that enough air flow takes place around the
power supply.
If installing S8PEs closely, keep the minimum dis tance of 10 cm at
50 °C ambient, 5 cm at 20 °C am bient.
Generating (
±±±±) Output Voltage
An output of
± can be generated as shown below, since the S8PE
has a floating output.
Serial Operation
As shown below, the output voltage from each S8PE can be added.
Types must be the same.
Parallel Operation
As shown below, The Power supply can use for paral lel operation.
All the output voltage of each S8PEs should be exactly the same.
Also, make sure that the thickness and the length of all wires con-
nected to the load are the same to ensure that the wires will have no
voltage drop difference. Types must be the same.
+ V
− V
+ V
− V
+V
−V
+V
−V
+ V
− V
+ V
− V


Similar Part No. - S8PE-F24024CD

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
S8P2743W SONIX-S8P2743W Datasheet
3Mb / 136P
   ADC, OP-amp, Comparator 8-Bit Micro-Controller
More results

Similar Description - S8PE-F24024CD

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
S8VT OMRON-S8VT Datasheet
1Mb / 9P
   Three-phase Input Switch Mode Power Supply
logo
CUI INC
VDRT-960-48 CUI-VDRT-960-48 Datasheet
317Kb / 2P
   Three Phase Industrial DIN Rail Power Supply
VDRT-960-24 CUI-VDRT-960-24 Datasheet
317Kb / 2P
   Three Phase Industrial DIN Rail Power Supply
logo
Total Power Internation...
DRT-960 TOTAL-POWER-DRT-960 Datasheet
380Kb / 3P
   960W Three Phase Industrial DIN RAIL Power Supply
DRT-240 TOTAL-POWER-DRT-240 Datasheet
392Kb / 2P
   240W Three Phase Industrial DIN RAIL Power Supply
logo
Astrodyne Corporation
DRT-960 ASTRODYNE-DRT-960 Datasheet
377Kb / 3P
   960W Three Phase Industrial DIN RAIL Power Supply
logo
Mean Well Enterprises C...
DRT-240_0811 MEANWELL-DRT-240_0811 Datasheet
314Kb / 2P
   240W Three Phase Industrial DIN RAIL Power Supply
DRT-960 MEANWELL-DRT-960_11 Datasheet
300Kb / 3P
   960W Three Phase Industrial DIN RAIL Power Supply
DRT-240 MEANWELL-DRT-240_11 Datasheet
314Kb / 2P
   240W Three Phase Industrial DIN RAIL Power Supply
DRT-240 MEANWELL-DRT-240 Datasheet
148Kb / 2P
   240W Three Phase Industrial DIN RAIL Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com