Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S8VS-06024B Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # S8VS-06024B
Description  Switch mode Power Supply (Visible and Slim New Din Rail Power Supply)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S8VS-06024B Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button S8VS-06024B Datasheet HTML 7Page - Omron Electronics LLC S8VS-06024B Datasheet HTML 8Page - Omron Electronics LLC S8VS-06024B Datasheet HTML 9Page - Omron Electronics LLC S8VS-06024B Datasheet HTML 10Page - Omron Electronics LLC S8VS-06024B Datasheet HTML 11Page - Omron Electronics LLC S8VS-06024B Datasheet HTML 12Page - Omron Electronics LLC S8VS-06024B Datasheet HTML 13Page - Omron Electronics LLC S8VS-06024B Datasheet HTML 14Page - Omron Electronics LLC S8VS-06024B Datasheet HTML 15Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Switch mode Power Supply
S8VS
L-65
Precautions
!Caution
Do not disassemble the product or touch internal parts.
Electric shock may be caused.
Do not touch the product during power-on, and immediately after
poweroff. Hot surface may cause heat injury.
Tighten the terminal screw with torque 1.08 N·m.
A loose screw may cause fire.
Install the terminal cover.
Electric shock may be caused if not installed.
Mounting
Be sure to allow convection in the atmosphere around devices when
mounting. Do not use in locations where the ambient temperature
exceeds the range of the derating curve.
When cutting out holes for mounting, make sure that cuttings do not
enter the interior of the products.
Before turning the Power Supply ON, be sure to remove sheets that
were used as covers during mounting, and make sure that heat
release is not obstructed.
Wiring
Ground the product (GR) completely. Failure to do so could cause
electric shock or malfunction.
Ensure that input and output terminals are wired correctly.
Do not apply more than 100N force to the terminal block when tight-
ening it.
Be sure to remove the sheet covering the product for machining
before power-on.
Recommended Wire Type
Installation Environment
Do not use the Power Supply in locations subject to shocks or vibra-
tions. In particular, install the Power Supply as far away as possible
from contactors or other devices that are a vibration source.
Install the Power Supply well away from any sources of strong, high-
frequency noise.
Operating and Storage Environments
Do not use or store the Power Supply in the following locations.
Doing so may result in failure, malfunction, or deterioration of perfor-
mance characteristics.
• Do not use in locations subject to direct sunlight.
• Do not use in locations where the ambient temperature exceeds
the range of the derating curve.
• Do not use in locations where the humidity is outside the range
25% to 85%, or locations subject to condensation due to sudden
temperature changes.
• Do not store in locations where the ambient temperature is outside
the range
−25 to 65°C or where the humidity is outside the range
25% to 90%.
• Do not use locations where liquids, foreign matter, corrosive gases,
or flammable gases may enter the interior of products.
S8VS-
@@@24A Model Only
Satisfy the following conditions when storing the Power Supply for
long periods of time to maintain its remaining service life function.
• When storing for more than three months, store within an ambient
temperature range of
−25 to +30°C and the humidity range of 25 to
70%.
Periodic Inspection (S8VS-09024A
Model Only)
Under general operating conditions, the remaining service life func-
tion starts to work from several to ten and several years after start of
use. When the Power Supply is used for long periods of time, peri-
odically follow the procedure below to check that the remaining ser-
vice life function ((12)Yrs) is working properly.
1. Set to the Power Supply to the Run Mode.
2. Make sure that output ((12)Yrs) is ON (electrical continuity across
terminals (12) and (13)).
3. In the Run Mode, hold down the Down Key (10) and the Mode
Key (8) for at least three seconds at the same time.
The main display ((6)) changes to
a02.
This function is working properly if output ((12)Yrs) is OFF (no
electrical continuity across terminals (12) and (13)).
4. Release the key to return to the regular mode.
Note: DC output is also maintained during periodic inspection.
Model
Recommended wire size
S8VS-06024
@
AWG14 to 20
(Cross section 0.517 to 2.081mm2)
S8VS-09024
@
AWG14 to 18
(Cross section 0.823 to 2.081mm2)
Alarm output terminal: AWG22 to 28
(Cross section 0.081 to 0.326mm2)
*1
*1
*2
*1. Convection of air
*2. 20 mm min.
1
13
12
11
2
4
5
8
9
7
6
10
3


Similar Part No. - S8VS-06024B

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
S8VS-06024B OMRON-S8VS-06024B Datasheet
2Mb / 38P
   Switch Mode Power Supply
More results

Similar Description - S8VS-06024B

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DRP012V015W1A DELTA-DRP012V015W1A Datasheet
900Kb / 4P
   DIN RAIL POWER SUPPLY
logo
Applied Motion Products...
PS480D72 AMP-PS480D72 Datasheet
950Kb / 6P
   DIN Rail Power Supply
logo
Advantech Co., Ltd.
PWR-242 ADVANTECH-PWR-242 Datasheet
240Kb / 1P
   DIN-rail Power Supply Panel Mount Power Supply
logo
Delta Electronics, Inc.
DRS-24V100W1AX DELTA-DRS-24V100W1AX Datasheet
973Kb / 15P
   Sync DIN Rail Power Supply
DRL-24V480W1AX DELTA-DRL-24V480W1AX Datasheet
880Kb / 15P
   LYTE DIN Rail Power Supply
DRC-12V30W1AZ DELTA-DRC-12V30W1AZ Datasheet
1Mb / 11P
   Chrome DIN Rail Power Supply
DRC-24V10W1AZ DELTA-DRC-24V10W1AZ Datasheet
1Mb / 12P
   Chrome DIN Rail Power Supply
DRP012V100W1AA DELTA-DRP012V100W1AA_14 Datasheet
834Kb / 12P
   CliQ DIN Rail Power Supply
DRP024V480W1AA DELTA-DRP024V480W1AA_14 Datasheet
1Mb / 13P
   CliQ DIN Rail Power Supply
DRC-24V30W1AZ DELTA-DRC-24V30W1AZ Datasheet
1Mb / 12P
   Chrome DIN Rail Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com