Selected language     English  â–¼


SM7720DEX-100.M-T250 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part No. SM7720DEX-100.M-T250
Description  1.8 V CMOS Clock Oscillators
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 6 page
background image
SM77D Series 1.8 V
CMOS Clock Oscillators
October 2006
www.pletronics.com
425-776-1880
6
Mechanical:
Inches
mm
A
0.276 +_0.006
7.00 +_0.15
B
0.197 +_0.006
5.00 +_0.15
C
0.073 +_0.012
1.87 +_0.30
D1
0.038
0.96
E1
0.200
5.08
F1
0.004
0.10
G1
0.050
1.27
H1
0.055
1.40
Not to Scale
1 Typical dimensions
I1
0.024
0.60
J1
0.004
0.10R
K1
0.008
0.020R
Contacts :
Gold 11.8 μinches
0.3 μm minimum over Nickel 50 to 350 μinches
1.27 to 8.89 μm
Pad
Function
Note
1
Output
Enable/Disable
When this pad is not connected the oscillator shall operate.
When this pad is logic low the output will be inhibited (high impedance state.)
Recommend connecting this pad to V
CC if the oscillator is to be always on.
2
Ground (GND)
3
Output
4
Supply Voltage
(V
CC)
Recommend connecting appropriate power supply bypass capacitors as close as
possible.
Layout and application information
For Optimum Jitter Performance, Pletronics recommends:
•
a ground plane under the device
•
no large transient signals (both current and voltage) should be routed under the device
•
do not layout near a large magnetic field such as a high frequency switching power supply
•
do not place near piezoelectric buzzers or mechanical fans.




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AM29SL400C4 Megabit 512 K x 8-Bit/256 K x 16-Bit CMOS 1.8 Volt-only Super Low Voltage Flash Memory 1 2 3 4 5 MoreSPANSION
VCC1-A3A1.8 2.5 3.3 5.0 volt CMOS Oscillator 1 2 3 4 5 MoreList of Unclassifed Manufacturers
CF5746AABCMOS Analog Clock IC 1 2 3 4 5 MoreNippon Precision Circuits Inc
NTE1639Integrated Circuit CMOS Clock Generator/Driver for BBDs 1 2 3 4 NTE Electronics
CD40192BMSCMOS Presettable Up/Down Counters Dual Clock With Reset 1 2 3 4 5 MoreIntersil Corporation
IDT49FCT208052.5V CMOS DUAL 1-TO-5 CLOCK DRIVER 1 2 3 4 5 MoreIntegrated Device Technology
SJ-C1440CRYSTAL CLOCK OSCILLATORS 1 2 List of Unclassifed Manufacturers
CO15THROUGH HOLE CLOCK OSCILLATORS - 3 STATE HCMOS COMPATIBLE 1 2 Raltron Electronics Corporation
IN74AC273Octal D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS 1 2 3 4 5 Integral Corp.
636CMOS/TTL CLOCK OSCILLATOR 1 2 3 4 CTS Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl