Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S71WS256NC0BFWYK2 Datasheet(PDF) 3 Page - SPANSION

Part # S71WS256NC0BFWYK2
Description  Stacked Multi-Chip Product (MCP)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71WS256NC0BFWYK2 Datasheet(HTML) 3 Page - SPANSION

  S71WS256NC0BFWYK2 Datasheet HTML 1Page - SPANSION S71WS256NC0BFWYK2 Datasheet HTML 2Page - SPANSION S71WS256NC0BFWYK2 Datasheet HTML 3Page - SPANSION S71WS256NC0BFWYK2 Datasheet HTML 4Page - SPANSION S71WS256NC0BFWYK2 Datasheet HTML 5Page - SPANSION S71WS256NC0BFWYK2 Datasheet HTML 6Page - SPANSION S71WS256NC0BFWYK2 Datasheet HTML 7Page - SPANSION S71WS256NC0BFWYK2 Datasheet HTML 8Page - SPANSION S71WS256NC0BFWYK2 Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
This document contains information on one or more products under development at Spansion Inc. The information is intended to help you evaluate this product. Do not design in
this product without contacting the factory. Spansion Inc. reserves the right to change or discontinue work on this proposed product without notice.
Publication Number S71WS-N_00
Revision A
Amendment 6
Issue Date July 19, 2006
Features
Power supply voltage of 1.7 V to 1.95 V
Burst Speed: 54 MHz, 66 MHz, 80 MHz
Package
– 8 x 11.6 mm, 9 x 12 mm
Operating Temperature
– Wireless, –25° C to +85° C
General Description
The S71WS-N Series is a product line of stacked Multi-Chip Product (MCP) packages and consists of the following items:
One or more flash memory die (for the S71WS512N, two S29WS256N devices are used)
CellularRAM Type 2 pSRAM
The products covered by this document are listed in the table below. For details about their specifications, please refer to the
individual constituent datasheet for further details.
For detailed specifications, please refer to the individual data sheets.
S71WS-N
Stacked Multi-Chip Product (MCP)
1.8 Volt-only Simultaneous Read/Write,
Burst-mode Flash Memory with CellularRAM
Data Sheet (Advance Information)
Flash Density
pSRAM
32 Mb
64 Mb
128 Mb
S29WS128N
S71WS128NB0
S71WS128NC0
S29WS256N
S71WS256NC0
S71WS256ND0
S29WS512N
S71WS512NC0
S71WS512ND0
Document
Publication Identification Number (PID)
S29WS-N
S29WS-N_00
128 M CellularRAM Type 2
Cellram_04
32 M CellularRAM Type 2
Cellram_06
64 M CellularRAM Type 2
Cellram_07


Similar Part No. - S71WS256NC0BFWYK2

ManufacturerPart #DatasheetDescription
logo
SPANSION
S71WS256NC0BFWY20 SPANSION-S71WS256NC0BFWY20 Datasheet
3Mb / 188P
   Stacked Multi-Chip Product (MCP)
S71WS256NC0BFWY22 SPANSION-S71WS256NC0BFWY22 Datasheet
3Mb / 188P
   Stacked Multi-Chip Product (MCP)
S71WS256NC0BFWY23 SPANSION-S71WS256NC0BFWY23 Datasheet
3Mb / 188P
   Stacked Multi-Chip Product (MCP)
S71WS256NC0BFWY30 SPANSION-S71WS256NC0BFWY30 Datasheet
3Mb / 188P
   Stacked Multi-Chip Product (MCP)
S71WS256NC0BFWY32 SPANSION-S71WS256NC0BFWY32 Datasheet
3Mb / 188P
   Stacked Multi-Chip Product (MCP)
More results

Similar Description - S71WS256NC0BFWYK2

ManufacturerPart #DatasheetDescription
logo
SPANSION
S75PL-N SPANSION-S75PL-N Datasheet
271Kb / 8P
   Stacked Multi-Chip Product (MCP)
S73WS256N SPANSION-S73WS256N Datasheet
5Mb / 251P
   Stacked Multi-Chip Product (MCP)
S71GL512NB0 SPANSION-S71GL512NB0 Datasheet
3Mb / 147P
   Stacked Multi-chip Product (MCP)
S71WS-NX0 SPANSION-S71WS-NX0 Datasheet
3Mb / 188P
   Stacked Multi-Chip Product (MCP)
S71NS-J SPANSION-S71NS-J Datasheet
215Kb / 9P
   Stacked Multi-Chip Product (MCP)
S75WS256NXX SPANSION-S75WS256NXX Datasheet
3Mb / 216P
   Stacked Multi-Chip Product (MCP)
S71GLXXXNC0 SPANSION-S71GLXXXNC0 Datasheet
1Mb / 122P
   Stacked Multi-chip Product (MCP)
S71WS-J SPANSION-S71WS-J Datasheet
4Mb / 186P
   Stacked Multi-Chip Product (MCP)
S73WS-P SPANSION-S73WS-P Datasheet
233Kb / 10P
   Stacked Multi-Chip Product (MCP)
S75WS-N SPANSION-S75WS-N Datasheet
393Kb / 15P
   Stacked Multi-Chip Product (MCP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com