Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TOMC16031003DTF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TOMC16031003DTF
Description  Molded, 50 Mil Pitch Resistor Networks
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TOMC16031003DTF Datasheet(HTML) 1 Page - Vishay Siliconix

  TOMC16031003DTF Datasheet HTML 1Page - Vishay Siliconix TOMC16031003DTF Datasheet HTML 2Page - Vishay Siliconix TOMC16031003DTF Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Molded, 50 Mil Pitch Resistor Networks
TOMC
Vishay Thin Film
www.vishay.com
For technical questions contact thin-film@vishay.com
Document Number: 60008
23
Revision: 10-May-06
Vishay Thin Film offers standard circuits in 16 pin in a
medium body molded surface mount package. The net-
works are available over a resistance range of 100 ohms to
100K ohms. The network features tight ratio tolerances and
close TCR tracking. In addition to the standards shown, cus-
tom circuits are available upon request.
SCHEMATIC
FEATURES
• Lead (Pb)-free available
• 0.090" (2.29 mm) maximum seated height
• Rugged, molded case construction (0.22" wide)
• Highly stable thin film (500 ppm at 70 °C,
10 000 hours)
• Low temperature coefficient, ± 25 ppm/°C
(- 55 °C to + 125 °C)
• Wide resistance range 100 Ω to 100 kΩ
TYPICAL PERFORMANCE
* Pb containing terminations are not RoHS compliant, exemptions may apply
Actual Size
TOMC-1601
Pin No. 1
Ref.
01 circuit
The 01 circuit provides 15
nominally equal resistors,
each connected between
a common lead (16) and a
discrete PC board pin.
ABS
TRACKING
TCR
25
5
ABS
RATIO
TOL
0.1
0.025
TOMC-1603
Pin No. 1
Ref.
03 circuit
The 03 circuit provides a
choice
of
8
nominally
equal resistors with each
resistor isolated from all
others and wired directly
across.
STANDARD ELECTRICAL SPECIFICATIONS
TEST
SPECIFICATIONS
CONDITION
PIN NUMBER
16
Resistance Range
100 Ohms to 100K Ohms
TCR:
Tracking
± 5 ppm/°C
- 55 °C to + 125 °C
Absolute
± 25 ppm/°C
- 55 °C to + 125 °C
Tolerance:
Ratio
± 0.5 %, ± 0.1 %, ± 0.05 %, ± 0.025 %
+ 25 °C
Absolute
± 0.1 %, ± 0.5 %, ± 0.25 %, ± 0.1 %
+ 25 °C
Power Rating:
Resistor
Pin 1 Common = 50 mW Isolated = 100 mW
Max. at + 70 °C
Package
750 mW
Max. at + 70 °C
Stability:
ΔR Absolute
500 ppm
2000 hrs at + 70 °C
ΔR Ratio
150 ppm
2000 hrs. at + 70 °C
Voltage Coefficient
0.1 ppm/Volt
Working Voltage
50 Volts
Operating Temperature Range
- 55 °C to + 125 °C
Storage Temperature Range
- 55 °C to + 150 °C
Noise
< - 30 dB
Thermal EMF
0.08 µV/°C
Shelf Life Stability:
Absolute
100 ppm
1 year at + 25 °C
Ratio
20 ppm
1 year at + 25 °C
Available
Pb-free
RoHS*
COMPLIANT


Similar Part No. - TOMC16031003DTF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TOMC16031003DTF VISHAY-TOMC16031003DTF Datasheet
151Kb / 3P
   Molded, 50 Mil Pitch Resistor Networks
Revision: 05-Mar-08
More results

Similar Description - TOMC16031003DTF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TOMC VISHAY-TOMC_08 Datasheet
151Kb / 3P
   Molded, 50 Mil Pitch Resistor Networks
Revision: 05-Mar-08
RMKM VISHAY-RMKM Datasheet
98Kb / 3P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Networks
Revision: 21-Aug-06
VSOR2000S1 VISHAY-VSOR2000S1 Datasheet
235Kb / 3P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Networks
Revision: 15-May-07
RMKMS VISHAY-RMKMS Datasheet
240Kb / 3P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Networks
Revision: 02-May-07
WOMC VISHAY-WOMC Datasheet
106Kb / 4P
   Molded, 50 Mil Pitch, Dual In-Line Resistor Networks, Wide Body
Revision: 10-May-06
VTSR VISHAY-VTSR Datasheet
132Kb / 4P
   Molded, 25 or 50 Mil Pitch, Dual-In-Line Resistor Networks
Revision: 11-Jun-07
WOMC VISHAY-WOMC_08 Datasheet
249Kb / 4P
   Molded, 50 Mil Pitch, Dual In-Line Resistor Networks, Wide Body
Revision: 15-May-07
NOMC VISHAY-NOMC Datasheet
113Kb / 2P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Networks Narrow Body
Revision 21-May-01
VSSR VISHAY-VSSR Datasheet
131Kb / 4P
   Molded, 25 or 50 Mil Pitch, Dual-In-Line Resistor Networks
Revision: 14-Nov-08
SLCC VISHAY-SLCC_08 Datasheet
137Kb / 3P
   Hermetic, 50 Mil Pitch, Leadless Chip Resistor Networks
Revision: 16-Jun-08
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com