Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29GL032M10FBIR30 Datasheet(PDF) 11 Page - SPANSION

Part # S29GL032M10FBIR30
Description  256,128,64,32,Megabit 3.0 Volt-only Page Mode Flash Memory featuring 0.23 關m MirrorBit Process Technology
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL032M10FBIR30 Datasheet(HTML) 11 Page - SPANSION

Back Button S29GL032M10FBIR30 Datasheet HTML 7Page - SPANSION S29GL032M10FBIR30 Datasheet HTML 8Page - SPANSION S29GL032M10FBIR30 Datasheet HTML 9Page - SPANSION S29GL032M10FBIR30 Datasheet HTML 10Page - SPANSION S29GL032M10FBIR30 Datasheet HTML 11Page - SPANSION S29GL032M10FBIR30 Datasheet HTML 12Page - SPANSION S29GL032M10FBIR30 Datasheet HTML 13Page - SPANSION S29GL032M10FBIR30 Datasheet HTML 14Page - SPANSION S29GL032M10FBIR30 Datasheet HTML 15Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 116 page
background image
October 10, 2006 S29GL-M_00_B6
S29GL-M MirrorBitTM Flash Family
9
Data
Sheet
Note: Ball H7 is VIO on S29GL064M (model R5).
Special Package Handling Instructions
Special handling is required for Flash Memory products in molded packages (TSOP and BGA). The
package and/or data integrity may be compromised if the package body is exposed to tempera-
tures above 150°C for prolonged periods of time.
C2
D2
E2
F2
G2
H2
J2
K2
C3
D3
E3
F3
G3
H3
J3
K3
C4
D4
E4
F4
G4
H4
J4
K4
C5
D5
E5
F5
G5
H5
J5
K5
C6
D6
E6
F6
G6
H6
J6
K6
C7
D7
A7
B7
A8
B8
A1
B1
A2
E7
F7
G7
H7
J7
K7
L7
L8
M7
M8
L1
L2
M1
M2
NC*
NC*
NC*
NC*
NC*
NC*
NC*
NC*
NC*
NC*
NC*
NC*
NC*
NC*
NC*
DQ15/A-1
VSS
BYTE#
1
A16
A15
A14
A12
A13
DQ13
DQ6
DQ14
DQ7
A11
A10
A8
A9
VCC
DQ4
DQ12
DQ5
A19
A21
RESET#
WE#
DQ11
DQ3
DQ10
DQ2
A20
A18
WP#/ACC
RY/BY#
DQ9
DQ1
DQ8
DQ0
A5
A6
A17
A7
OE#
VSS
CE#
A0
A1
A2
A4
A3
* Balls are shorted together via the substrate but not connected to the die.
63-Ball Fine-Pitch BGA
Top View, Balls Facing Down


Similar Part No. - S29GL032M10FBIR30

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29GL032M10FBIR30 SPANSION-S29GL032M10FBIR30 Datasheet
4Mb / 160P
   3.0 Volt-only Page Mode Flash Memory featuring 0.23 um MirrorBit process technology
More results

Similar Description - S29GL032M10FBIR30

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29GLXXXM SPANSION-S29GLXXXM Datasheet
4Mb / 160P
   3.0 Volt-only Page Mode Flash Memory featuring 0.23 um MirrorBit process technology
S70GL01GN00 SPANSION-S70GL01GN00_07 Datasheet
1Mb / 83P
   1024 Megabit, 3.0 Volt-only Page Mode Flash Memory Featuring 110 nm MirrorBit??Process Technology
S29GL-N SPANSION-S29GL-N Datasheet
2Mb / 100P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
S29GL-P SPANSION-S29GL-P_07 Datasheet
2Mb / 77P
   3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL-P SPANSION-S29GL-P Datasheet
1Mb / 71P
   3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S70GL01GN00 SPANSION-S70GL01GN00 Datasheet
1Mb / 83P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
S29GL-N SPANSION-S29GL-N_07 Datasheet
3Mb / 79P
   64 Megabit, 32 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 110 nm MirrorBit Process Technology
S29GL032A SPANSION-S29GL032A_07 Datasheet
3Mb / 95P
   64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology
S70GL-P SPANSION-S70GL-P Datasheet
455Kb / 13P
   2 Gigabit, 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S70GL02GP SPANSION-S70GL02GP Datasheet
313Kb / 14P
   2 Gigabit, 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com