Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S71PL127J80BAW9Z2 Datasheet(PDF) 3 Page - SPANSION

Part # S71PL127J80BAW9Z2
Description  Based MCPs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71PL127J80BAW9Z2 Datasheet(HTML) 3 Page - SPANSION

  S71PL127J80BAW9Z2 Datasheet HTML 1Page - SPANSION S71PL127J80BAW9Z2 Datasheet HTML 2Page - SPANSION S71PL127J80BAW9Z2 Datasheet HTML 3Page - SPANSION S71PL127J80BAW9Z2 Datasheet HTML 4Page - SPANSION S71PL127J80BAW9Z2 Datasheet HTML 5Page - SPANSION S71PL127J80BAW9Z2 Datasheet HTML 6Page - SPANSION S71PL127J80BAW9Z2 Datasheet HTML 7Page - SPANSION S71PL127J80BAW9Z2 Datasheet HTML 8Page - SPANSION S71PL127J80BAW9Z2 Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
This document contains information on one or more products under development at Spansion LLC. The information is intended to help you eval-
uate this product. Do not design in this product without contacting the factory. Spansion LLC reserves the right to change or discontinue work
on this proposed product without notice.
Publication Number S71PL-J_00
Revision B Amendment 3 Issue Date March 17, 2006
Distinctive Characteristics
MCP Features
Power supply voltage of 2.7 V to 3.1 V
High performance
— 65 ns (65 ns Flash, 70 ns pSRAM)
Packages
— 7 x 9 x 1.2mm 56 ball FBGA
— 8 x 11.6 x 1.2mm 64 ball FBGA
— 8 x 11.6 x 1.4mm 84 ball FBGA
Operating Temperature
—–25°C to +85°C
—–40°C to +85°C
General Description
The S71PL series is a product line of stacked Multi-Chip Product (MCP) packages and consists
of:
One or more S29PL (Simultaneous Read/Write) Flash memory die
pSRAM or SRAM (See “Referenced Data Sheets” on page 2)
The 256Mb Flash memory consists of two S29PL127J devices. In this case, CE#f2 is used to
access the second Flash and no extra address lines are required.
The products covered by this document are listed in the table below:
Notes:
1. Not recommended for new designs; use pSRAM based MCPs instead.
2. Not recommended for new designs: use S71PL127N and S71PL256N instead.
S71PL-J Based MCPs
Stacked Multi-Chip Product (MCP) Flash Memory and
RAM 256M/128/64/32 Megabit (16/8/4/2M x 16-bit) CMOS 3.0
Volt-only Simultaneous Operation Page Mode Flash
Memory and 64/32/16/8/4 Megabit (4M/2M/1M/512K/256K x
16-bit) Static RAM/Pseudo Static RAM
Data Sheet
ADVANCE
INFORMATION
Flash Memory Density
32Mb
64Mb
128Mb (Note 2)
256Mb (Note 2)
pSRAM Density
4 Mb
S71PL032J40
8 Mb
S71PL032J80
S71PL064J80
16 Mb
S71PL032JA0
S71PL064JA0
32 Mb
S71PL064JB0
S71PL127JB0
64 Mb
S71PL127JC0
S71PL254JC0
Flash Memory Density
32Mb
64Mb
SRAM Density (Note 1)
4 Mb
S71PL032J04
8 Mb
S71PL032J08
S71PL064J08
16 Mb
S71PL064J0A


Similar Part No. - S71PL127J80BAW9Z2

ManufacturerPart #DatasheetDescription
logo
SPANSION
S71PL127J SPANSION-S71PL127J Datasheet
5Mb / 196P
   STACKED MULTI CHIP PRODUCT FLASH MEMORY AND RAM
S71PL127JA0 SPANSION-S71PL127JA0 Datasheet
5Mb / 196P
   STACKED MULTI CHIP PRODUCT FLASH MEMORY AND RAM
S71PL127JB0 SPANSION-S71PL127JB0 Datasheet
5Mb / 196P
   STACKED MULTI CHIP PRODUCT FLASH MEMORY AND RAM
S71PL127JB0 SPANSION-S71PL127JB0 Datasheet
726Kb / 22P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
S71PL127JC0 SPANSION-S71PL127JC0 Datasheet
5Mb / 196P
   STACKED MULTI CHIP PRODUCT FLASH MEMORY AND RAM
More results

Similar Description - S71PL127J80BAW9Z2

ManufacturerPart #DatasheetDescription
logo
SPANSION
S72NS-N SPANSION-S72NS-N Datasheet
584Kb / 17P
   Based MCPs
S71GS256 SPANSION-S71GS256 Datasheet
2Mb / 195P
   128N based MCPs
S71PL-N SPANSION-S71PL-N Datasheet
279Kb / 14P
   MirrorBit MCPs
logo
List of Unclassifed Man...
POLYPAD1000 ETC2-POLYPAD1000 Datasheet
455Kb / 2P
   Polyester based
POLYPADK-10 ETC2-POLYPADK-10 Datasheet
558Kb / 2P
   Polyester based
logo
PHOENIX CONTACT
2891161 PHOENIX-2891161 Datasheet
60Kb / 5P
   Secure web-based and SNMP-based management
logo
List of Unclassifed Man...
POLYPAD400 ETC2-POLYPAD400 Datasheet
473Kb / 2P
   Polyester based
logo
Gamewell-FCI by Honeywe...
CAB-A GAMEWELL-FCI-CAB-A Datasheet
170Kb / 4P
   MULTIPROCESSOR-BASED
logo
PHOENIX CONTACT
2891062 PHOENIX-2891062 Datasheet
69Kb / 4P
   Secure web-based and SNMP-based management
logo
ATMEL Corporation
AT91SAM7XC128 ATMEL-AT91SAM7XC128 Datasheet
482Kb / 38P
   Thumb-based Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com