Electronic Components Datasheet Search |
|
S29GL256P13FFI020 Datasheet(PDF) 7 Page - SPANSION |
|
S29GL256P13FFI020 Datasheet(HTML) 7 Page - SPANSION |
7 / 71 page November 21, 2006 S29GL-P_00_A3 S29GL-P MirrorBit TM Flash Family 5 Da ta Sh e e t (Adv a n ce In f o r m ation) 1. Ordering Information The ordering part number is formed by a valid combination of the following: Notes 1. Type 0 is standard. Specify other options as required. 2. TSOP package marking omits packing type designator from ordering part number. 3. BGA package marking omits leading “S29” and packing type designator from ordering part number. 4. Contact local sales representative for availability, and on the following part numbers: S29GL01GP12TFI010, S29GL01GP12FFI010, S29GL01GP13TFIV10, S29GL01GP13FFIV10. 1.1 Recommended Combinations Recommended Combinations list configurations planned to be supported in volume for this device. Consult your local sales office to confirm availability of specific recommended combinations and to check on newly released combinations. S29GL01GP S29GL512P S29GL256P S29GL128P 10 F A I 01 0 PACKING TYPE 0 = Tray (standard; see (Note 1) 2 = 7” Tape and Reel 3 = 13” Tape and Reel MODEL NUMBER (VIO range, protection when WP# =VIL) 01 = VIO = VCC = 2.7 to 3.6 V, highest address sector protected 02 = VIO = VCC = 2.7 to 3.6 V, lowest address sector protected V1 = VIO = 1.65 to VCC, VCC = 2.7 to 3.6 V, highest address sector protected V2 = VIO = 1.65 to VCC, VCC = 2.7 to 3.6 V, lowest address sector protected R1 = VIO = VCC = 3.0 to 3.6 V, highest address sector protected R2 = VIO = VCC = 3.0 to 3.6 V, lowest address sector protected TEMPERATURE RANGE I = Industrial (–40°C to +85°C) PACKAGE MATERIALS SET A= Pb (Note 4) F = Pb-free PACKAGE TYPE T = Thin Small Outline Package (TSOP) Standard Pinout F = Fortified Ball Grid Array, 1.0 mm pitch package SPEED OPTION 11 = 110 ns 12 = 120 ns 13 = 130 ns DEVICE NUMBER/DESCRIPTION S29GL01GP, S29GL512P, S29GL256P, S29GL128P 3.0 Volt-only, 1024, 512, 256 and 128 Megabit (32 M x 16-Bit/64 M x 8-Bit) Page-Mode Flash Memory Manufactured on 90 nm MirrorBit TM process technology S29GL-P Valid Combinations Package Description 1Gb Speed (ns) Package & Temperature Model Number Pack Type S29GL01GP 11 TAI , TFI (Note 4) R1, R2 0, 3 (Note 1) TS056 (TSOP) (Note 2) 12 01 (Note 4), 02 13 V1 (Note 4), V2 11 FAI , FFI (Note 4) R1, R2 0, 2, 3 (Note 1) LAA064 (Fortified BGA) (Note 3) 12 01 (Note 4), 02 13 V1 (Note 4), V2 S29GL512P, S29GL256P, S29GL128P (Note 4) |
Similar Part No. - S29GL256P13FFI020 |
|
Similar Description - S29GL256P13FFI020 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |