Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TKJA0E11BITN Datasheet(PDF) 2 Page - ITT Industries

Part # TKJA0E11BITN
Description  Filter Connectors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

TKJA0E11BITN Datasheet(HTML) 2 Page - ITT Industries

  TKJA0E11BITN Datasheet HTML 1Page - ITT Industries TKJA0E11BITN Datasheet HTML 2Page - ITT Industries TKJA0E11BITN Datasheet HTML 3Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.ittcannon.com
314
Dimensions are shown in inches (millimeters).
Dimensions subject to change.
MIL-C-38999 Series I, II, III, IV Filter Connectors
Performance and Material Specifications
Contact Extension - All Connectors
Contact - Pin and Sockets
MATERIALS AND FINISHES
ELECTRICAL (Size #16, #20 and #22)
Shell
Insulator
Contacts
Grommet and Seal
Jam Nut
Grounding Spring
*Finish as noted in How to Order section.
Aluminum alloy*
High grade plastic/epoxy
Copper alloy, gold plate
Silicone base elastomer
Aluminum alloy*
Beryllium copper, silver plate
Filter Description
Catalog Indicator
Voltage Rating
Current Rating (amp DC)
Insulation Resistance, 2 min. electrification time max. at 25˚C
DWV, sea level, with 500 microamps max.
charge/discharge
Capacitance at 1 KHz, 0.1 V rms Picofarads
Standard Contact Terminations
Note: Solder pot extension typically will be .200 (5.08)
max. beyond shell rear.
REAR OF
METAL SHELL
SOLDER POT
EXTENSION
Finish: Gold plate per MIL-G-45204, Type 1,
Class 1, over nickel plate per QQ-N-290.
A
C
DIA.
B
DIA.
Pin/Solder Pot
Pin/Printed Circuit
DIA. .020 (.51) X.250 (6.35) EXT.
BEYOND SHELL REAR
.025 (.64) SQ. X .500 (12.70) EXT.
BEYOND SHELL REAR
Pin/Wire Wrap
.186
(4.72)
MAX.
B
DIA.
Socket/Solder Pot
Contact
Size
#22
.115 (2.92)
.095 (2.41)
.125 (3.18)
.110 (2.79)
.170 (4.32)
.150 (3.81)
.039 (0.97)
.035 (0.89)
.047 (1.19)
.042 (1.07)
.077 (1.96)
.068 (1.73)
.056 (1.42)
.051 (1.30)
.066 (1.68)
.061 (1.55)
.104 (2.64)
.097 (2.46)
#20
#16
A
B
Dia.
C
Dia.
C
DIA.
Low Freq.
L
Mid Freq.
M
High Freq.
H
300 VDC size 22
500 VDC size 16 & 20
32,000
45,000
8,000
12,000
850
1,300
3300
5000
Attenuation per MIL-STD-220
at 25˚C with no applied
voltage or current.
Std. Freq.
T
200 VDC - 120 VAC rms 400 Hz
15 amp - size 16/7.5 amp - size 20/5.0 amp, size 22
5,000 megohms min. @ 100 VDC
500 VDC
Freq. MHz
0.1
1
2
10
100
2 min.
10 min.
16 min.
40 min.
60 min.
70 min.
-
2 min.
7 min.
18 min.
55 min.
60 min.
500 to 1000
Filter Type/Construction
Consult factory for higher or mixed attenuation values and higher voltage ratings.
Pi
Pi
Pi
Pi
-
-
2 min.
8 min.
45 min.
55 min.
-
-
-
2 min.
30 min.
50 min.


Similar Part No. - TKJA0E11BITN

ManufacturerPart #DatasheetDescription
logo
ITT Industries
TKJA ITT-TKJA Datasheet
112Kb / 2P
   Filter; Avionics Communication Computer Telemetry Systems
More results

Similar Description - TKJA0E11BITN

ManufacturerPart #DatasheetDescription
logo
ITT Industries
TD1E9LPH-C ITT-TD1E9LPH-C Datasheet
81Kb / 3P
   Filter Connectors
TPVOC24B61TPN ITT-TPVOC24B61TPN Datasheet
189Kb / 5P
   1 Filter Connectors
logo
List of Unclassifed Man...
ARINC404 ETC2-ARINC404 Datasheet
967Kb / 2P
   ARINC Filter Connectors
logo
Glenair, Inc.
240-032-1-9PPA GLENAIR-240-032-1-9PPA Datasheet
475Kb / 2P
   Micro-D Filter Connectors
240-033-1-9P GLENAIR-240-033-1-9P Datasheet
380Kb / 2P
   Micro-D Filter Connectors
240-031-1-25PP GLENAIR-240-031-1-25PP Datasheet
426Kb / 4P
   Micro-D Filter Connectors
240-030 GLENAIR-240-030 Datasheet
152Kb / 2P
   Micro-D Filter Connectors
240-034-1-9PC GLENAIR-240-034-1-9PC_08 Datasheet
499Kb / 4P
   Micro-D Filter Connectors
240-030-1-25PP GLENAIR-240-030-1-25PP Datasheet
475Kb / 2P
   Micro-D Filter Connectors
240-034 GLENAIR-240-034 Datasheet
216Kb / 4P
   PCB Micro-D Filter Connectors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com