Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TKJL7E11BITN Datasheet(PDF) 1 Page - ITT Industries

Part # TKJL7E11BITN
Description  Filter Connectors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

TKJL7E11BITN Datasheet(HTML) 1 Page - ITT Industries

  TKJL7E11BITN Datasheet HTML 1Page - ITT Industries TKJL7E11BITN Datasheet HTML 2Page - ITT Industries TKJL7E11BITN Datasheet HTML 3Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.ittcannon.com
313
Dimensions are shown in inches (millimeters).
Dimensions subject to change.
MIL-C-38999 Series I, II, III, IV Filter Connectors
How to Order - TKJL/TKJ/TKJA/TKJB
FILTER SERIES INDICATOR
T
KJ
L
O
C
A
P
N
L
*
*
*
SERIES PREFIX
MODIFIER
SHELL STYLE
FILTER SERIES INDICATOR
T - Transverse Monolith
KJ - ITT Cannon prefix
C - Solder pot termination
E - P.C. tails
S - Crimp Piggyback
W - Wire wraps
L - 32,000-45,000 PF
M - 8,000-12,000 PF
T - 3,300-5,000 PF
H - 850- 1,300 PF
P-pin; S-socket (Consult factory for availability of
sockets)
N (normal), A, B, C, D
Consult factory for definition and availability
Series I, III and IV:
11, 13, 15, 17, 19, 21, 23, and 25
Series II:
10, 12, 14, 16, 18, 20, 22, and 24
A - Bright cadmium over nickel plate
B - Olive drab cadmium over nickel plate
N - Electroless nickel plate (preferred)
See page 315.
L - Series I scoop-proof shell
(omit if Series II desired)
A - Series III Triple Start Thread
(omit if Series II desired)
B - Series IV - Available in receptacle only
(omit if Series II desired)
0 - Wall mounting receptacle (front panel
mounting)
2 - Box mounting (front panel mounting)
3 - Wall mounting (black panel mounting)
5 - Box mounting receptacle (back panel
mounting)
7 - Jam nut receptacle
1) Backshell thread and teeth.
Series I and II - Provided only on shell types indicated on dimension sheets.
Series III - No threads or teeth provided.
Series IV - Provided with threads and teeth.
2) Hermetic versions of the filter connectors can be provided. Consult ITT Cannon for availability.
3) Series III and IV can only be shell style 0 or 7.
NOTES:
SERIES PREFIX
MODIFIER
SHELL STYLE
TERMINATION
TERMINATION
SHELL SIZE
SHELL SIZE
HARDWARE FINISH
HARDWARE FINISH
CONTACT ARRANGEMENTS
CONTACT ARRANGEMENTS
CAPACITANCE INDICATOR
CONTACT TYPE
ALTERNATE SHELL POSITION
SPECIAL MODIFIERS
CAPACITANCE INDICATOR*
CONTACT TYPE
ALTERNATE SHELL POSITION
SPECIAL MODIFIERS
Note: The TKJ replaces the obsolete KJJ Series
These miniature circular filter connectors are de-
signed to combine the functions of a standard
electrical connector and a feed-thru filter into one
compact package. They are designed to meet the
applicable
portions
of
military
specification
MIL-C-38999 series I, II, III and IV. These connec-
tors feature arrangements that will accommodate
up to 12B contacts. Contsult factory for socket
versions.
For detailed dimensional information, request a
copy of the ITT Cannon Filter Connectors catalog.


Similar Part No. - TKJL7E11BITN

ManufacturerPart #DatasheetDescription
logo
ITT Industries
TKJL ITT-TKJL Datasheet
112Kb / 2P
   Filter; Avionics Communication Computer Telemetry Systems
More results

Similar Description - TKJL7E11BITN

ManufacturerPart #DatasheetDescription
logo
ITT Industries
TD1E9LPH-C ITT-TD1E9LPH-C Datasheet
81Kb / 3P
   Filter Connectors
TPVOC24B61TPN ITT-TPVOC24B61TPN Datasheet
189Kb / 5P
   1 Filter Connectors
logo
List of Unclassifed Man...
ARINC404 ETC2-ARINC404 Datasheet
967Kb / 2P
   ARINC Filter Connectors
logo
Glenair, Inc.
240-032-1-9PPA GLENAIR-240-032-1-9PPA Datasheet
475Kb / 2P
   Micro-D Filter Connectors
240-033-1-9P GLENAIR-240-033-1-9P Datasheet
380Kb / 2P
   Micro-D Filter Connectors
240-031-1-25PP GLENAIR-240-031-1-25PP Datasheet
426Kb / 4P
   Micro-D Filter Connectors
240-030 GLENAIR-240-030 Datasheet
152Kb / 2P
   Micro-D Filter Connectors
240-034-1-9PC GLENAIR-240-034-1-9PC_08 Datasheet
499Kb / 4P
   Micro-D Filter Connectors
240-030-1-25PP GLENAIR-240-030-1-25PP Datasheet
475Kb / 2P
   Micro-D Filter Connectors
240-034 GLENAIR-240-034 Datasheet
216Kb / 4P
   PCB Micro-D Filter Connectors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com