Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HC151N Datasheet(PDF) 3 Page - Motorola, Inc

Part # MC74HC151N
Description  8-INPUT DATA SELECTOR / MULTIPLEXER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74HC151N Datasheet(HTML) 3 Page - Motorola, Inc

  MC74HC151N Datasheet HTML 1Page - Motorola, Inc MC74HC151N Datasheet HTML 2Page - Motorola, Inc MC74HC151N Datasheet HTML 3Page - Motorola, Inc MC74HC151N Datasheet HTML 4Page - Motorola, Inc MC74HC151N Datasheet HTML 5Page - Motorola, Inc MC74HC151N Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MC74HC151
High–Speed CMOS Logic Data
DL129 — Rev 6
3
MOTOROLA
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, Input tr = tf = 6 ns)
Symbol
Parameter
VCC
V
Guaranteed Limit
Unit
Symbol
Parameter
VCC
V
– 55 to
25
_C
v 85_C
v 125_C
Unit
tPLH,
tPHL
Maximum Propagation Delay, Input D to Output Y or Y
(Figures 1, 3 and 6)
2.0
4.5
6.0
185
37
31
230
46
39
280
56
48
ns
tPLH,
tPHL
Maximum Propagation Delay, Input A to Output Y or Y
(Figures 2 and 6)
2.0
4.5
6.0
205
41
35
255
51
43
310
62
53
ns
tPLH,
tPHL
Maximum Propagation Delay, Strobe to Output Y or Y
(Figures 4, 5 and 6)
2.0
4.5
6.0
125
25
21
155
31
26
190
38
32
ns
tTLH,
tTHL
Maximum Output Transition Time, Any Output
(Figures 1 and 6)
2.0
4.5
6.0
75
15
13
95
19
16
110
22
19
ns
Cin
Maximum Input Capacitance
10
10
10
pF
NOTES:
1. For propagation delays with loads other than 50 pF, see Chapter 2 of the Motorola High–Speed CMOS Data Book (DL129/D).
2. Information on typical parametric values can be found in Chapter 2 of the Motorola High–Speed CMOS Data Book (DL129/D).
CPD
Power Dissipation Capacitance (Per Package)*
Typical @ 25
°C, VCC = 5.0 V
pF
CPD
Power Dissipation Capacitance (Per Package)*
36
pF
* Used to determine the no–load dynamic power consumption: PD = CPD VCC2f + ICC VCC. For load considerations, see Chapter 2 of the
Motorola High–Speed CMOS Data Book (DL129/D).
PIN DESCRIPTIONS
INPUTS
D0, D1,
… , D7 (Pins 4, 3, 2, 1, 15, 14, 13, 12)
Data inputs. Data on any one of these eight binary inputs
may be selected to appear on the output.
CONTROL INPUTS
A0, A1, A2 (Pins 11, 10, 9)
Address inputs. The data on these pins are the binary ad-
dress of the selected input (see the Function Table).
Strobe (Pin 7)
Strobe. This input pin must be at a low level for the se-
lected data to appear at the outputs. If the Strobe pin is high,
the Y output is forced to a low level and the Y output is forced
to a high level.
OUTPUTS
Y, Y (Pins 5, 6)
Data outputs. The selected data is presented at these pins
in both true (Y output) and complemented (Y output) forms.


Similar Part No. - MC74HC151N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC151A ONSEMI-MC74HC151A Datasheet
97Kb / 7P
   8-Input Data Selector/Multiplexer
June, 2015 ??Rev. 3
MC74HC151ADG ONSEMI-MC74HC151ADG Datasheet
97Kb / 7P
   8-Input Data Selector/Multiplexer
June, 2015 ??Rev. 3
MC74HC151ADR2G ONSEMI-MC74HC151ADR2G Datasheet
97Kb / 7P
   8-Input Data Selector/Multiplexer
June, 2015 ??Rev. 3
MC74HC151ADTG ONSEMI-MC74HC151ADTG Datasheet
97Kb / 7P
   8-Input Data Selector/Multiplexer
June, 2015 ??Rev. 3
MC74HC151ADTR2G ONSEMI-MC74HC151ADTR2G Datasheet
97Kb / 7P
   8-Input Data Selector/Multiplexer
June, 2015 ??Rev. 3
More results

Similar Description - MC74HC151N

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74HC151 SLS-SL74HC151 Datasheet
57Kb / 5P
   8-Input Data Selector/Multiplexer
logo
Integral Corp.
IN74HC151 INTEGRAL-IN74HC151 Datasheet
160Kb / 5P
   8-INPUT DATA SELECTOR/MULTIPLEXER
logo
ON Semiconductor
MC74HC151A ONSEMI-MC74HC151A Datasheet
97Kb / 7P
   8-Input Data Selector/Multiplexer
June, 2015 ??Rev. 3
logo
Integral Corp.
IN74ACT151 INTEGRAL-IN74ACT151 Datasheet
194Kb / 5P
   8-INPUT DATA SELECTOR/MULTIPLEXER
logo
ON Semiconductor
MC74HC251ADG ONSEMI-MC74HC251ADG Datasheet
146Kb / 9P
   8-Input Data Selector Multiplexer with
January, 2010 ??Rev. 0
logo
Integral Corp.
IN74ACT251 INTEGRAL-IN74ACT251 Datasheet
192Kb / 5P
   8-INPUT DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
logo
Motorola, Inc
MC54-74HC251 MOTOROLA-MC54-74HC251 Datasheet
213Kb / 7P
   8-Input Data Selector/Multiplexer with 3-State Outputs
logo
System Logic Semiconduc...
SL74HC251 SLS-SL74HC251 Datasheet
52Kb / 5P
   8-Input Data Selector/Multiplexer with 3-State Outputs
logo
Integral Corp.
IN74HC251A INTEGRAL-IN74HC251A Datasheet
148Kb / 5P
   8-INPUT DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
logo
Motorola, Inc
MC74HC153 MOTOROLA-MC74HC153 Datasheet
180Kb / 5P
   Dual 4-Input Data Selector/Multiplexer
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com