Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8482IB Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # ADS8482IB
Description  18-BIT, 1-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS8482IB Datasheet(HTML) 3 Page - Burr-Brown (TI)

  ADS8482IB Datasheet HTML 1Page - Burr-Brown (TI) ADS8482IB Datasheet HTML 2Page - Burr-Brown (TI) ADS8482IB Datasheet HTML 3Page - Burr-Brown (TI) ADS8482IB Datasheet HTML 4Page - Burr-Brown (TI) ADS8482IB Datasheet HTML 5Page - Burr-Brown (TI) ADS8482IB Datasheet HTML 6Page - Burr-Brown (TI) ADS8482IB Datasheet HTML 7Page - Burr-Brown (TI) ADS8482IB Datasheet HTML 8Page - Burr-Brown (TI) ADS8482IB Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
www.ti.com
SPECIFICATIONS
ADS8482
SLAS386A – JULY 2005 – REVISED JUNE 2006
T
A = –40°C to 85°C, +VA = 5 V, +VBD = 3 V or 5 V, Vref = 4.096 V, fSAMPLE = 1 MSPS (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUT
Full-scale input voltage(1)
+IN – (–IN)
–Vref
Vref
V
+IN
–0.2
Vref + 0.2
Absolute input voltage
V
–IN
–0.2
Vref + 0.2
Common-mode input range
(Vref)/2 – 0.2
(Vref)/2
(Vref)/2 + 0.2
V
Input capacitance
65
pF
Input leakage current
1
nA
SYSTEM PERFORMANCE
Resolution
18
Bits
ADS8482I
18
No missing codes
Bits
ADS8482IB
18
ADS8482I
–4
±1.2
4
LSB
Integral linearity (2)
(18 bit)(3)
ADS8482IB
–2.5
±1.2
2.5
ADS8482I
–1
–0.6/0.75
1.5
LSB
Differential linearity
(18 bit)
ADS8482IB
–1
–0.6/0.75
1.5
ADS8482I
–0.5
±0.05
0.5
Offset error(4)
mV
ADS8482IB
–0.5
±0.05
0.5
ADS8482I
±0.05
Offset error temperature drift
ppm/
°C
ADS8482IB
±0.05
ADS8482I
Vref = 4.096 V
–0.1
±0.035
0.1
%FS
Gain error(4)(5)
ADS8482IB
Vref = 4.096 V
–0.1
±0.035
0.1
%FS
ADS8482I
±0.5
Gain error temperature drift
ppm/
°C
ADS8482IB
±0.5
At dc (
±0.2 V around V
ref/2)
60
Common-mode rejection ratio
dB
+IN – (–IN) = 1 Vpp at 1 MHz
55
Noise
25
µV RMS
Power supply rejection ratio
At 1FFFFh output code
60
dB
SAMPLING DYNAMICS
Conversion time
625
650
ns
Acquisition time
320
350
ns
Throughput rate
1
MHz
Aperture delay
4
ns
Aperture jitter
5
ps
Step response
150
ns
Over voltage recovery
150
ns
(1)
Ideal input span, does not include gain or offset error.
(2)
This is endpoint INL, not best fit.
(3)
LSB means least significant bit
(4)
Measured relative to an ideal full-scale input [+IN – (–IN)] of 8.192 V
(5)
This specification does not include the internal reference voltage error and drift.
3
Submit Documentation Feedback


Similar Part No. - ADS8482IB

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS8482 BURR-BROWN-ADS8482 Datasheet
1Mb / 30P
   16-BIT, 1-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
More results

Similar Description - ADS8482IB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8484 TI1-ADS8484 Datasheet
1Mb / 32P
[Old version datasheet]   18-BIT, 1.25-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE,REFERENCE
ADS8484 TI1-ADS8484_15 Datasheet
1Mb / 33P
[Old version datasheet]   18-BIT, 1.25-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
logo
Burr-Brown (TI)
ADS8472 BURR-BROWN-ADS8472 Datasheet
1Mb / 30P
   16-BIT, 1-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
logo
Texas Instruments
ADS8422 TI1-ADS8422_14 Datasheet
1Mb / 29P
[Old version datasheet]   16-BIT, 4-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE REFERENCE
logo
Burr-Brown (TI)
ADS8422 BURR-BROWN-ADS8422 Datasheet
1Mb / 25P
   16-BIT, 4-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
logo
Texas Instruments
ADS8422 TI1-ADS8422 Datasheet
1Mb / 29P
[Old version datasheet]   16-BIT, 4-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
logo
Burr-Brown (TI)
ADS8481 BURR-BROWN-ADS8481 Datasheet
921Kb / 31P
   18-BIT, 1-MSPS, PSEUDO-DIFFERENTIAL UNIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
ADS8471 BURR-BROWN-ADS8471 Datasheet
1Mb / 31P
   16-BIT, 1-MSPS, PSEUDO-BIPOLAR, UNIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
logo
Texas Instruments
ADS8471 TI1-ADS8471_15 Datasheet
1Mb / 31P
[Old version datasheet]   16-BIT, 1-MSPS, PSEUDO-BIPOLAR, UNIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
ADS8382 TI1-ADS8382_16 Datasheet
1Mb / 36P
[Old version datasheet]   18-BIT, 600-kHz, FULLY DIFFERENTIAL PSEUDO-BIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com