Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8482IBRGZR Datasheet(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # ADS8482IBRGZR
Description  18-BIT, 1-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS8482IBRGZR Datasheet(HTML) 9 Page - Burr-Brown (TI)

Back Button ADS8482IBRGZR Datasheet HTML 5Page - Burr-Brown (TI) ADS8482IBRGZR Datasheet HTML 6Page - Burr-Brown (TI) ADS8482IBRGZR Datasheet HTML 7Page - Burr-Brown (TI) ADS8482IBRGZR Datasheet HTML 8Page - Burr-Brown (TI) ADS8482IBRGZR Datasheet HTML 9Page - Burr-Brown (TI) ADS8482IBRGZR Datasheet HTML 10Page - Burr-Brown (TI) ADS8482IBRGZR Datasheet HTML 11Page - Burr-Brown (TI) ADS8482IBRGZR Datasheet HTML 12Page - Burr-Brown (TI) ADS8482IBRGZR Datasheet HTML 13Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
4.09713
4.09714
4.09715
4.09716
4.09717
4.09718
4.09719
4.0972
4.75
4.85
4.95
5.05
5.15
5.25
SupplyVoltage-V
T
=25°C
A
0
6
196
1474
3615
2383
481
36
1
0
0
500
1000
1500
2000
2500
3000
3500
4000
-4
-3
-2
-1
0
1
2
3
4
5
OutputCode
+VA =5V,
+VBD=5V,
T =25C,
f =1MSPS,
V =4.096V,
Input=Midscale
A
i
ref
4.095
4.0955
4.096
4.0965
4.097
4.0975
4.098
-40
-25
-10
5
20
35
50
65
80
T -Free-AirTemperature-°C
A
+VA =5V,
+VBD=5V
ADS8482
SLAS386A – JULY 2005 – REVISED JUNE 2006
TERMINAL FUNCTIONS (continued)
NAME
NO
I/O
DESCRIPTION
DB8
39
O
D8
All ones
All ones
D8
All ones
D8
DB7
40
O
D7
All ones
All ones
D7
All ones
D7
DB6
41
O
D6
All ones
All ones
D6
All ones
D6
DB5
42
O
D5
All ones
All ones
D5
All ones
D5
DB4
43
O
D4
All ones
All ones
D4
All ones
D4
DB3
44
O
D3
All ones
All ones
D3
D1
D3
DB2
45
O
D2
All ones
All ones
D2
D0 (LSB)
D2
DB1
46
O
D1
All ones
All ones
D1
All ones
D1
DB0
47
O
D0 (LSB)
All ones
All ones
D0 (LSB)
All ones
D0 (LSB)
–IN
19
I
Inverting input channel
+IN
18
I
Noninverting input channel
NC
15
No connection
REFIN
13
I
Reference input
REFOUT
14
O
Reference output. Add 1-
µF capacitor between the REFOUT pin and REFM pin when internal reference is used.
REFM
11, 12
I
Reference ground
Synchronization pulse for the parallel output. When CS is low, this serves as output enable and puts the previous
RD
5
I
conversion results on the bus.
7, 10, 16,
+VA
Analog power supplies, 5-V DC
21, 22, 25
+VBD
1, 36
Digital power supply for bus
INTERNAL REFERENCE VOLTAGE
INTERNAL REFERENCE VOLTAGE
DC HISTOGRAM
vs
vs
(8192 Conversion Outputs)
FREE-AIR TEMPERATURE
SUPPLY VOLTAGE
Figure 1.
Figure 2.
Figure 3.
9
Submit Documentation Feedback


Similar Part No. - ADS8482IBRGZR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS8482 BURR-BROWN-ADS8482 Datasheet
1Mb / 30P
   16-BIT, 1-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
More results

Similar Description - ADS8482IBRGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8484 TI1-ADS8484 Datasheet
1Mb / 32P
[Old version datasheet]   18-BIT, 1.25-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE,REFERENCE
ADS8484 TI1-ADS8484_15 Datasheet
1Mb / 33P
[Old version datasheet]   18-BIT, 1.25-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
logo
Burr-Brown (TI)
ADS8472 BURR-BROWN-ADS8472 Datasheet
1Mb / 30P
   16-BIT, 1-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
logo
Texas Instruments
ADS8422 TI1-ADS8422_14 Datasheet
1Mb / 29P
[Old version datasheet]   16-BIT, 4-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE REFERENCE
logo
Burr-Brown (TI)
ADS8422 BURR-BROWN-ADS8422 Datasheet
1Mb / 25P
   16-BIT, 4-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
logo
Texas Instruments
ADS8422 TI1-ADS8422 Datasheet
1Mb / 29P
[Old version datasheet]   16-BIT, 4-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
logo
Burr-Brown (TI)
ADS8481 BURR-BROWN-ADS8481 Datasheet
921Kb / 31P
   18-BIT, 1-MSPS, PSEUDO-DIFFERENTIAL UNIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
ADS8471 BURR-BROWN-ADS8471 Datasheet
1Mb / 31P
   16-BIT, 1-MSPS, PSEUDO-BIPOLAR, UNIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
logo
Texas Instruments
ADS8471 TI1-ADS8471_15 Datasheet
1Mb / 31P
[Old version datasheet]   16-BIT, 1-MSPS, PSEUDO-BIPOLAR, UNIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
ADS8382 TI1-ADS8382_16 Datasheet
1Mb / 36P
[Old version datasheet]   18-BIT, 600-kHz, FULLY DIFFERENTIAL PSEUDO-BIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com