Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8482IRGZT Datasheet(PDF) 10 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # ADS8482IRGZT
Description  18-BIT, 1-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS8482IRGZT Datasheet(HTML) 10 Page - Burr-Brown (TI)

Back Button ADS8482IRGZT Datasheet HTML 6Page - Burr-Brown (TI) ADS8482IRGZT Datasheet HTML 7Page - Burr-Brown (TI) ADS8482IRGZT Datasheet HTML 8Page - Burr-Brown (TI) ADS8482IRGZT Datasheet HTML 9Page - Burr-Brown (TI) ADS8482IRGZT Datasheet HTML 10Page - Burr-Brown (TI) ADS8482IRGZT Datasheet HTML 11Page - Burr-Brown (TI) ADS8482IRGZT Datasheet HTML 12Page - Burr-Brown (TI) ADS8482IRGZT Datasheet HTML 13Page - Burr-Brown (TI) ADS8482IRGZT Datasheet HTML 14Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
www.ti.com
39
40
41
42
43
44
45
46
250
500
750
1000
SampleRate-KSPS
+VA =5V,
+VBD=5V,
T
=25°C,
V
=4.096V
A
ref
44
44.4
44.8
45.2
45.6
46
4.75
4.85
4.95
5.05
5.15
5.25
SupplyVoltage-V
T
=25C,
f =1MSPS,
V
=4.096V
A
i
ref
44
44.4
44.8
45.2
45.6
46
-40
-25
-10
5
20
35
50
65
80
T
-Free-AirTemperature-°C
A
+VA =5V,
+VBD=5V,
f =1MSPS,
V
=4.096V
i
ref
-1
-0.50
0
0.50
1
1.50
4.75
4.95
5.15
SupplyVoltage-V
Max
Min
+VA =5V,
+VBD=5V,
T
=25°C,
f =1MSPS,
V
=4.096V,
A
i
ref
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
2.5
-40
-25
-10
5
20
35
50
65
80
T
-Free-AirTemperature-°C
A
Min
Max
+VA =5V,
+VBD=5V,
f =1MSPS,
V
=4.096V
i
ref
-1
-0.50
0
0.50
1
1.50
-40
-25
-10
5
20
35
50
65
80
T
-Free-AirTemperature-°C
A
+VA =5V,
+VBD=5V,
f =1MSPS,
V
=4.096V
i
ref
Max
Min
-2.50
-2
-1.50
-1
-0.50
0
0.50
1
1.50
2
2.50
3
3.2
3.4
3.6
3.8
4
4.2
ReferenceVoltage-V
Max
Min
V
=5V,
T
=25°C,
f =1MSPS
DD
A
i
-2.50
-2
-1.50
-1
-0.50
0
0.50
1
1.50
2
2.50
4.75
4.85
4.95
5.05
5.15
5.25
SupplyVoltage-V
Max
Min
+VA =5V,
+VBD=5V,
T
=25°C,
f =1MSPS,
V
=4.096V,
A
i
ref
-1
-0.50
0
0.50
1
1.50
3
3.2
3.4
3.6
3.8
4
4.2
ReferenceVoltage-V
Max
Min
V
=5V,
T
=25°C,
f =1MSPS
DD
A
i
ADS8482
SLAS386A – JULY 2005 – REVISED JUNE 2006
TYPICAL CHARACTERISTICS (continued)
SUPPLY CURRENT
SUPPLY CURRENT
SUPPLY CURRENT
vs
vs
vs
FREE-AIR TEMPERATURE
SUPPLY VOLTAGE
SAMPLE RATE
Figure 4.
Figure 5.
Figure 6.
DIFFERENTIAL NONLINEARITY
INTEGRAL NONLINEARITY
DIFFERENTIAL NONLINEARITY
vs
vs
vs
FREE-AIR TEMPERATURE
FREE-AIR TEMPERATURE
SUPPLY VOLTAGE
Figure 7.
Figure 8.
Figure 9.
INTEGRAL NONLINEARITY
DIFFERENTIAL NONLINEARITY
INTEGRAL NONLINEARITY
vs
vs
vs
SUPPLY VOLTAGE
REFERENCE VOLTAGE
REFERENCE VOLTAGE
Figure 10.
Figure 11.
Figure 12.
10
Submit Documentation Feedback


Similar Part No. - ADS8482IRGZT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS8482 BURR-BROWN-ADS8482 Datasheet
1Mb / 30P
   16-BIT, 1-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
More results

Similar Description - ADS8482IRGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8484 TI1-ADS8484 Datasheet
1Mb / 32P
[Old version datasheet]   18-BIT, 1.25-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE,REFERENCE
ADS8484 TI1-ADS8484_15 Datasheet
1Mb / 33P
[Old version datasheet]   18-BIT, 1.25-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
logo
Burr-Brown (TI)
ADS8472 BURR-BROWN-ADS8472 Datasheet
1Mb / 30P
   16-BIT, 1-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
logo
Texas Instruments
ADS8422 TI1-ADS8422_14 Datasheet
1Mb / 29P
[Old version datasheet]   16-BIT, 4-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE REFERENCE
logo
Burr-Brown (TI)
ADS8422 BURR-BROWN-ADS8422 Datasheet
1Mb / 25P
   16-BIT, 4-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
logo
Texas Instruments
ADS8422 TI1-ADS8422 Datasheet
1Mb / 29P
[Old version datasheet]   16-BIT, 4-MSPS, PSEUDO-BIPOLAR, FULLY DIFFERENTIAL INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE, REFERENCE
logo
Burr-Brown (TI)
ADS8481 BURR-BROWN-ADS8481 Datasheet
921Kb / 31P
   18-BIT, 1-MSPS, PSEUDO-DIFFERENTIAL UNIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
ADS8471 BURR-BROWN-ADS8471 Datasheet
1Mb / 31P
   16-BIT, 1-MSPS, PSEUDO-BIPOLAR, UNIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
logo
Texas Instruments
ADS8471 TI1-ADS8471_15 Datasheet
1Mb / 31P
[Old version datasheet]   16-BIT, 1-MSPS, PSEUDO-BIPOLAR, UNIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE
ADS8382 TI1-ADS8382_16 Datasheet
1Mb / 36P
[Old version datasheet]   18-BIT, 600-kHz, FULLY DIFFERENTIAL PSEUDO-BIPOLAR INPUT, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com