Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29GL256N11TFIV20 Datasheet(PDF) 3 Page - SPANSION

Part # S29GL256N11TFIV20
Description  3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL256N11TFIV20 Datasheet(HTML) 3 Page - SPANSION

  S29GL256N11TFIV20 Datasheet HTML 1Page - SPANSION S29GL256N11TFIV20 Datasheet HTML 2Page - SPANSION S29GL256N11TFIV20 Datasheet HTML 3Page - SPANSION S29GL256N11TFIV20 Datasheet HTML 4Page - SPANSION S29GL256N11TFIV20 Datasheet HTML 5Page - SPANSION S29GL256N11TFIV20 Datasheet HTML 6Page - SPANSION S29GL256N11TFIV20 Datasheet HTML 7Page - SPANSION S29GL256N11TFIV20 Datasheet HTML 8Page - SPANSION S29GL256N11TFIV20 Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 100 page
background image
Publication Number S29GL-N_00
Revision B Amendment 3 Issue Date October 13, 2006
Distinctive Characteristics
Architectural Advantages
Single power supply operation
— 3 volt read, erase, and program operations
Enhanced VersatileI/O™ control
— All input levels (address, control, and DQ input levels)
and outputs are determined by voltage on VIO input.
VIO range is 1.65 to VCC
Manufactured on 110 nm MirrorBit process
technology
Secured Silicon Sector region
— 128-word/256-byte sector for permanent, secure
identification through an 8-word/16-byte random
Electronic Serial Number, accessible through a
command sequence
— May be programmed and locked at the factory or by
the customer
Flexible sector architecture
— S29GL512N: Five hundred twelve 64 Kword (128
Kbyte) sectors
— S29GL256N: Two hundred fifty-six 64 Kword (128
Kbyte) sectors
— S29GL128N: One hundred twenty-eight 64 Kword
(128 Kbyte) sectors
Compatibility with JEDEC standards
— Provides pinout and software compatibility for
single-power supply flash, and superior inadvertent
write protection
100,000 erase cycles per sector typical
20-year data retention typical
Performance Characteristics
High performance
— 90 ns access time (S29GL128N, S29GL256N)
—100 ns (S29GL512N)
— 8-word/16-byte page read buffer
— 25 ns page read times
— 16-word/32-byte write buffer reduces overall
programming time for multiple-word updates
Low power consumption (typical values at 3.0 V, 5
MHz)
— 25 mA typical active read current;
— 50 mA typical erase/program current
— 1 µA typical standby mode current
Package options
—56-pin TSOP
— 64-ball Fortified BGA
Software & Hardware Features
Software features
— Program Suspend and Resume: read other sectors
before programming operation is completed
— Erase Suspend and Resume: read/program other
sectors before an erase operation is completed
— Data# polling and toggle bits provide status
— Unlock Bypass Program command reduces overall
multiple-word programming time
— CFI (Common Flash Interface) compliant: allows host
system to identify and accommodate multiple flash
devices
Hardware features
— Advanced Sector Protection
— WP#/ACC input accelerates programming time
(when high voltage is applied) for greater throughput
during system production. Protects first or last sector
regardless of sector protection settings
— Hardware reset input (RESET#) resets device
— Ready/Busy# output (RY/BY#) detects program or
erase cycle completion
S29GL-N
MirrorBit™ Flash Family
S29GL512N, S29GL256N, S29GL128N
512 Megabit, 256 Megabit, and 128 Megabit,
3.0 Volt-only Page Mode Flash Memory featuring
110 nm MirrorBit™ Process Technology
Data Sheet
Product Availability Table
Density
Init. Access
VCC
Availability
512 Mb
110 ns
Full
Now
100 ns
Full
Now
256 Mb
110 ns
Full
Now
100 ns
Full
Now
90 ns
Regulated
Now
128 Mb
110 ns
Full
Now
100 ns
Full
Now
90 ns
Regulated
Now


Similar Part No. - S29GL256N11TFIV20

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29GL256N10FAI010 SPANSION-S29GL256N10FAI010 Datasheet
2Mb / 110P
   MirrorBit Flash Family
S29GL256N10FAI013 SPANSION-S29GL256N10FAI013 Datasheet
2Mb / 110P
   MirrorBit Flash Family
S29GL256N10FAI020 SPANSION-S29GL256N10FAI020 Datasheet
2Mb / 110P
   MirrorBit Flash Family
S29GL256N10FAI023 SPANSION-S29GL256N10FAI023 Datasheet
2Mb / 110P
   MirrorBit Flash Family
S29GL256N10FAIV10 SPANSION-S29GL256N10FAIV10 Datasheet
2Mb / 110P
   MirrorBit Flash Family
More results

Similar Description - S29GL256N11TFIV20

ManufacturerPart #DatasheetDescription
logo
SPANSION
S70GL01GN00 SPANSION-S70GL01GN00 Datasheet
1Mb / 83P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
S70GL01GN00 SPANSION-S70GL01GN00_07 Datasheet
1Mb / 83P
   1024 Megabit, 3.0 Volt-only Page Mode Flash Memory Featuring 110 nm MirrorBit??Process Technology
S29GL-P SPANSION-S29GL-P_07 Datasheet
2Mb / 77P
   3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL-P SPANSION-S29GL-P Datasheet
1Mb / 71P
   3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL-N SPANSION-S29GL-N_07 Datasheet
3Mb / 79P
   64 Megabit, 32 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 110 nm MirrorBit Process Technology
S70GL-P SPANSION-S70GL-P Datasheet
455Kb / 13P
   2 Gigabit, 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S70GL02GP SPANSION-S70GL02GP Datasheet
313Kb / 14P
   2 Gigabit, 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GLXXXM SPANSION-S29GLXXXM Datasheet
4Mb / 160P
   3.0 Volt-only Page Mode Flash Memory featuring 0.23 um MirrorBit process technology
S29GL-M SPANSION-S29GL-M Datasheet
4Mb / 116P
   256,128,64,32,Megabit 3.0 Volt-only Page Mode Flash Memory featuring 0.23 關m MirrorBit Process Technology
S29GL032A SPANSION-S29GL032A_07 Datasheet
3Mb / 95P
   64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com