Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX15007 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX15007
Description  40V, Ultra-Low Quiescent-Current Linear Regulators in 6-Pin TDFN/8-Pin SO
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15007 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX15007 Datasheet HTML 6Page - Maxim Integrated Products MAX15007 Datasheet HTML 7Page - Maxim Integrated Products MAX15007 Datasheet HTML 8Page - Maxim Integrated Products MAX15007 Datasheet HTML 9Page - Maxim Integrated Products MAX15007 Datasheet HTML 10Page - Maxim Integrated Products MAX15007 Datasheet HTML 11Page - Maxim Integrated Products MAX15007 Datasheet HTML 12Page - Maxim Integrated Products MAX15007 Datasheet HTML 13Page - Maxim Integrated Products MAX15007 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
40V, Ultra-Low Quiescent-Current
Linear Regulators in 6-Pin TDFN/8-Pin SO
10
______________________________________________________________________________________
Applications Information
Available Output Current Calculation
The MAX15006/MAX15007 provide up to 50mA of con-
tinuous output current. The input voltage range extends
to 40V. Package power dissipation limits the amount of
output current available for a given input/output voltage
and ambient temperature. Figure 4 shows the maximum
allowable power dissipation for these devices to keep the
junction temperature below +150°C. Figure 4 assumes
that the exposed metal pad of the MAX15006/MAX15007
is soldered to 1in2 of PCB copper.
Use Figure 4 to determine the allowable package dissi-
pation for a given ambient temperature. Alternately, use
the following formulas to calculate the allowable pack-
age dissipation. For the TDFN package:
For the SO-EP package:
After determining the allowable package dissipation,
calculate the maximum allowable output current, with-
out exceeding the +150°C junction temperature, using
the following formula:
The above equations do not include the negligible
power dissipation from self-heating due to the IC
ground current.
Example 1 (TDFN Package):
TA = +125°C
VIN = 26V
VOUT = 3.3V
Calculate the maximum allowable package dissipation
at the given temperature as follows:
And establish the maximum output current:
Example 2 (TDFN Package):
TA = +85°C
VIN = 14V
VOUT = 5V
Calculate the maximum allowable package dissipation
at the given temperature as follows:
P
1.9048W
0.0238
W
C
85 C
70 C
1.5478W
D
=−
°
°−
°
() =
I
595.8mW
26V 3.3V
26.2mA
OUT(MAX) =
=
P
1.9048W
0.0238
W
C
125 C
70 C
595.8mW
D
=−
°
°−
°
() =
I
P
VV
50mA
OUT(MAX)
D
IN
OUT
=
PD
.
.
.
=
≤+ °
°
°
()
<
≤ +
°
⎩⎪
⎭⎪
1 8605
70
1 8605
0 0233
70
70
125
W for T
C
W
W
C
x T
C for
C
T
C
A
AA
PD
.
.
.
=
≤+ °
°
°
()
<
≤ +
°
⎩⎪
⎭⎪
1 9048
70
1 9048
0 0238
70
70
125
W for T
C
W
W
C
x T
C for
C
T
C
A
AA
TEMPERATURE (
°C)
140
120
100
40
60
80
20
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
0
0
1.9408W
(6-PIN TDFN)
1.8605W
(8-PIN SO-EP)
DERATE
23.8mW/
°C
DERATE
23.3mW/
°C
Figure 4. Calculated Maximum Power Dissipation vs. Ambient
Temperature


Similar Part No. - MAX15007

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15007 MAXIM-MAX15007 Datasheet
258Kb / 14P
   40V, Ultra-Low Quiescent-Current Linear Regulators in 6-Pin TDFN/8-Pin SO
Rev 2; 11/09
MAX15007 MAXIM-MAX15007 Datasheet
314Kb / 14P
   40V, Ultra-Low Quiescent-Current Linear Regulators in 6-Pin TDFN/8-Pin SO
Rev 5; 11/11
MAX15007 MAXIM-MAX15007 Datasheet
437Kb / 14P
   40V, Ultra-Low Quiescent-Current Linear Regulators in 6-Pin TDFN/8-Pin SO
Rev 6; 1/13
MAX15007AASA++ MAXIM-MAX15007AASA+ Datasheet
258Kb / 14P
   40V, Ultra-Low Quiescent-Current Linear Regulators in 6-Pin TDFN/8-Pin SO
Rev 2; 11/09
MAX15007AASA++ MAXIM-MAX15007AASA+ Datasheet
437Kb / 14P
   40V, Ultra-Low Quiescent-Current Linear Regulators in 6-Pin TDFN/8-Pin SO
Rev 6; 1/13
More results

Similar Description - MAX15007

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15006 MAXIM-MAX15006_09 Datasheet
258Kb / 14P
   40V, Ultra-Low Quiescent-Current Linear Regulators in 6-Pin TDFN/8-Pin SO
Rev 2; 11/09
MAX15006 MAXIM-MAX15006_10 Datasheet
313Kb / 14P
   40V, Ultra-Low Quiescent-Current Linear Regulators in 6-Pin TDFN/8-Pin SO
Rev 3; 12/10
MAX15006 MAXIM-MAX15006_11 Datasheet
313Kb / 14P
   40V, Ultra-Low Quiescent-Current Linear Regulators in 6-Pin TDFN/8-Pin SO
Rev 4; 7/11
MAX15006_1111 MAXIM-MAX15006_1111 Datasheet
314Kb / 14P
   40V, Ultra-Low Quiescent-Current Linear Regulators in 6-Pin TDFN/8-Pin SO
Rev 5; 11/11
MAX15006 MAXIM-MAX15006_13 Datasheet
437Kb / 14P
   40V, Ultra-Low Quiescent-Current Linear Regulators in 6-Pin TDFN/8-Pin SO
Rev 6; 1/13
logo
Monolithic Power System...
MPQ2013-AEC1 MPS-MPQ2013-AEC1 Datasheet
509Kb / 13P
   40V, 150mA, Low Quiescent Current Linear Regulator without EN Pin, MPQ2013A-AEC1 with EN Pin
logo
Intersil Corporation
ISL80136IBEAJZ INTERSIL-ISL80136IBEAJZ Datasheet
500Kb / 10P
   40V, Low Quiescent Current, 50mA Linear Regulator
August 11, 2015
ISL80138 INTERSIL-ISL80138_14 Datasheet
336Kb / 9P
   40V, Low Quiescent Current, 150mA Linear Regulator
January 11, 2012
logo
Monolithic Power System...
MP2013 MPS-MP2013 Datasheet
668Kb / 15P
   40V, 150mA, Low Quiescent Current Linear Regulator
logo
Intersil Corporation
ISL80138 INTERSIL-ISL80138 Datasheet
418Kb / 9P
   40V, Low Quiescent Current, 150mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com