Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX15007AATT+ Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX15007AATT+
Description  40V, Ultra-Low Quiescent-Current Linear Regulators in 6-Pin TDFN/8-Pin SO
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15007AATT+ Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX15007AATT+ Datasheet HTML 3Page - Maxim Integrated Products MAX15007AATT+ Datasheet HTML 4Page - Maxim Integrated Products MAX15007AATT+ Datasheet HTML 5Page - Maxim Integrated Products MAX15007AATT+ Datasheet HTML 6Page - Maxim Integrated Products MAX15007AATT+ Datasheet HTML 7Page - Maxim Integrated Products MAX15007AATT+ Datasheet HTML 8Page - Maxim Integrated Products MAX15007AATT+ Datasheet HTML 9Page - Maxim Integrated Products MAX15007AATT+ Datasheet HTML 10Page - Maxim Integrated Products MAX15007AATT+ Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
40V, Ultra-Low Quiescent-Current
Linear Regulators in 6-Pin TDFN/8-Pin SO
_______________________________________________________________________________________
7
OUTPUT VOLTAGE NOISE
vs. OUTPUT CAPACITANCE
COUT (
μF)
14
12
810
46
2
15
30
45
60
75
90
105
120
135
150
0
022
18
16
20
MAX15006A/MAX15007A
IOUT = 25mA
CLAMPED LOAD DUMP
(IOUT = 0)
MAX15006 toc25
100ms/div
40V
VIN
13.5V
VOUT
AC-COUPLED
20mV/div
Typical Operating Characteristics (continued)
(VIN = 14V, CIN = 0.1µF, COUT = 2.2µF, VEN = VIN, TA = +25°C, unless otherwise noted.)
Pin Description
PIN
MAX15006
MAX15007
TDFN
SO
TDFN
SO
NAME
FUNCTION
1, 2
1
1, 2
1
IN
Regulator Supply Input. Supply voltage ranges from 4V to 40V. Bypass
with a 0.1µF capacitor to GND.
3
2, 3,
4, 6, 7
2, 4, 6, 7
N.C.
No Connection. Not internally connected.
4
5
4
5
GND
Ground
5, 6
8
5, 6
8
OUT
Regulator Output. Bypass OUT to GND with a low-ESR capacitor with a
minimum 2.2µF.
——
3
3
EN
Active-High Enable Input. Force EN high (or connect to VIN) to turn the
regulator on. Pull EN low (or leave unconnected) to place the device in a
low-power shutdown mode. EN is internally pulled down to GND through a
0.5µA sink current.
EP
EP
EP
EP
EP
Exposed Pad. Internally connected to GND. Connect EP to the ground
plane for enhanced thermal performance. Do not use EP as a ground
connection.


Similar Part No. - MAX15007AATT+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15007AATT++ MAXIM-MAX15007AATT+ Datasheet
258Kb / 14P
   40V, Ultra-Low Quiescent-Current Linear Regulators in 6-Pin TDFN/8-Pin SO
Rev 2; 11/09
MAX15007AATT++ MAXIM-MAX15007AATT+ Datasheet
437Kb / 14P
   40V, Ultra-Low Quiescent-Current Linear Regulators in 6-Pin TDFN/8-Pin SO
Rev 6; 1/13
More results

Similar Description - MAX15007AATT+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15006 MAXIM-MAX15006_09 Datasheet
258Kb / 14P
   40V, Ultra-Low Quiescent-Current Linear Regulators in 6-Pin TDFN/8-Pin SO
Rev 2; 11/09
MAX15006 MAXIM-MAX15006_10 Datasheet
313Kb / 14P
   40V, Ultra-Low Quiescent-Current Linear Regulators in 6-Pin TDFN/8-Pin SO
Rev 3; 12/10
MAX15006 MAXIM-MAX15006_11 Datasheet
313Kb / 14P
   40V, Ultra-Low Quiescent-Current Linear Regulators in 6-Pin TDFN/8-Pin SO
Rev 4; 7/11
MAX15006_1111 MAXIM-MAX15006_1111 Datasheet
314Kb / 14P
   40V, Ultra-Low Quiescent-Current Linear Regulators in 6-Pin TDFN/8-Pin SO
Rev 5; 11/11
MAX15006 MAXIM-MAX15006_13 Datasheet
437Kb / 14P
   40V, Ultra-Low Quiescent-Current Linear Regulators in 6-Pin TDFN/8-Pin SO
Rev 6; 1/13
logo
Monolithic Power System...
MPQ2013-AEC1 MPS-MPQ2013-AEC1 Datasheet
509Kb / 13P
   40V, 150mA, Low Quiescent Current Linear Regulator without EN Pin, MPQ2013A-AEC1 with EN Pin
logo
Intersil Corporation
ISL80136IBEAJZ INTERSIL-ISL80136IBEAJZ Datasheet
500Kb / 10P
   40V, Low Quiescent Current, 50mA Linear Regulator
August 11, 2015
ISL80138 INTERSIL-ISL80138_14 Datasheet
336Kb / 9P
   40V, Low Quiescent Current, 150mA Linear Regulator
January 11, 2012
logo
Monolithic Power System...
MP2013 MPS-MP2013 Datasheet
668Kb / 15P
   40V, 150mA, Low Quiescent Current Linear Regulator
logo
Intersil Corporation
ISL80138 INTERSIL-ISL80138 Datasheet
418Kb / 9P
   40V, Low Quiescent Current, 150mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com