Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DN1590 Datasheet(PDF) 2 Page - Supertex, Inc

Part # DN1590
Description  N-Channel Depletion-Mode Vertical DMOS FET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

DN1590 Datasheet(HTML) 2 Page - Supertex, Inc

  DN1590 Datasheet HTML 1Page - Supertex, Inc DN1590 Datasheet HTML 2Page - Supertex, Inc DN1590 Datasheet HTML 3Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
DN1509
Electrical Characteristics (T
A=25°C unless otherwise specified)
Symbol
Parameter
Min
Typ
Max
Units
Conditions
BV
DSX
Drain-to-source breakdown voltage
90
-
-
V
V
GS = -5V, ID = 1.0µA
V
GS(OFF)
Gate-to-source OFF voltage
-1.8
-
-3.5
V
I
D = 10µA
ΔV
GS(OFF)
V
GS(OFF) change with temperature
-
-
4.5
mV/OCV
DS = 15V, ID = 10µA
I
GSS
Gate body leakage
-
-
100
nA
V
GS = ±20V, VDS = 0V
I
D(OFF)
Drain-to-source leakage current
-
-
1.0
µA
V
DS = Max rating, VGS = -5.0V
-
-
1.0
mA
V
DS = 0.8 Max Rating,
V
GS = -5.0V, TA = 125
OC
I
DSS
Saturated drain-to-source current
300
540
-
mA
V
GS = 0V, VDS = 25V
R
DS(ON)
Static drain-to-source ON-state resistance
-
3.2
6.0
Ω
V
GS = 0V, ID = 200mA
ΔR
DS(ON)
Change in R
DS(ON) with temperature
-
-
1.1
%/OCV
GS = 0V, ID = 200mA
G
FS
Forward transconductance
200
-
-
mmho
V
DS = 10V, ID = 200mA
C
ISS
Input capacitance
-
70
150
pF
V
GS = -10V, VDS = 25V,
f = 1MHz
C
OSS
Common source output capacitance
-
20
40
C
RSS
Reverse transfer capacitance
-
6.0
15
t
d(ON)
Turn-ON delay time
-
12
30
ns
V
DD = 25V,
I
D = 100mA,
R
GEN = 25Ω
t
r
Rise time
-
16
45
t
d(OFF)
Turn-OFF delay time
-
15
45
t
f
Fall time
-
25
60
V
SD
Diode forward voltage drop
-
-
1.8
V
V
GS = 0V, ISD = 500mA
t
rr
Reverse recovery time
-
400
-
ns
V
GS = 0V, ISD = 500mA
Notes:
1.All D.C. parameters 100% tested at 25OC unless otherwise stated. (Pulse test: 300µs pulse, 2% duty cycle.)
2.All A.C. parameters sample tested.
Switching Waveforms and Test Circuit
Pulse
Generator
VDD
RL
D.U.T
OUTPUT
0V
-10V
0V
V
DD
t
d(OFF)
Input
Output
t
r
t
f
t
d(ON)
t
(ON)
t
(OFF)
10%
90%
90%
10%
90%
10%
RGEN
Input
Thermal Characteristics
Package
I
D
(continuous)
ID
(pulsed)
Power Dissipation
@T
A = 25
OC
θ
JC
(OC/W)
θ
JA
(OC/W)
I
DR
I
DRM
TO-243AA
360mA
500mA
1.6W
15
78
360mA
500mA
Notes:
† ID (continuous) is limited by max rated T
J of 150
OC.
‡ Mounted on FR4 board, 25mm x 25mm x 1.57mm.


Similar Part No. - DN1590

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DN1509 MICROCHIP-DN1509 Datasheet
394Kb / 12P
   N-Channel, Depletion-Mode, Vertical DMOS FET
07/14/15
DN1509K1-G MICROCHIP-DN1509K1-G Datasheet
394Kb / 12P
   N-Channel, Depletion-Mode, Vertical DMOS FET
07/14/15
DN1509N8-G MICROCHIP-DN1509N8-G Datasheet
394Kb / 12P
   N-Channel, Depletion-Mode, Vertical DMOS FET
07/14/15
More results

Similar Description - DN1590

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
DN2470 SUTEX-DN2470_07 Datasheet
416Kb / 3P
   N-Channel Depletion-Mode Vertical DMOS FET
logo
Clare, Inc.
CPC3703 CLARE-CPC3703_12 Datasheet
112Kb / 5P
   N-Channel Depletion-Mode Vertical DMOS FET
logo
Supertex, Inc
DN3545 SUTEX-DN3545_13 Datasheet
858Kb / 6P
   N-Channel Depletion-Mode Vertical DMOS FET
logo
Microchip Technology
DN2530 MICROCHIP-DN2530 Datasheet
372Kb / 13P
   N-Channel, Depletion-Mode, Vertical DMOS FET
07/14/15
logo
Supertex, Inc
DN3765 SUTEX-DN3765 Datasheet
460Kb / 3P
   N-Channel Depletion-Mode Vertical DMOS FET
DN2470 SUTEX-DN2470 Datasheet
134Kb / 2P
   N-CHANNEL DEPLETION - MODE VERTICAL DMOS FET
DN3765 SUTEX-DN3765_13 Datasheet
568Kb / 3P
   N-Channel Depletion-Mode Vertical DMOS FET
logo
Microchip Technology
DN3525 MICROCHIP-DN3525 Datasheet
451Kb / 14P
   N-Channel Depletion-Mode Vertical DMOS FET
10/25/17
logo
Supertex, Inc
DN3545 SUTEX-DN3545_07 Datasheet
484Kb / 6P
   N-Channel Depletion-Mode Vertical DMOS FET
logo
Microchip Technology
DN2470 MICROCHIP-DN2470 Datasheet
337Kb / 11P
   N-Channel, Depletion-Mode, Vertical DMOS FET
07/14/15
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com