Electronic Components Datasheet Search |
|
S29GL01GP13TAI013 Datasheet(PDF) 8 Page - SPANSION |
|
S29GL01GP13TAI013 Datasheet(HTML) 8 Page - SPANSION |
8 / 71 page 6 S29GL-P MirrorBit TM Flash Family S29GL-P_00_A3 November 21, 2006 Data Sheet (Adv an ce Inf o r m a t io n) 2. Input/Output Descriptions & Logic Symbol Table 2.1 identifies the input and output package connections provided on the device. Table 2.1 Input/Output Descriptions Symbol Type Description A25–A0 Input Address lines for GL01GP A24–A0 for GL512P A23–A0 for GL256P, A22–A0 for GL128P. DQ14–DQ0 I/O Data input/output. DQ15 I/O DQ15: Data input/output in word mode . A-1: LSB address input in byte mode. CE# Input Chip Enable. OE# Input Output Enable. WE# Input Write Enable. VCC Supply Device Power Supply. VIO Supply Versatile IO Input. VSS Supply Ground. NC No Connect Not connected internally. RY/BY# Output Ready/Busy. Indicates whether an Embedded Algorithm is in progress or complete. At VIL, the device is actively erasing or programming. At High Z, the device is in ready. BYTE# Input Selects data bus width. At VIL, the device is in byte configuration and data I/O pins DQ0- DQ7 are active. At VIH, the device is in word configuration and data I/O pins DQ0-DQ15 are active. RESET# Input Hardware Reset. Low = device resets and returns to reading array data. WP#/ACC Input Write Protect/Acceleration Input. At VIL, disables program and erase functions in the outermost sectors. At VHH, accelerates programming; automatically places device in unlock bypass mode. Should be at VIH for all other conditions. RFU Reserved Reserved for future use. |
Similar Part No. - S29GL01GP13TAI013 |
|
Similar Description - S29GL01GP13TAI013 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |