Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAR63V-04W-GS18 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BAR63V-04W-GS18
Description  RF PIN Diodes - Dual, Series in SOT-323
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAR63V-04W-GS18 Datasheet(HTML) 2 Page - Vishay Siliconix

  BAR63V-04W-GS18 Datasheet HTML 1Page - Vishay Siliconix BAR63V-04W-GS18 Datasheet HTML 2Page - Vishay Siliconix BAR63V-04W-GS18 Datasheet HTML 3Page - Vishay Siliconix BAR63V-04W-GS18 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.vishay.com
2
Document Number 85698
Rev. 1.2, 26-Apr-04
VISHAY
BAR63V-04W
Vishay Semiconductors
Typical Characteristics (Tamb = 25 °C unless otherwise specified)
Forward resistance
f = 100 MHz, IF = 1 mA
rf
2.0
f = 100 MHz, IF = 5 mA
rf
1.1
2.0
f = 100 MHz, IF = 10 mA
rf
0.9
Charge carrier life time
IF = 10 mA, IR = 6 mA, iR = 3 mA
trr
115
ns
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Fig. 1 Forward Resistance vs. Forward Current
Fig. 2 Diode Capacitance vs. Reverse Voltage
1
10
100
1000
0.1
1
10
100
R
– Load Resistance (k
Ω)
18341
t
t
Pulse Width = 100 ms
I
= 10 mA
Duty Cycle = 50 %
L
F
rise
fall
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0
4
8
12
16
20
24
28
18333
VR - Reverse V oltage (V)
f=1MHz
Fig. 3 Forward Current vs. Forward Voltage
Fig. 4 Reverse Voltage vs. Reverse Current
0.01
0.10
1.00
10.00
100.00
0.5
0.6
0.7
0.8
0.9
1.0
VF - Forward Voltage(V)
18325
0
20
40
60
80
100
120
0.01
0.1
1.0
10
100
1000
IR - Reverse Current ( µA)
18329


Similar Part No. - BAR63V-04W-GS18

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAR63V-04 VISHAY-BAR63V-04 Datasheet
116Kb / 5P
   RF PIN Diodes - Dual, Series in SOT-23
Rev. 1.3, 15-Apr-05
BAR63V-04-GS08 VISHAY-BAR63V-04-GS08 Datasheet
116Kb / 5P
   RF PIN Diodes - Dual, Series in SOT-23
Rev. 1.3, 15-Apr-05
BAR63V-04-GS18 VISHAY-BAR63V-04-GS18 Datasheet
116Kb / 5P
   RF PIN Diodes - Dual, Series in SOT-23
Rev. 1.3, 15-Apr-05
More results

Similar Description - BAR63V-04W-GS18

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAR64V-04W VISHAY-BAR64V-04W Datasheet
121Kb / 5P
   RF PIN Diodes - Dual, Series in SOT-323
Rev. 1.2, 15-Apr-05
BAR64V-05W-V VISHAY-BAR64V-05W-V_10 Datasheet
94Kb / 5P
   RF PIN Diodes - Dual, Common Cathode in SOT-323
Rev. 1.3, 29-Oct-10
BAR64V-05W VISHAY-BAR64V-05W Datasheet
93Kb / 5P
   RF PIN Diodes - Dual, Common Cathode in SOT-323
Rev. 1.5, 25-Feb-13
BAR63V-06W VISHAY-BAR63V-06W Datasheet
132Kb / 5P
   RF PIN Diodes - Dual, Common Anode in SOT-323
Rev. 1.3, 15-Apr-05
BAR64-05W VISHAY-BAR64-05W Datasheet
110Kb / 5P
   RF PIN Diodes - Dual, Common Cathode in SOT-323
01-Jan-2022
BAR64V-04 VISHAY-BAR64V-04 Datasheet
116Kb / 4P
   RF PIN Diodes - Dual, Series in SOT-23
Rev. 1.2, 26-Apr-04
BAR63V-04 VISHAY-BAR63V-04 Datasheet
116Kb / 5P
   RF PIN Diodes - Dual, Series in SOT-23
Rev. 1.3, 15-Apr-05
BA779-2 VISHAY-BA779-2 Datasheet
98Kb / 4P
   RF PIN Diodes - Dual in SOT-23
Rev. 1.6, 14-Apr-05
BAR63V-03W VISHAY-BAR63V-03W Datasheet
131Kb / 5P
   RF PIN Diode - Single in SOT-323
Rev. 1.3, 15-Apr-05
BA892V-04W VISHAY-BA892V-04W Datasheet
147Kb / 5P
   Band Switching Diodes - Dual, Series in SOT-323
Rev. 1.2, 24-Jun-05
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com