Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHT-LDOS-130 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CHT-LDOS-130
Description  High-Temperature, 2.5V; 3.3V; 5V; 5.5V; 9V; 10V; 12V; 13V or 15V, 1A, Low-Dropout SOI-CMOS Voltage Regulator for symmetrical voltage applications.
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CHT-LDOS-130 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CHT-LDOS-130 Datasheet HTML 1Page - List of Unclassifed Manufacturers CHT-LDOS-130 Datasheet HTML 2Page - List of Unclassifed Manufacturers CHT-LDOS-130 Datasheet HTML 3Page - List of Unclassifed Manufacturers CHT-LDOS-130 Datasheet HTML 4Page - List of Unclassifed Manufacturers CHT-LDOS-130 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CHT-LDOS - Preliminary datasheet
Version 1.0 (17/05/2006)
http://www.cissoid.com
2
Absolute Maximum Ratings
Supply Voltage Vin
-0.3V…40V
Junction Temperature(2) (Tj)
315°C
Power dissipation (3)
ESD Rating (expected)
Human Body Model
>1kV
Operating Conditions
Supply Voltage
1V to 20V dropout(1)
Junction temperature
-30°C to 225°C
Power Dissipation (3)
Electrical Characteristics
Following table is relative to the 5V mode (CHT-LDOS-050).
For other nominal voltage, see notes under this table.
Vin =
Vout + 2V
Parameter
Condition
Min
Typ
Max
Units note
Output voltage
accuracy
IL=10mA
-30°C <Tj <225°C
-2
0
2
%
Output voltage T°
drift
IL=10mA
25°C <Tj <225°C
0
40
80
ppm
(4)
Output voltage line
regulation
dropout=2V to 15V
IL=60mA, -30°C <Tj <225°C
-1
1
mV/V
(5)
Output voltage load
regulation
(i.e. Rout)
IL=10mA to 1A @2V dropout
-30°C <Tj <225°C
0.04
0.1
V/A
(6)
IL
≤400mA, -30°C <Tj <225°C
1
V
(Vin-Vout)
(droupout)
IL=1A, -30°C <Tj <225°C
2
V
Quiescent Ground
Pin current
0 < IL <1A
-30°C
225°C
3.2
2.9
mA
(7)
Power supply
rejection ratio
f=0Hz ..100Hz
Iload=100mA
tbd
dB
(8)
Foldback current
2.5
A
Short-circuit current
20°C <Tj <225°C
300
mA
Output noise
10Hz-10kHz
IL=100mA,
-30°C <Tj
<225°C
tbd
µVRMS
Notes:
(1) Vin max=30V
(2) Above 225°C (Tj), a minimum load current of few mA could be required.
(3) Max Power dissipation depends on packaging. CHT-LDOS in TO-3 or TO-254 packages presents a “junction-to-
case” thermal resistance of maximum 5°C/W (Rth).
(4) ppm are defined as [d(Vout)/d(T)]/Vout. For 5V mode, 40ppm corresponds to 200µV/°C.
(5) Defining “x” as the nominal voltage, the line regulation is better than x/5 mV/V.
(6) This includes the packaging parasitic resistor.
(7) Defining “x” as the nominal voltage, the typical quiescent current at 2V dropout can be approximated as
2.8+x/13 mA @ -30°C and 2.5+x/13 mA at 225°C.
(8) Defining “x” as the nominal voltage, the minimum power supply rejection ratio is …(tbd)….


Similar Part No. - CHT-LDOS-130

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CHT-LD-100 ETC-CHT-LD-100 Datasheet
88Kb / 3P
   High-Temperature, 10V, 1A, Low-Dropout SOI-CMOS Voltage Regulator
More results

Similar Description - CHT-LDOS-130

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CHT-LD-100 ETC-CHT-LD-100 Datasheet
88Kb / 3P
   High-Temperature, 10V, 1A, Low-Dropout SOI-CMOS Voltage Regulator
logo
KEC(Korea Electronics)
KIA7905F KEC-KIA7905F Datasheet
471Kb / 14P
   1A THREE TERMINAL NEGATIVE VOLTAGE REGULATORS -5V, -6V, -8V, -9V, -10V, -12V, -15V, -18V, -20V, -24V
logo
Global Mixed-mode Techn...
G98MXX GMT-G98MXX Datasheet
77Kb / 1P
   5V~12V 1A Low Dropout Regulator
logo
ON Semiconductor
NCP694 ONSEMI-NCP694_11 Datasheet
464Kb / 17P
   1A CMOS Low-Dropout Voltage Regulator
June, 2011 ??Rev. 2
NCP693 ONSEMI-NCP693 Datasheet
599Kb / 12P
   1A CMOS Low-Dropout Voltage Regulator
September, 2009 ??Rev. 0
NCP694 ONSEMI-NCP694 Datasheet
533Kb / 17P
   1A CMOS Low-Dropout Voltage Regulator
January, 2010 ??Rev. 1
logo
First Components Intern...
FGM78R05 FCI-FGM78R05 Datasheet
206Kb / 7P
   1A / 5V Output low dropout voltage regulator;
logo
Mitsubishi Electric Sem...
M5278LXX MITSUBISHI-M5278LXX Datasheet
282Kb / 8P
   (5V,5.6V,8V,9V,10V,12V,15V) 3-TERMINAL FIXED POSITIVE OUTPUT VOLTAGE REGULATOR (WITH FOLD-BACK PROTECTION CIRCUIT)
logo
Renesas Technology Corp
M5278LXX RENESAS-M5278LXX Datasheet
3Mb / 9P
   (5V,5.6V,8V,9V,10V,12V,15V)3-TERMINAL FIXED POSITIVE OUTPUT VOLTAGE REGULATOR(WITH FOLD-BACK PROTECTION CIRCUIT)
logo
National Semiconductor ...
LM3940 NSC-LM3940 Datasheet
291Kb / 11P
   1A Low Dropout Regulator for 5V to 3.3V Conversion
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com