Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOD419 Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AOD419
Description  P-Channel Enhancement Mode Field Effect Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOD419 Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AOD419 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOD419 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOD419 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOD419 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOD419 Datasheet HTML 5Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Symbol
VDS
VGS
IDM
IAR
EAR
TJ, TSTG
Symbol
Typ
Max
16.7
25
40
50
RθJL
2.5
3
Maximum Junction-to-Case
C
Steady-State
°C/W
Thermal Characteristics
Parameter
Units
Maximum Junction-to-Ambient
A
t ≤ 10s
RθJA
°C/W
Maximum Junction-to-Ambient
A
Steady-State
°C/W
W
TA=70°C
1.6
Junction and Storage Temperature Range
-55 to 175
Power Dissipation
A
TA=25°C
PDSM
2.5
A
Repetitive avalanche energy L=0.3mH
C
mJ
Power Dissipation
B
TC=25°C
PD
W
TC=100°C
Avalanche Current
C
Continuous Drain
Current
B,G
Maximum
Units
Parameter
TA=25°C
G
TA=100°C
Absolute Maximum Ratings TA=25°C unless otherwise noted
ID
Gate-Source Voltage
Drain-Source Voltage
-40
Pulsed Drain Current
-20
-18
-60
°C
V
V
±20
25
A
-20
60
50
AOD419
P-Channel Enhancement Mode Field Effect Transistor
Features
VDS (V) = -40V
ID = -20A
(VGS = -10V)
RDS(ON) < 40mΩ (VGS = -10V)
RDS(ON) < 65mΩ (VGS = -4.5V)
General Description
The AOD419 uses advanced trench technology to
provide excellent RDS(ON), low gate charge and low
gate resistance. With the excellent thermal resistance
of the DPAK package, this device is well suited for
high current load applications. Standard Product
AOD419 is Pb-free (meets ROHS & Sony 259
specifications). AOD419L is a Green Product
ordering option. AOD419 and AOD419L are
electrically identical.
G
D
S
TO-252
D-PAK
Top View
Drain Connected
to Tab
G
D
S
Alpha & Omega Semiconductor, Ltd.


Similar Part No. - AOD419

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD4191L AOSMD-AOD4191L Datasheet
526Kb / 6P
   P-Channel Enhancement Mode Field Effect Transistor
More results

Similar Description - AOD419

ManufacturerPart #DatasheetDescription
logo
Chino-Excel Technology
CEM4435A CET-CEM4435A Datasheet
106Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CES2321 CET-CES2321 Datasheet
108Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CED2303 CET-CED2303 Datasheet
140Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CED3423 CET-CED3423 Datasheet
258Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
BSS84W DIODES-BSS84W_1 Datasheet
100Kb / 4P
   P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30205 Rev. 9 - 2
logo
Alpha & Omega Semicondu...
AO6403 AOSMD-AO6403 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AO6419 AOSMD-AO6419 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AO7413 AOSMD-AO7413 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AOU403 AOSMD-AOU403 Datasheet
72Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com