Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRHQ3214 Datasheet(PDF) 1 Page - International Rectifier

Part # IRHQ3214
Description  RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-28)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHQ3214 Datasheet(HTML) 1 Page - International Rectifier

  IRHQ3214 Datasheet HTML 1Page - International Rectifier IRHQ3214 Datasheet HTML 2Page - International Rectifier IRHQ3214 Datasheet HTML 3Page - International Rectifier IRHQ3214 Datasheet HTML 4Page - International Rectifier IRHQ3214 Datasheet HTML 5Page - International Rectifier IRHQ3214 Datasheet HTML 6Page - International Rectifier IRHQ3214 Datasheet HTML 7Page - International Rectifier IRHQ3214 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Absolute Maximum Ratings ( Per Die)
Parameter
Units
ID @ VGS = 12V, TC = 25°C
Continuous Drain Current
1.6
ID @ VGS = 12V, TC = 100°C Continuous Drain Current
1.0
IDM
Pulsed Drain Current ➀
6.4
PD @ TC = 25°C
Max. Power Dissipation
12
W
Linear Derating Factor
0.1
W/°C
VGS
Gate-to-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy ➁
62
mJ
IAR
Avalanche Current ➀
1.6
A
EAR
Repetitive Avalanche Energy ➀
1.2
mJ
dv/dt
Peak Diode Recovery dv/dt ➂
3.5
V/ns
T J
Operating Junction
-55 to 150
TSTG
Storage Temperature Range
Pckg. Mounting Surface Temp.
300 (for 5s)
Weight
0.89 (Typical)
g
Pre-Irradiation
International Rectifier’s RAD-HardTM HEXFET® MOSFET
technology provides high performance power MOSFETs
for space applications. This technology has over a de-
cade of proven performance and reliability in satellite ap-
plications. These devices have been characterized for
both Total Dose and Single Event Effects (SEE). The com-
bination of low RDS(on) and low gate charge reduces the
power losses in switching applications such as DC to DC
converters and motor control. These devices retain all of
the well established advantages of MOSFETs such as
voltage control, fast switching, ease of paralleling and
temperature stability of electrical parameters.
oC
A
RADIATION HARDENED
POWER MOSFET
SURFACE MOUNT (LCC-28)
04/22/03
www.irf.com
1
Features:
n Single Event Effect (SEE) Hardened
n Low RDS(on)
n Low Total Gate Charge
n Proton Tolerant
n Simple Drive Requirements
n Ease of Paralleling
n Hermetically Sealed
n Ceramic Package
n Surface Mount
For footnotes refer to the last page
LCC-28
n Light Weight
Product Summary
Part Number Radiation Level
RDS(on)
ID
IRHQ7214
100K Rads (Si)
2.25
1.6A
IRHQ3214
300K Rads (Si)
2.25
1.6A
IRHQ4214
600K Rads (Si)
2.25
1.6A
IRHQ8214
1000K Rads (Si)
2.25
1.6A
IRHQ7214
250V, QUAD N-CHANNEL
RAD-Hard
HEXFET
®
MOSFET TECHNOLOGY
PD - 93828A


Similar Part No. - IRHQ3214

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHQ3110 IRF-IRHQ3110 Datasheet
128Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-28)
More results

Similar Description - IRHQ3214

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHQ9110 IRF-IRHQ9110 Datasheet
134Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-28)
IRHQ7110 IRF-IRHQ7110 Datasheet
128Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-28)
IRHQ6110 IRF-IRHQ6110 Datasheet
192Kb / 14P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-28)
IRHQ57214SE IRF-IRHQ57214SE Datasheet
178Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-28)
IRHLQ77214 IRF-IRHLQ77214 Datasheet
228Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT (LCC-28)
IRHE7230 IRF-IRHE7230 Datasheet
269Kb / 12P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-18)
IRHE57Z30 IRF-IRHE57Z30 Datasheet
133Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-18)
IRHE57034 IRF-IRHE57034 Datasheet
125Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-18)
IRHE9230 IRF-IRHE9230 Datasheet
109Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-18)
IRHE9130 IRF-IRHE9130 Datasheet
123Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-18)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com