Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRHQ8214 Datasheet(PDF) 7 Page - International Rectifier

Part # IRHQ8214
Description  RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-28)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHQ8214 Datasheet(HTML) 7 Page - International Rectifier

  IRHQ8214 Datasheet HTML 1Page - International Rectifier IRHQ8214 Datasheet HTML 2Page - International Rectifier IRHQ8214 Datasheet HTML 3Page - International Rectifier IRHQ8214 Datasheet HTML 4Page - International Rectifier IRHQ8214 Datasheet HTML 5Page - International Rectifier IRHQ8214 Datasheet HTML 6Page - International Rectifier IRHQ8214 Datasheet HTML 7Page - International Rectifier IRHQ8214 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
www.irf.com
7
Pre-Irradiation
IRHQ7214
QG
QGS
QGD
VG
Charge
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
12 V
Fig 13b. Gate Charge Test Circuit
Fig 13a. Basic Gate Charge Waveform
Fig 12c. Maximum Avalanche Energy
Vs. Drain Current
Fig 12b. Unclamped Inductive Waveforms
Fig 12a. Unclamped Inductive Test Circuit
tp
V (B R)DSS
I AS
R G
IAS
0.01
t p
D.U .T
L
V DS
+
-
VDD
DR IV E R
A
15V
20V
.
25
50
75
100
125
150
0
30
60
90
120
150
Starting T , Junction Temperature ( C)
J
°
ID
TOP
BOTTOM
0.7A
1.0A
1.6A
VGS


Similar Part No. - IRHQ8214

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHQ8110 IRF-IRHQ8110 Datasheet
128Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-28)
More results

Similar Description - IRHQ8214

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHQ9110 IRF-IRHQ9110 Datasheet
134Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-28)
IRHQ7110 IRF-IRHQ7110 Datasheet
128Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-28)
IRHQ6110 IRF-IRHQ6110 Datasheet
192Kb / 14P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-28)
IRHQ57214SE IRF-IRHQ57214SE Datasheet
178Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-28)
IRHLQ77214 IRF-IRHLQ77214 Datasheet
228Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT (LCC-28)
IRHE7230 IRF-IRHE7230 Datasheet
269Kb / 12P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-18)
IRHE57Z30 IRF-IRHE57Z30 Datasheet
133Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-18)
IRHE57034 IRF-IRHE57034 Datasheet
125Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-18)
IRHE9230 IRF-IRHE9230 Datasheet
109Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-18)
IRHE9130 IRF-IRHE9130 Datasheet
123Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-18)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com