Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM8P51E Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FM8P51E
Description  EPROM/ROM-Based 8-Bit Microcontroller
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FM8P51E Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FM8P51E Datasheet HTML 1Page - List of Unclassifed Manufacturers FM8P51E Datasheet HTML 2Page - List of Unclassifed Manufacturers FM8P51E Datasheet HTML 3Page - List of Unclassifed Manufacturers FM8P51E Datasheet HTML 4Page - List of Unclassifed Manufacturers FM8P51E Datasheet HTML 5Page - List of Unclassifed Manufacturers FM8P51E Datasheet HTML 6Page - List of Unclassifed Manufacturers FM8P51E Datasheet HTML 7Page - List of Unclassifed Manufacturers FM8P51E Datasheet HTML 8Page - List of Unclassifed Manufacturers FM8P51E Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
FM8P51
EPROM/ROM-Based 8-Bit Microcontroller
This datasheet contains new product information. Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Rev1.2 Mar 15, 2005
P.1/FM8P51
FEELING
TECHNOLOGY
Devices Included in this Data Sheet:
FM8P51E : EPROM device
FM8P51 : Mask ROM device
FEATURES
Only 47 single word instructions
All instructions are single cycle except for program branches which are two-cycle
13-bit wide instructions
8-bit wide data path
5-level deep hardware stack
4K x 13 bits on chip EPROM/ROM
140 x 8 bits on chip general purpose registers (SRAM)
Operating speed: DC-20 MHz clock input
DC-100 ns instruction cycle
Direct, indirect addressing modes for data accessing
One 8-bit real time clock/counter (Timer0) with 8-bit programmable prescaler
Three 8-bit real time clock/counter (Timer1, Timer2, and Timer3) with period setting
Internal Power-on Reset (POR)
Built-in Low Voltage Detector (LVD) for Brown-out Reset (BOR)
Power-up Reset Timer (PWRT) and Oscillator Start-up Timer(OST)
On chip Watchdog Timer (WDT) with internal oscillator for reliable operation and soft-ware watch-dog
enable/disable control
Five I/O ports (38 I/O pins) with independent direction control
32 programmable pull-high input pins
12 wake-up pins
2 open-drain pins
2 R-option pins
Clock output with high driving ability
19 channels of 15-bit resolution Resistor to Frequency Converter (RFC) output
2 channels of maximum 10-bit resolution Pulse Width Modulation (PWM) output
Built-in 8-bit data comparator
Seven internal interrupt source: Timer0 overflow, Timer1 match, Timer2 match, Timer3 match, SPI module
(Receive & Transmit), RFC module; One external interrupt source: INT pin change
Wake-up from SLEEP by port input change
Power saving SLEEP mode
Programmable Code Protection
Built-in RC oscillator with external resistor
Selectable oscillator options:
- ERC: External Resistor/Capacitor Oscillator
- ERIC: External Resistor/Internal Capacitor Oscillator
- HF: High Frequency Crystal/Resonator Oscillator
- LF: Low Frequency Crystal Oscillator
Wide-operating voltage range:
- EPROM : 2.3V to 5.5V
- ROM : 2.3V to 5.5V


Similar Part No. - FM8P51E

ManufacturerPart #DatasheetDescription
logo
Feeling Technology Corp...
FM8P51EF FEELING-FM8P51EF Datasheet
399Kb / 60P
   EPROM/ROM-Based 8-Bit Microcontroller
FM8P51EP FEELING-FM8P51EP Datasheet
399Kb / 60P
   EPROM/ROM-Based 8-Bit Microcontroller
More results

Similar Description - FM8P51E

ManufacturerPart #DatasheetDescription
logo
Feeling Technology Corp...
FM8PE51 FEELING-FM8PE51 Datasheet
388Kb / 61P
   EPROM/ROM-Based 8-Bit Microcontroller
FM8PE59 FEELING-FM8PE59 Datasheet
404Kb / 64P
   EPROM/ROM-Based 8-Bit Microcontroller
FM8P51 FEELING-FM8P51 Datasheet
399Kb / 60P
   EPROM/ROM-Based 8-Bit Microcontroller
FM8P59 FEELING-FM8P59 Datasheet
336Kb / 49P
   EPROM/ROM-Based 8-Bit Microcontroller
logo
List of Unclassifed Man...
TLC156 ETC1-TLC156 Datasheet
552Kb / 50P
   EPROM/ROM-Based 8-Bit Microcontroller Series
CP8056 ETC2-CP8056 Datasheet
403Kb / 46P
   EPROM/ROM-Based 8-Bit Microcontroller Series
CP80S54 ETC2-CP80S54 Datasheet
484Kb / 47P
   EPROM/ROM-Based 8-Bit Microcontroller Series
FM8P54 ETC2-FM8P54 Datasheet
591Kb / 50P
   EPROM/ROM-Based 8-Bit Microcontroller Series
logo
Feeling Technology Corp...
FM8PE56 FEELING-FM8PE56 Datasheet
295Kb / 44P
   EPROM/ROM-Based 8-Bit Microcontroller Series
logo
Microchip Technology
PIC16C57-XTP MICROCHIP-PIC16C57-XTP Datasheet
2Mb / 192P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
1997-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com