Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM8P51EF Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # FM8P51EF
Description  EPROM/ROM-Based 8-Bit Microcontroller
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FM8P51EF Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  FM8P51EF Datasheet HTML 1Page - List of Unclassifed Manufacturers FM8P51EF Datasheet HTML 2Page - List of Unclassifed Manufacturers FM8P51EF Datasheet HTML 3Page - List of Unclassifed Manufacturers FM8P51EF Datasheet HTML 4Page - List of Unclassifed Manufacturers FM8P51EF Datasheet HTML 5Page - List of Unclassifed Manufacturers FM8P51EF Datasheet HTML 6Page - List of Unclassifed Manufacturers FM8P51EF Datasheet HTML 7Page - List of Unclassifed Manufacturers FM8P51EF Datasheet HTML 8Page - List of Unclassifed Manufacturers FM8P51EF Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 60 page
background image
FM8P51
Rev1.2 Mar 15, 2005
P.5/FM8P51
FEELING
TECHNOLOGY
1.0 MEMORY ORGANIZATION
FM8P51 series memory is organized into program memory and data memory.
1.1 Program Memory Organization
The FM8P51 series have an 12-bit Program Counter capable of addressing a 4K×13 program memory space.
The RESET vector for the FM8P51 series is at FFFh.
The H/W interrupt vector is at 001h. And the S/W interrupt vector is at 002h.
FM8P51 series has program memory size greater than 1K words, but the CALL and GOTO instructions only have a
10-bit address range. This 10-bit address range allows a branch within a 1K program memory page size. To allow
CALL and GOTO instructions to address the entire 4K program memory address range for FM8P51 series, there is
another two bits to specify the program memory page. This paging bit comes from the PG<1:0> bits (STATUS<6:5>).
When doing a CALL or GOTO instruction, the user must ensure that page bit PG<1:0> are programmed so that the
desired program memory page is addressed. When one of the return instructions is executed, the entire 12-bit PC is
POPed from the stack. Therefore, manipulation of the PG <1:0> is not required for the return instructions.
FIGURE 1.1: Program Memory Map and STACK
PC<11:0>
Stack 1
Stack 2
Stack 3
Stack 4
Stack 5
FFFh
Reset Vector
:
:
002h S/W Interrupt Vector
001h H/W Interrupt Vector
000h
FM8P51 Series


Similar Part No. - FM8P51EF

ManufacturerPart #DatasheetDescription
logo
Feeling Technology Corp...
FM8P51EF FEELING-FM8P51EF Datasheet
399Kb / 60P
   EPROM/ROM-Based 8-Bit Microcontroller
More results

Similar Description - FM8P51EF

ManufacturerPart #DatasheetDescription
logo
Feeling Technology Corp...
FM8PE51 FEELING-FM8PE51 Datasheet
388Kb / 61P
   EPROM/ROM-Based 8-Bit Microcontroller
FM8PE59 FEELING-FM8PE59 Datasheet
404Kb / 64P
   EPROM/ROM-Based 8-Bit Microcontroller
FM8P51 FEELING-FM8P51 Datasheet
399Kb / 60P
   EPROM/ROM-Based 8-Bit Microcontroller
FM8P59 FEELING-FM8P59 Datasheet
336Kb / 49P
   EPROM/ROM-Based 8-Bit Microcontroller
logo
List of Unclassifed Man...
TLC156 ETC1-TLC156 Datasheet
552Kb / 50P
   EPROM/ROM-Based 8-Bit Microcontroller Series
CP8056 ETC2-CP8056 Datasheet
403Kb / 46P
   EPROM/ROM-Based 8-Bit Microcontroller Series
CP80S54 ETC2-CP80S54 Datasheet
484Kb / 47P
   EPROM/ROM-Based 8-Bit Microcontroller Series
FM8P54 ETC2-FM8P54 Datasheet
591Kb / 50P
   EPROM/ROM-Based 8-Bit Microcontroller Series
logo
Feeling Technology Corp...
FM8PE56 FEELING-FM8PE56 Datasheet
295Kb / 44P
   EPROM/ROM-Based 8-Bit Microcontroller Series
logo
Microchip Technology
PIC16C57-XTP MICROCHIP-PIC16C57-XTP Datasheet
2Mb / 192P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
1997-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com